Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TE20A1503N01 Datasheet(PDF) 4 Page - SL Power Electronics

Part # TE20A1503N01
Description  15W-20W Single Output External Power
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLPOWER [SL Power Electronics]
Direct Link  http://www.slpower.com/
Logo SLPOWER - SL Power Electronics

TE20A1503N01 Datasheet(HTML) 4 Page - SL Power Electronics

  TE20A1503N01 Datasheet HTML 1Page - SL Power Electronics TE20A1503N01 Datasheet HTML 2Page - SL Power Electronics TE20A1503N01 Datasheet HTML 3Page - SL Power Electronics TE20A1503N01 Datasheet HTML 4Page - SL Power Electronics TE20A1503N01 Datasheet HTML 5Page - SL Power Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
TE20
15W-20W Single Output External Power
Test & Measurement/Industrial Series
www.slpower.com
TE20 Rev 2.7
10-MAY-16
4
Derating Chart:
Connector Information
Standard models include a 2.5 x 5.5 x 9.5mm straight barrel type connector (Ault #3), center positive. Other standard options are listed below.
The “03” in the standard model number is replaced by the applicable digits below:
0
5
10
15
20
25
-20
-10
0
10
20
30
40
50
60
70
Ambient Temperature ͦC
5V
12V-18V
24V
48V


Similar Part No. - TE20A1503N01

ManufacturerPart #DatasheetDescription
logo
SL Power Electronics
TE20A1203B01 SLPOWER-TE20A1203B01 Datasheet
728Kb / 4P
   15W-20W Single Output External Power
TE20A1203C01 SLPOWER-TE20A1203C01 Datasheet
728Kb / 4P
   15W-20W Single Output External Power
TE20A1203F01 SLPOWER-TE20A1203F01 Datasheet
728Kb / 4P
   15W-20W Single Output External Power
TE20A1203N01 SLPOWER-TE20A1203N01 Datasheet
728Kb / 4P
   15W-20W Single Output External Power
TE20A1203Q01 SLPOWER-TE20A1203Q01 Datasheet
728Kb / 4P
   15W-20W Single Output External Power
More results

Similar Description - TE20A1503N01

ManufacturerPart #DatasheetDescription
logo
SL Power Electronics
TE20 SLPOWER-TE20 Datasheet
728Kb / 4P
   15W-20W Single Output External Power
ME20 SLPOWER-ME20_16 Datasheet
592Kb / 5P
   20W Single Output External Power
TE30 SLPOWER-TE30 Datasheet
764Kb / 5P
   20W-30W Single Output External Power
TE30 SLPOWER-TE30_16 Datasheet
757Kb / 5P
   20W-30W Single Output External Power
ME20 SLPOWER-ME20 Datasheet
659Kb / 4P
   20W Single Output External Power Medical Series
logo
Total Power Internation...
NES-15 TOTAL-POWER-NES-15 Datasheet
276Kb / 2P
   15W Single Output Switching Power Supply
logo
Mean Well Enterprises C...
LPV-20 MEANWELL-LPV-20_11 Datasheet
97Kb / 2P
   20W Single Output Switching Power Supply
PLP-20 MEANWELL-PLP-20_12 Datasheet
184Kb / 3P
   20W Single Output LED Power Supply
LPV-20 MEANWELL-LPV-20 Datasheet
144Kb / 2P
   20W Single Output Switching Power Supply
LPV-20 MEANWELL-LPV-20_12 Datasheet
771Kb / 2P
   20W Single Output Swithching Power supply
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com