Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TB65S48K Datasheet(PDF) 3 Page - SL Power Electronics

Part # TB65S48K
Description  65W Single Output
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLPOWER [SL Power Electronics]
Direct Link  http://www.slpower.com/
Logo SLPOWER - SL Power Electronics

TB65S48K Datasheet(HTML) 3 Page - SL Power Electronics

  TB65S48K Datasheet HTML 1Page - SL Power Electronics TB65S48K Datasheet HTML 2Page - SL Power Electronics TB65S48K Datasheet HTML 3Page - SL Power Electronics TB65S48K Datasheet HTML 4Page - SL Power Electronics TB65S48K Datasheet HTML 5Page - SL Power Electronics TB65S48K Datasheet HTML 6Page - SL Power Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
TB65
65W Single Output
Test and Measurement/Industrial Series
www.slpower.com
TB65 REV 2.3
26-SEP-16
3
Auxiliary Signals
DC OK:
During normal operation, this signal is logic
HIGH. Signal will go LOW for output less than
90% (typical) of nominal. Green LED will light
on PCB top side during normal operation.
PSU Temperature
Provides resistive value indicating internal temperature
of power supply. See Temp Sensor Conversion Table
below.
EMI/EMC Compliance
Conducted Emissions
EN55022/CISPR22 Class B, FCC Part 15.107, Class B, 6db margin, typical.
Radiated Emissions
EN55022/CISPR22 Class B, FCC Part 15.109, Class B, 3db margin, typical.
Common Mode Noise: High Frequency
(100Khz -20 Mhz)
<50mA pk-pk, 6mA rms CM current. See Application Note.
Common Mode Noise: Low Frequency
(50-120 Hz)
<50mA pk-pk, 6mA rms CM current. See Application Note.
Static Discharge Immunity
EN55024/IEC61000-4-2, Level 4, 8kV Contact Discharge, 15kV air discharge, Criteria A
Radiated RF Immunity
EN55022/IEC61000-4-3, Level 3, 10V/m, Criteria A
EFT/Burst Immunity
EN55024/IEC61000-4-4, Level 3, 4kV (PS Output), Criteria A; 2kV (signal outputs), Criteria B
Line Surge Immunity
EN55024/IEC61000-4-5, Level 4, 2kV diff., 4kV Common-mode, Criteria A
Conducted RF Immunity
EN55022/IEC61000-4-6, Level 3, 10V/m, Criteria A
Power Frequency Magnetic Field Immunity
EN55024/IEC61000-4-8, Level 4, 30A/m, Criteria A
Voltage Dip Immunity
EN55024/IEC61000-4-11, Dips: 100%, 10ms; 30%, 500ms; 60%, 100ms;
Interruptions: 100%, 5000mS; Performance Criteria A, A, B & B
Line Harmonic Emissions
EN55024/IEC61000-3-2, Class A.
Flicker Test
EN55024/IEC61000-3-3
Notes:
Performance criteria are based on EN55024. According to the standards, performance criteria are defined as following:
A – Normal performance during and after the test
B – Temporary degradation, self-recoverable
C – Temporary degradation, operator intervention required to recover the operation
D – Permanent damage
Isolation Specifications
Parameter
Conditions/Description
Min
Nom
Max
Units
Insulation Safety Rating
Input/Ground
Input/Output
Output/Ground
1900Vac
3000Vac
500Vac
Electric Strength Test Voltage
Input/Ground
Input/Output
Output/Ground
1900
3000
500
-
-
Vac
Vac
Vac


Similar Part No. - TB65S48K

ManufacturerPart #DatasheetDescription
logo
SL Power Electronics
TB65S48K SLPOWER-TB65S48K Datasheet
495Kb / 6P
   65W Single Output Test and Measurement/Industrial Series
More results

Similar Description - TB65S48K

ManufacturerPart #DatasheetDescription
logo
SL Power Electronics
MINT1065 SLPOWER-MINT1065 Datasheet
353Kb / 3P
   65W Single Output Series
MINT1065D SLPOWER-MINT1065D Datasheet
409Kb / 3P
   65W Single Output Series
logo
Total Power Internation...
MPS-65 TOTAL-POWER-MPS-65 Datasheet
343Kb / 2P
   65W Single Output Medical Type
logo
Mean Well Enterprises C...
MPS-65 MEANWELL-MPS-65 Datasheet
335Kb / 2P
   65W Single Output Medical Type
logo
SL Power Electronics
MB65S SLPOWER-MB65S Datasheet
2Mb / 10P
   65W Single Output Medical Series
logo
Mean Well Enterprises C...
MPS-65_1112 MEANWELL-MPS-65_1112 Datasheet
354Kb / 2P
   65W Single Output Medical Type
MPS-65 MEANWELL-MPS-65_11 Datasheet
339Kb / 2P
   65W Single Output Medical Type
RPS-65 MEANWELL-RPS-65 Datasheet
102Kb / 4P
   65W Single Output Medical Type
logo
RSG Electronic Componen...
PS-65 RSG-PS-65 Datasheet
121Kb / 2P
   65W Single Output Switching Power Supply
logo
Astrodyne Corporation
PS65 ASTRODYNE-PS65 Datasheet
323Kb / 4P
   65W Single Output Switching Power Supply
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com