Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TE30A1203B01 Datasheet(PDF) 4 Page - SL Power Electronics

Part # TE30A1203B01
Description  20W-30W Single Output External Power
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLPOWER [SL Power Electronics]
Direct Link  http://www.slpower.com/
Logo SLPOWER - SL Power Electronics

TE30A1203B01 Datasheet(HTML) 4 Page - SL Power Electronics

  TE30A1203B01 Datasheet HTML 1Page - SL Power Electronics TE30A1203B01 Datasheet HTML 2Page - SL Power Electronics TE30A1203B01 Datasheet HTML 3Page - SL Power Electronics TE30A1203B01 Datasheet HTML 4Page - SL Power Electronics TE30A1203B01 Datasheet HTML 5Page - SL Power Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
TE30
20W-30W Single Output External Power
Test & Measurement/Industrial Series
www.slpower.com
TE30 Rev 1.7
2-MAY-16
4
Mechanical Drawing
IEC60320 C14 Receptacle, 2.5 x 5.5 x 9.5mm Barrel Connector
Interchangeable N.A. Blade, 2.5 x 5.5 x 9.5mm barrel connector
Notes:
1. All dimensions in mm.
2. Interchangeable blade models come with North American blade fitted. For other blades (EU, UK, Aust.) order blade kit KT1027K.
3. Cable length for 5V models is 1200 +/- 50mm.
Connector Information
Standard models include a 2.5 x 5.5 x 9.5mm straight barrel type connector (Ault #3), center positive. Other standard options are listed below.
The “03” in the standard model number is replaced by the applicable digits below:
54
55
33.6


Similar Part No. - TE30A1203B01

ManufacturerPart #DatasheetDescription
logo
SL Power Electronics
TE30A1203B01 SLPOWER-TE30A1203B01 Datasheet
764Kb / 5P
   20W-30W Single Output External Power
More results

Similar Description - TE30A1203B01

ManufacturerPart #DatasheetDescription
logo
SL Power Electronics
TE30 SLPOWER-TE30 Datasheet
764Kb / 5P
   20W-30W Single Output External Power
ME20 SLPOWER-ME20_16 Datasheet
592Kb / 5P
   20W Single Output External Power
TE20 SLPOWER-TE20_16 Datasheet
743Kb / 5P
   15W-20W Single Output External Power
TE20 SLPOWER-TE20 Datasheet
728Kb / 4P
   15W-20W Single Output External Power
ME20 SLPOWER-ME20 Datasheet
659Kb / 4P
   20W Single Output External Power Medical Series
ME30 SLPOWER-ME30 Datasheet
696Kb / 4P
   20 to 30W Single Output External Power
ME30 SLPOWER-ME30_16 Datasheet
614Kb / 5P
   20 to 30W Single Output External Power
logo
TDK Electronics
PXE2048WD05 TDK-PXE2048WD05 Datasheet
307Kb / 2P
   Single and Dual Output 20W to 30W DC-DC Converters
logo
Mean Well Enterprises C...
LPV-20 MEANWELL-LPV-20_11 Datasheet
97Kb / 2P
   20W Single Output Switching Power Supply
PLP-20 MEANWELL-PLP-20_12 Datasheet
184Kb / 3P
   20W Single Output LED Power Supply
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com