Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TE10A0503C01 Datasheet(PDF) 1 Page - SL Power Electronics

Part # TE10A0503C01
Description  10W-12W Single Output External Power
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLPOWER [SL Power Electronics]
Direct Link  http://www.slpower.com/
Logo SLPOWER - SL Power Electronics

TE10A0503C01 Datasheet(HTML) 1 Page - SL Power Electronics

  TE10A0503C01 Datasheet HTML 1Page - SL Power Electronics TE10A0503C01 Datasheet HTML 2Page - SL Power Electronics TE10A0503C01 Datasheet HTML 3Page - SL Power Electronics TE10A0503C01 Datasheet HTML 4Page - SL Power Electronics TE10A0503C01 Datasheet HTML 5Page - SL Power Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
TE10
10W-12W Single Output External Power
Test & Measurement/Industrial Series
www.slpower.com
TE10 Rev 2.5 2-MAY-16
1
Features
Meets DoE Efficiency Level VI Requirements
No load input power
Average Efficiency
Up to 12W of AC-DC Power
Universal Input 90-264Vac Input Range
Desktop and Wall-Plug versions
Meets “Heavy Industrial” Levels of EN61000
EMC Requirements
Meets EN55022/CISPR22, FCC Part 15.109
Class B Conducted & Radiated Emissions, with
6db margin
Approved to EN/IEC/UL60950-1, 2
nd Ed., Am.2
E-cap life of >10 years
>1,000,000 Hours MTBF
3 Year Warranty
IP22 Rated Enclosure
Description
A high performance AC to DC external power supply family designed for test & measurement and industrial applications.
Fully compliant with Efficiency Level VI requirements per U.S. Dept. of Energy, and also compliant to the Heavy Industrial
levels of various EN61000-4-x standards for EMC. The TE10A series models also meet Class B conducted and radiated EMI
per FCC Part 15, EN55022, CISPR22. Designed to allow easy integration with test and measurement equipment and other
industrial applications.
Model Selection
Model
Output
Output
Ripple &
Line
Load
Output
Input
Number
Volts
Current
Power
Noise
¹
Regulation
Regulation
Connector
Configuration
TE10A0503F01
5.0V
2.0A
10W
75mV pk-pk
±1%
±5%
2.5 x 5.5 x 9.5mm
Straight Barrel Type,
center positive
Class I Desktop,
IEC60320 C14
Receptacle
TE10A0603F01
5.9V
1.6A
10W
75mV pk-pk
±1%
±5%
TE10A0703F01
7.5V
1.3A
10W
75mV pk-pk
±1%
±5%
TE10A1203F01
12.0V
1.0A
12W
120mV pk-pk
±1%
±5%
TE10A2403F01
24.0V
0.5A
12W
240mV pk-pk
±1%
±5%
TE10A0503N01
5.0V
2.0A
10W
75mV pk-pk
±1%
±5%
2.5 x 5.5 x 9.5mm
Straight Barrel Type,
center positive
Class II Desktop,
IEC60320 C8
Receptacle
TE10A0603N01
5.9V
1.6A
10W
75mV pk-pk
±1%
±5%
TE10A0703N01
7.5V
1.3A
10W
75mV pk-pk
±1%
±5%
TE10A1203N01
12.0V
1.0A
12W
120mV pk-pk
±1%
±5%
TE10A2403N01
24.0V
0.5A
12W
240mV pk-pk
±1%
±5%
TE10A0503Q01
5.0V
2.0A
10W
75mV pk-pk
±1%
±5%
2.5 x 5.5 x 9.5mm
Straight Barrel Type,
center positive
Class II Desktop,
IEC60320 C18
Receptacle
TE10A0603Q01
5.9V
1.6A
10W
75mV pk-pk
±1%
±5%
TE10A0703Q01
7.5V
1.3A
10W
75mV pk-pk
±1%
±5%
TE10A1203Q01
12.0V
1.0A
12W
120mV pk-pk
±1%
±5%
TE10A2403Q01
24.0V
0.5A
12W
240mV pk-pk
±1%
±5%
TE10A0503B01
5.0V
2.0A
10W
75mV pk-pk
±1%
±5%
2.5 x 5.5 x 9.5mm
Straight Barrel Type,
center positive
Class II Wall-Plug,
Interchangeable Blades
(North American Blade
included)
²
TE10A0603B01
5.9V
1.6A
10W
75mV pk-pk
±1%
±5%
TE10A0703B01
7.5V
1.3A
10W
75mV pk-pk
±1%
±5%
TE10A1203B01
12.0V
1.0A
12W
120mV pk-pk
±1%
±5%
TE10A2403B01
24.0V
0.5A
12W
240mV pk-pk
±1%
±5%
TE10A0503C01
5.0V
2.0A
10W
75mV pk-pk
±1%
±5%
2.5 x 5.5 x 9.5mm
Straight Barrel Type,
center positive
Class II Wall-Plug, Fixed
North American Blades³
TE10A0603C01
5.9V
1.6A
10W
75mV pk-pk
±1%
±5%
TE10A0703C01
7.5V
1.3A
10W
75mV pk-pk
±1%
±5%
TE10A1203C01
12.0V
1.0A
12W
120mV pk-pk
±1%
±5%
TE10A2403C01
24.0V
0.5A
12W
240mV pk-pk
±1%
±5%
Notes:
1. Measured at the output connector, with noise probe directly across output and load terminated with 0.1μF ceramic and 10μF low ESR capacitors. For 5V and
6V models, values listed are typical, 100mV pk-pk maximum with 0.1μF ceramic and 47μF low ESR capacitors used at measurement point.
2. Order blade kit KT-1027K for other blades (EU. UK, Australia)
3. For EU fixed blades, replace “C” in the model number with “M”, for UK blades, replace “C” with “G”, for Australia blades, replace “C” with “H”.
4. For Input Class I models: For AC GND connected to output common (-), insert a “B” in the part number where the “A” is located (TE10B0503F01).
5. All specifications are typical at nominal input, full load, at 25
°C ambient unless noted.
LPS


Similar Part No. - TE10A0503C01

ManufacturerPart #DatasheetDescription
logo
SL Power Electronics
TE10A0503C01 SLPOWER-TE10A0503C01 Datasheet
739Kb / 4P
   10W-12W Single Output External Power
More results

Similar Description - TE10A0503C01

ManufacturerPart #DatasheetDescription
logo
SL Power Electronics
ME10 SLPOWER-ME10_16 Datasheet
599Kb / 4P
   10W-12W Single Output External Power
TE10 SLPOWER-TE10 Datasheet
739Kb / 4P
   10W-12W Single Output External Power
ME10 SLPOWER-ME10 Datasheet
655Kb / 4P
   10W-12W Single Output External Power Medical Series
logo
Mean Well Enterprises C...
APC-12 MEANWELL-APC-12 Datasheet
182Kb / 2P
   12W Single Output Switching Power Supply
APV-12 MEANWELL-APV-12_12 Datasheet
790Kb / 2P
   12W Single Output Switching Power Supply
APC-12E MEANWELL-APC-12E Datasheet
75Kb / 3P
   12W Single Output Switching Power Supply
APC-12 MEANWELL-APC-12_12 Datasheet
804Kb / 3P
   12W Single Output Switching Power Supply
APV-12E MEANWELL-APV-12E Datasheet
76Kb / 3P
   12W Single Output Switching Power Supply
APV-12 MEANWELL-APV-12 Datasheet
208Kb / 2P
   12W Single Output Switching Power Supply
logo
SL Power Electronics
ME60 SLPOWER-ME60 Datasheet
707Kb / 4P
   60W Single Output External Power
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com