Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PBO-5-S15 Datasheet(PDF) 2 Page - CUI INC

Part # PBO-5-S15
Description  AC-DC POWER SUPPLY
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

PBO-5-S15 Datasheet(HTML) 2 Page - CUI INC

  PBO-5-S15 Datasheet HTML 1Page - CUI INC PBO-5-S15 Datasheet HTML 2Page - CUI INC PBO-5-S15 Datasheet HTML 3Page - CUI INC PBO-5-S15 Datasheet HTML 4Page - CUI INC PBO-5-S15 Datasheet HTML 5Page - CUI INC PBO-5-S15 Datasheet HTML 6Page - CUI INC PBO-5-S15 Datasheet HTML 7Page - CUI INC PBO-5-S15 Datasheet HTML 8Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
cui.com
date 10/18/2016
│ page 2 of 8
CUI Inc
│ SERIES: PBO-5 │ DESCRIPTION: AC-DC POWER SUPPLY
INPUT
parameter
conditions/description
min
typ
max
units
voltage
85
100
264
400
Vac
Vdc
frequency
47
63
Hz
current
at 115 Vac
at 230 Vac
0.2
0.1
A
A
inrushcurrent
at 115 Vac
at 230 Vac
5
10
A
A
leakagecurrent
CY0is1nF/400Vac
0.25
mA
noloadpowerconsumption
0.5
W
OUTPUT
parameter
conditions/description
min
typ
max
units
capacitiveload
3.3 Vdc output models
5 Vdc output models
9 Vdc output models
12 Vdc output models
15 Vdc output models
24 Vdc output models
2,200
1,500
680
470
330
100
µF
µF
µF
µF
µF
µF
initialsetpointaccuracy
3.3 Vdc output models
allothermodels
±3
±2
%
%
lineregulation
at full load
±0.5
%
loadregulation
from10~100%load
±1.5
%
hold-up time
at 115 Vac
at 230 Vac
20
80
ms
ms
switchingfrequency
100
kHz
temperaturecoefficient
±0.02
%/°C
PROTECTIONS
parameter
conditions/description
min
typ
max
units
overvoltageprotection
zenerclampdiode
overcurrentprotection
autorecovery
110
%
shortcircuitprotection
continuous,autorecovery
SAFETY & COMPLIANCE
parameter
conditions/description
min
typ
max
units
isolationvoltage
inputtooutputat5mAfor1minute
3,000
Vac
safetyapprovals
UL60950-1,EN60950-1
safetyclass
classII
conducted emissions
CISPR22/EN55022ClassA,(externalcircuitrequired,seefigure1)
CISPR22/EN55022ClassB,(externalcircuitrequired,seefigure2)
radiatedemissions
CISPR22/EN55022ClassB,(externalcircuitrequired,seefigure1or2)
ESD
IEC/EN61000-4-2ClassB,±4kV
radiatedimmunity
IEC/EN61000-4-3ClassA,10V/m
EFT/burst
IEC/EN61000-4-4ClassB,±2kV(externalcircuitrequired,seefigure1)
IEC/EN61000-4-4ClassB,±4kV(externalcircuitrequired,seefigure2)
surge
IEC/EN61000-4-5ClassB,±1kV(externalcircuitrequired,seefigure1)
IEC/EN61000-4-5ClassB,±1kV/±2kV(externalcircuitrequired,seefigure2)
conductedimmunity
IEC/EN61000-4-6ClassA,3Vr.m.s(externalcircuitrequired,seefigure2)
Notes:
1.Thepowersupplyisconsideredacomponentwhichwillbeinstalledintofinalequipment.ThefinalequipmentstillmustbetestedtomeetthenecessaryEMCdirectives.
For more information, please visit the product page.


Similar Part No. - PBO-5-S15

ManufacturerPart #DatasheetDescription
logo
CUI INC
PBO-5-S15 CUI-PBO-5-S15 Datasheet
1Mb / 10P
   AC-DC POWER SUPPLY
01/20/2022
More results

Similar Description - PBO-5-S15

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
POWERPLUG24W STMICROELECTRONICS-POWERPLUG24W Datasheet
180Kb / 5P
   AC/DC POWER SUPPLY
logo
CUI INC
PBK-3-B CUI-PBK-3-B_15 Datasheet
732Kb / 9P
   AC-DC POWER SUPPLY
VOF-6 CUI-VOF-6_15 Datasheet
237Kb / 5P
   AC-DC POWER SUPPLY
VSUP-1K2 CUI-VSUP-1K2_12 Datasheet
372Kb / 6P
   AC-DC POWER SUPPLY
PSF-155 CUI-PSF-155 Datasheet
1Mb / 7P
   AC-DC POWER SUPPLY
SWI6-E CUI-SWI6-E Datasheet
413Kb / 5P
   AC-DC POWER SUPPLY
EPSA050100UE CUI-EPSA050100UE Datasheet
327Kb / 4P
   AC-DC POWER SUPPLY
EPSA050250UE CUI-EPSA050250UE_12 Datasheet
363Kb / 5P
   AC-DC POWER SUPPLY
VMS-180 CUI-VMS-180 Datasheet
699Kb / 6P
   AC-DC POWER SUPPLY
SDI65-UD CUI-SDI65-UD_16 Datasheet
537Kb / 6P
   AC-DC POWER SUPPLY
SMI36 CUI-SMI36_16 Datasheet
506Kb / 5P
   AC-DC POWER SUPPLY
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com