Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TE20A0603C01 Datasheet(PDF) 1 Page - SL Power Electronics

Part # TE20A0603C01
Description  15W-20W Single Output External Power
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLPOWER [SL Power Electronics]
Direct Link  http://www.slpower.com/
Logo SLPOWER - SL Power Electronics

TE20A0603C01 Datasheet(HTML) 1 Page - SL Power Electronics

  TE20A0603C01 Datasheet HTML 1Page - SL Power Electronics TE20A0603C01 Datasheet HTML 2Page - SL Power Electronics TE20A0603C01 Datasheet HTML 3Page - SL Power Electronics TE20A0603C01 Datasheet HTML 4Page - SL Power Electronics TE20A0603C01 Datasheet HTML 5Page - SL Power Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
TE20
15W-20W Single Output External Power
Test & Measurement/Industrial Series
www.slpower.com
TE20 Rev 2.7
10-MAY-16
1
Features
Meets DoE Efficiency Level VI Requirements
No load input power
Average Efficiency
Up to 20W of AC-DC Power
Universal Input 90-264Vac Input Range
Desktop and Wall-Plug versions
Meets “Heavy Industrial” Levels of EN61000
EMC Requirements
Meets EN55022/CISPR22, and FCC Part
15.109 Class B Conducted & Radiated
Emissions, with 6db margin
Approved to EN/IEC/UL60950-1, 2
nd Ed., Am. 2
E-cap life of >10 years
>1,000,000 Hours MTBF
3 Year Warranty
IP22 Rated Enclosure
Description
A high performance AC to DC external power supply family designed for test & measurement and industrial applications. The
TE20A Series models are compliant with Efficiency Level VI requirements per U.S. Dept. of Energy, as well as the Heavy
Industrial levels of various EN61000-4-x standards for EMC. The TE20A series models also meet Class B conducted and
radiated emissions per FCC Part 15, EN55022, and CISPR22. These superior performance external power supplies are
designed to allow easy integration with test and measurement equipment and other industrial applications.
Model Selection
Model
Output
Output
Ripple &
Line
Load
Output
Input
Number
Volts
Current
Power
Noise
¹
Regulation
Regulation
Connector
Configuration
TE20A0503F01
5.0V
3.00A
15W
75mV pk-pk
±1%
±5%
2.5 x 5.5 x 9.5mm
Straight Barrel Type,
center positive
Class I Desktop,
IEC60320 C14
Receptacle
TE20A0603F01
5.9V
2.50A
15W
75mV pk-pk
±1%
±5%
TE20A0703F01
7.5V
2.00A
15W
75mV pk-pk
±1%
±5%
TE20A0903F01
9.0V
2.00A
18W
90mV pk-pk
±1%
±5%
TE20A1203F01
12.0V
1.50A
18W
120mV pk-pk
±1%
±5%
TE20A1503F01
15.0V
1.20A
18W
150mV pk-pk
±1%
±5%
TE20A1803F01
18.0V
1.10A
20W
180mV pk-pk
±1%
±5%
TE20A2403F01
24.0V
0.83A
20W
240mV pk-pk
±1%
±5%
TE20A4803F01
48.0V
0.42A
20W
480mV pk-pk
±1%
±5%
TE20A0503N01
5.0V
3.00A
15W
75mV pk-pk
±1%
±5%
2.5 x 5.5 x 9.5mm
Straight Barrel Type,
center positive
Class II Desktop,
IEC60320 C8
Receptacle
TE20A0603N01
5.9V
2.50A
15W
75mV pk-pk
±1%
±5%
TE20A0703N01
7.5V
2.00A
15W
75mV pk-pk
±1%
±5%
TE20A0903N01
9.0V
2.00A
18W
90mV pk-pk
±1%
±5%
TE20A1203N01
12.0V
1.50A
18W
120mV pk-pk
±1%
±5%
TE20A1503N01
15.0V
1.20A
18W
150mV pk-pk
±1%
±5%
TE20A1803N01
18.0V
1.10A
20W
180mV pk-pk
±1%
±5%
TE20A2403N01
24.0V
0.83A
20W
240mV pk-pk
±1%
±5%
TE20A4803N01
48.0V
0.42A
20W
480mV pk-pk
±1%
±5%
TE20A0503Q01
5.0V
3.00A
15W
75mV pk-pk
±1%
±5%
2.5 x 5.5 x 9.5mm
Straight Barrel Type,
center positive
Class II Desktop,
IEC60320 C18
Receptacle
TE20A0603Q01
5.9V
2.50A
15W
75mV pk-pk
±1%
±5%
TE20A0703Q01
7.5V
2.00A
15W
75mV pk-pk
±1%
±5%
TE20A0903Q01
9.0V
2.00A
18W
90mV pk-pk
±1%
±5%
TE20A1203Q01
12.0V
1.50A
18W
120mV pk-pk
±1%
±5%
TE20A1803Q01
18.0V
1.10A
20W
180mV pk-pk
±1%
±5%
TE20A1503Q01
15.0V
1.20A
18W
150mV pk-pk
±1%
±5%
TE20A2403Q01
24.0V
0.83A
20W
240mV pk-pk
±1%
±5%
TE20A4803Q01
48.0V
0.42A
20W
480mV pk-pk
±1%
±5%
LPS


Similar Part No. - TE20A0603C01

ManufacturerPart #DatasheetDescription
logo
SL Power Electronics
TE20A0603C01 SLPOWER-TE20A0603C01 Datasheet
728Kb / 4P
   15W-20W Single Output External Power
More results

Similar Description - TE20A0603C01

ManufacturerPart #DatasheetDescription
logo
SL Power Electronics
TE20 SLPOWER-TE20 Datasheet
728Kb / 4P
   15W-20W Single Output External Power
ME20 SLPOWER-ME20_16 Datasheet
592Kb / 5P
   20W Single Output External Power
TE30 SLPOWER-TE30 Datasheet
764Kb / 5P
   20W-30W Single Output External Power
TE30 SLPOWER-TE30_16 Datasheet
757Kb / 5P
   20W-30W Single Output External Power
ME20 SLPOWER-ME20 Datasheet
659Kb / 4P
   20W Single Output External Power Medical Series
logo
Total Power Internation...
NES-15 TOTAL-POWER-NES-15 Datasheet
276Kb / 2P
   15W Single Output Switching Power Supply
logo
Mean Well Enterprises C...
LPV-20 MEANWELL-LPV-20_11 Datasheet
97Kb / 2P
   20W Single Output Switching Power Supply
PLP-20 MEANWELL-PLP-20_12 Datasheet
184Kb / 3P
   20W Single Output LED Power Supply
LPV-20 MEANWELL-LPV-20 Datasheet
144Kb / 2P
   20W Single Output Switching Power Supply
LPV-20 MEANWELL-LPV-20_12 Datasheet
771Kb / 2P
   20W Single Output Swithching Power supply
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com