Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PDRA-240-24 Datasheet(PDF) 2 Page - CUI INC

Part # PDRA-240-24
Description  AC-DC POWER SUPPLY
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

PDRA-240-24 Datasheet(HTML) 2 Page - CUI INC

  PDRA-240-24 Datasheet HTML 1Page - CUI INC PDRA-240-24 Datasheet HTML 2Page - CUI INC PDRA-240-24 Datasheet HTML 3Page - CUI INC PDRA-240-24 Datasheet HTML 4Page - CUI INC PDRA-240-24 Datasheet HTML 5Page - CUI INC PDRA-240-24 Datasheet HTML 6Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
cui.com
date 10/17/2016
│ page 2 of 6
CUI Inc
│ SERIES: PDRA-240 │ DESCRIPTION: AC-DC POWER SUPPLY
INPUT
parameter
conditions/description
min
typ
max
units
voltage
85
120
264
370
Vac
Vdc
frequency
47
63
Hz
undervoltageprotection
start-upvoltageatfullload
shutdownvoltageatfullload
75
67
83
74
Vac
Vac
current
at115Vac
at 230 Vac
3.0
1.5
A
A
inrushcurrent
at115Vac
at 230 Vac
30
60
A
A
powerfactorcorrection
at115Vac
at 230 Vac
0.98
0.96
noloadpowerconsumption
1.0
W
OUTPUT
parameter
conditions/description
min
typ
max
units
capacitiveload
4,700
µF
initialsetpointaccuracy
±1
%
lineregulation
at full load
±0.5
%
loadregulation
from5~100%load
±1
%
adjustability1
viabuiltintrimpot
24
28
Vdc
start-uptime
1.5
s
hold-up time
at115/230Vac
22
ms
switchingfrequency
100
kHz
temperaturecoefficient
±0.03
%/°C
Notes:
1.Maxoutputpowerof240W.
PROTECTIONS
parameter
conditions/description
min
typ
max
units
overvoltageprotection
continuous,autorecovery
overcurrentprotection
autorecovery
110
150
%
shortcircuitprotection
continuous,autorecovery
overtemperatureprotection
outputshutdown,autorecovery
SAFETY & COMPLIANCE
parameter
conditions/description
min
typ
max
units
isolationvoltage
inputtooutputfor1minute
inputtogroundfor1minute
outputtogroundfor1minute
3,000
1,500
500
Vac
Vac
Vac
safetyapprovals
UL60950-1,EN60950-1
safetyclass
class I
EMI/EMC
EN55022,EN55024,EN61000-3-2,EN61000-3-3
conducted emissions
CISPR22/EN55022,ClassB
radiatedemissions
CISPR22/EN55022,ClassB
ESD
IEC/EN61000-4-2,ClassB,contact±6kV/air±8kV
radiatedimmunity
IEC/EN61000-4-3,ClassA,10V/m
EFT/burst
IEC/EN61000-4-4,ClassB,±4kV
surge
IEC/EN61000-4-5,ClassB,linetoline±2kV/linetoground±4kV
conductedimmunity
IEC/EN61000-4-6,ClassA,10Vr.m.s
Notes:
2.Thepowersupplyisconsideredacomponentwhichwillbeinstalledintofinalequipment.ThefinalequipmentstillmustbetestedtomeetthenecessaryEMCdirectives.
For more information, please visit the product page.


Similar Part No. - PDRA-240-24

ManufacturerPart #DatasheetDescription
logo
CUI INC
PDRA-240-24 CUI-PDRA-240-24 Datasheet
616Kb / 6P
   AC-DC POWER SUPPLY
02/01/2018
More results

Similar Description - PDRA-240-24

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
POWERPLUG24W STMICROELECTRONICS-POWERPLUG24W Datasheet
180Kb / 5P
   AC/DC POWER SUPPLY
logo
CUI INC
PBK-3-B CUI-PBK-3-B_15 Datasheet
732Kb / 9P
   AC-DC POWER SUPPLY
VOF-6 CUI-VOF-6_15 Datasheet
237Kb / 5P
   AC-DC POWER SUPPLY
VSUP-1K2 CUI-VSUP-1K2_12 Datasheet
372Kb / 6P
   AC-DC POWER SUPPLY
PSF-155 CUI-PSF-155 Datasheet
1Mb / 7P
   AC-DC POWER SUPPLY
SWI6-E CUI-SWI6-E Datasheet
413Kb / 5P
   AC-DC POWER SUPPLY
EPSA050100UE CUI-EPSA050100UE Datasheet
327Kb / 4P
   AC-DC POWER SUPPLY
EPSA050250UE CUI-EPSA050250UE_12 Datasheet
363Kb / 5P
   AC-DC POWER SUPPLY
VMS-180 CUI-VMS-180 Datasheet
699Kb / 6P
   AC-DC POWER SUPPLY
SDI65-UD CUI-SDI65-UD_16 Datasheet
537Kb / 6P
   AC-DC POWER SUPPLY
SMI36 CUI-SMI36_16 Datasheet
506Kb / 5P
   AC-DC POWER SUPPLY
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com