Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IKCM10B60HA Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # IKCM10B60HA
Description  Control Integrated POwer System
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IKCM10B60HA Datasheet(HTML) 5 Page - Infineon Technologies AG

  IKCM10B60HA_16 Datasheet HTML 1Page - Infineon Technologies AG IKCM10B60HA_16 Datasheet HTML 2Page - Infineon Technologies AG IKCM10B60HA_16 Datasheet HTML 3Page - Infineon Technologies AG IKCM10B60HA_16 Datasheet HTML 4Page - Infineon Technologies AG IKCM10B60HA_16 Datasheet HTML 5Page - Infineon Technologies AG IKCM10B60HA_16 Datasheet HTML 6Page - Infineon Technologies AG IKCM10B60HA_16 Datasheet HTML 7Page - Infineon Technologies AG IKCM10B60HA_16 Datasheet HTML 8Page - Infineon Technologies AG IKCM10B60HA_16 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
Datasheet
5
<Revision 2.1>
<2016-08-01>
Control Integrated POwer System (CIPOS™)
IKCM10B60HA
Pin Assignment
Pin Number
Pin Name
Pin Description
1
VS(U)
U-phase high side floating IC supply offset voltage
2
VB(U)
U-phase high side floating IC supply voltage
3
VS(V)
V-phase high side floating IC supply offset voltage
4
VB(V)
V-phase high side floating IC supply voltage
5
VS(W)
W-phase high side floating IC supply offset voltage
6
VB(W)
W-phase high side floating IC supply voltage
7
HIN(U)
U-phase high side gate driver input
8
HIN(V)
V-phase high side gate driver input
9
HIN(W)
W-phase high side gate driver input
10
LIN(U)
U-phase low side gate driver input
11
LIN(V)
V-phase low side gate driver input
12
LIN(W)
W-phase low side gate driver input
13
VDD
Low side control supply
14
VFO
Fault output
15
ITRIP
Over current shutdown input
16
VSS
Low side control negative supply
17
N
Low side common emitter
18
W
Motor W-phase output
19
V
Motor V-phase output
20
U
Motor U-phase output
21
P
Positive bus input voltage
22
S
Single phase diode bridge rectifier S input
23
R
Single phase diode bridge rectifier R input
24
NR
Negative bus voltage
Pin Description
HIN(U, V, W) and LIN(U, V, W) (Low side and high
side control pins, Pin 7 - 12)
These pins are positive logic and they are
responsible for the control of the integrated IGBT.
The Schmitt-trigger input thresholds of them are
such to guarantee LSTTL and CMOS compatibility
down to 3.3V controller outputs. Pull-down resistor
of about 5k is internally provided to pre-bias
inputs during supply start-up and a zener clamp is
provided for pin protection purposes. Input
Schmitt-trigger and noise filter provide beneficial
noise rejection to short input pulses.
The noise filter suppresses control pulses which are
below the filter time tFILIN. The filter acts according
to Figure 4.
CIPOS
TM
UZ=10.5V
INPUT NOISE
FILTER
 k
5
Schmitt-Trigger
SWITCH LEVEL
VIH; VIL
VSS
HINx
LINx
Figure 3
Input pin structure
HIN
LIN
HO
LO
low
high
tFILIN
tFILIN
a)
b)
HIN
LIN
HO
LO
Figure 4
Input filter timing diagram


Similar Part No. - IKCM10B60HA_16

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IKCM10B60HA INFINEON-IKCM10B60HA_15 Datasheet
544Kb / 16P
   Control Integrated POwer System
Ver. 1.0, 2014-03-01
More results

Similar Description - IKCM10B60HA_16

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IKCS08F60F2A INFINEON-IKCS08F60F2A Datasheet
548Kb / 18P
   Control integrated Power System
2009-04 Rev.2
IKCS12F60EA INFINEON-IKCS12F60EA Datasheet
435Kb / 17P
   Control integrated Power System
Rev. 0.2, Aug. 2009
IKCS17F60B2A INFINEON-IKCS17F60B2A Datasheet
466Kb / 18P
   Control integrated Power System
Rev. 2.2, March 2009
IKCS22F60B2A INFINEON-IKCS22F60B2A Datasheet
458Kb / 18P
   Control integrated Power System
Rev. 2.3, July 2009
IGCM04B60GA INFINEON-IGCM04B60GA_15 Datasheet
996Kb / 16P
   Control Integrated Power System
Ver. 1.0, 2014-06-01
IKCM15L60GA INFINEON-IKCM15L60GA_15 Datasheet
1Mb / 16P
   Control Integrated POwer System
Ver. 1.2, 2014-06-01
IKCM15L60GD INFINEON-IKCM15L60GD_15 Datasheet
916Kb / 16P
   Control Integrated POwer System
Ver. 1.0, 2015-07-01
IKCM30F60GD INFINEON-IKCM30F60GD_16 Datasheet
1Mb / 17P
   Control Integrated POwer System
Revision 2.3 2016-08-01
IKCM20L60HA INFINEON-IKCM20L60HA_16 Datasheet
1Mb / 16P
   Control Integrated POwer System
Revision 2.2 2016-08-01
IGCM04G60HA INFINEON-IGCM04G60HA_16 Datasheet
1Mb / 16P
   Control Integrated POwer System
Revision 2.3 2016-08-01
IKCM15F60HA INFINEON-IKCM15F60HA_16 Datasheet
1Mb / 16P
   Control Integrated POwer System
Revision 2.4 2016-08-01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com