Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E1403C Datasheet(PDF) 1 Page - Keysight Technologies

Part # E1403C
Description  A/B to C-Size P1 Active Adapter, 1-Slot
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

E1403C Datasheet(HTML) 1 Page - Keysight Technologies

  E1403C Datasheet HTML 1Page - Keysight Technologies E1403C Datasheet HTML 2Page - Keysight Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Agilent E1403C
A/B to C-Size P1 Active Adapter,
1-Slot
Data sheet
• Adapts A- or B-size VXI to C-size VXI
• Provides active extensions of P1 only
• Fits 1-slot or 2-slot (optional) modules
• Provides slave-only capability
Description
The Agilent Technologies E1403C 1- or 2-slot VXI carrier adapts A- or
B-size VXI modules for use in all C-size VXI mainframes. P1, which is
the only connector available, is a fully buffered extension. The E1403C
provides slave-only capability and cannot be used in Slot 0 or with bus
masters. The standard module is 1-slot wide; Option 010 is 2 slots wide,
however, it only connects to the backplane on the left-most slot. Any
number of adapters can be used in an Agilent VXI mainframe.
Many (but not all) VME cards can be adapted for the use in C-size VXI
mainframes using this module if they meet VXI mechanical and electrical
restrictions. However, this is not a supported configuration.
Refer to the Agilent Technologies Website for instrument driver avail-
ability and downloading instructions.
Cables
Cables are required for adapting B-size multiplexers in a C-size main-
frame. The B-size multiplexers require analog bus cables longer than
those shipped, and, therefore, longer ones must be ordered separately
to connect Multiplexer-to-Multiplexer and Multiplexer to the Agilent
E1411A/B C-size digital multimeter. These cables are necessary when
mounting a B-size multiplexer in a C-size adapter because of the differ-
ent spacing and positioning of the analog bus connectors on the B- and
C-size modules. The following cables are available:
1. Agilent E1411A/B DMM to B-size Multiplexer/E1403C Cable
part numbers:
Agilent E1326-61611 Analog Bus Cable, The E1326-61611 is the same
cable used with the B-size cardcage internal DMM configuration.
• Agilent E1411-61601 Multiplexer-to-DMM (FET Multiplexer only).
Order the Agilent E1411-80001 cable kit to get both the E1326-61611
long analog bus cable and the E1411-61601 digital bus cable together.
2. B-size Multiplexer/E1403C to B-size Multiplexer/E1403C Cable
part numbers:
• Agilent E1400-61605 Multiplexer-to-Multiplexer Cable. The E1400-
61605 is the same cable used to connect C-size Multiplexers together.
3. C-size Multiplexer to B-size Multiplexer/E1403C Cable
part numbers:
Agilent E1326-61611 Analog Bus Cable. The E1326-61611 is the same
cable used with the B-size cardcage internal DMM configuration.
General Specifications
VXI Characteristics
VXI device type
Size
Slots
Connectors
Shared memory
VXI buses
n/a
C
1 or 2
P1
n/a
n/a
Module Current
I
PM
I
OM
+5 V
+12 V
–12 V
+24 V
–24 V
–5.2 V
–2 V
0.1
0
0
0
0
0
0
0.01
0
0
0
0
0
0
Cooling/Slot
Watts/Slot
∆P mm H
2O
Air Flow liter/s
0.50
0.02
0.10
Ordering Information
Description
Product No.
A/B-to-C-Size, 1-slot Adapter
2-Slot Wide Adapter
E1403C
E1403C 010


Similar Part No. - E1403C

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
E1401B KEYSIGHT-E1401B Datasheet
461Kb / 8P
   C-Size, High-Power VXI Mainframe, 13-Slot
logo
Agilent(Hewlett-Packard...
E1406A HP-E1406A Datasheet
379Kb / 4P
   VXI GPIB Command Module C-Size
logo
Keysight Technologies
E1406A KEYSIGHT-E1406A Datasheet
379Kb / 4P
   VXI GPIB Command Module C-Size
E1407A KEYSIGHT-E1407A Datasheet
100Kb / 2P
   A/B to C-Size P1/P2 Active Adapter
More results

Similar Description - E1403C

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
E1407A KEYSIGHT-E1407A Datasheet
100Kb / 2P
   A/B to C-Size P1/P2 Active Adapter
logo
List of Unclassifed Man...
BD242CTU ETC2-BD242CTU Datasheet
33Kb / 3P
   Complement to BD241/A/B/C respectively
logo
Inchange Semiconductor ...
BDT60 ISC-BDT60 Datasheet
199Kb / 2P
   Complement to Type BDT61/A/B/C
logo
Assmann Electronics Inc...
A-USB-3-R ASSMANN-A-USB-3-R Datasheet
86Kb / 1P
   USB B - USB A ADAPTER
logo
Vishay Siliconix
LH1512BAC VISHAY-LH1512BAC_05 Datasheet
171Kb / 9P
   Dual 1 Form A/B, C Solid State Relay
Rev. 1.3, 01-Dec-05
LH1502BAC VISHAY-LH1502BAC Datasheet
245Kb / 6P
   Dual 1 Form A/B, C Solid State Relay
Rev. 1.2, 01-Dec-05
LH1502BB VISHAY-LH1502BB_V01 Datasheet
215Kb / 7P
   Dual 1 Form A/B, C Solid-State Relay
01-Jan-2023
LH1512BAC VISHAY-LH1512BAC_11 Datasheet
151Kb / 8P
   Dual 1 Form A/B, C Solid State Relay
Rev. 1.6, 07-Jul-11
LH1512BA VISHAY-LH1512BA Datasheet
233Kb / 10P
   Dual 1 Form A/B, C Solid-State Relay
Rev. 1.8, 13-Oct-2020
LH1502BA VISHAY-LH1502BA Datasheet
215Kb / 7P
   Dual 1 Form A/B, C Solid-State Relay
Rev. 1.7, 13-Oct-2020
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com