Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E8491B Datasheet(PDF) 1 Page - Keysight Technologies

Part # E8491B
Description  IEEE-1394 PC Link to VXI, C-Size
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

E8491B Datasheet(HTML) 1 Page - Keysight Technologies

  E8491B Datasheet HTML 1Page - Keysight Technologies E8491B Datasheet HTML 2Page - Keysight Technologies E8491B Datasheet HTML 3Page - Keysight Technologies E8491B Datasheet HTML 4Page - Keysight Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Data Sheet
IEEE-1394 PC Link to VXI, C-Size
Agilent E8491B
C-size, 1-slot, message-based commander
Industry standard PC-to-VXI interface
High-performance data block transfers
Ease of configuration with hot plug-in capability
Supports multiple mainframes with one PC
Timing and triggering to external devices/mainframes
Description
The Agilent Technologies E8491B IEEE-1394 PC Link to VXI
is a C-size, 1-slot, message-based VXI module, providing a
direct connection from your PC to a VXI mainframe via the
industry standard IEEE-1394 bus (FireWire).
The E8491B is a high-speed C-size device with Resource
Manager and Slot 0 capability. Its logical address is 0,
therefore it is always the mainframe’s Resource Manager
and is typically installed in mainframe Slot 0. The high
speed is accomplished, in part, through the use of small
signals (200 mV) that are transmitted differentially over the
twisted-pair wire set with controlled-impedance
characteristics. The differential signal provides high-noise
immunity.
The E8491B includes a C-size VXI Slot 0 module and a 4.5-
meter cable. Ease of configuration is achieved with
automatic recognition of a new IEEE-1394-based device
without powering down the PC, known as “hot plug-in”.
The E8491B Option 001 is an OHCI-based IEEE-1394/PCI
host adapter card. It is a PC plug-in card capable of
transferring data at up to 400 Mbits/second. The card has
three external 1394 ports. If required, the OHCI-based
IEEE-1394/PCI card can supply 12V at up to 1.5A for
IEEE-1394 devices that require power.
Refer to the Agilent Technologies Website
(www.agilent.com/find/vxi) for recent product updates, if
applicable.
Agilent E8491B


Similar Part No. - E8491B

ManufacturerPart #DatasheetDescription
logo
Jiangsu Donghai Semicon...
E840 WXDH-E840 Datasheet
1Mb / 12P
   8A 500V N-channel Enhancement Mode Power MOSFET
logo
Semtech Corporation
E8400B SEMTECH-E8400B Datasheet
388Kb / 1P
   100-500MHz Dual Channel, Digitally Programmed Pin Electronics Solution
logo
Keysight Technologies
E8401A KEYSIGHT-E8401A Datasheet
1Mb / 14P
   VXI Mainframes, 13-Slot C-Size, 500 & 1000 Watt
logo
Semtech Corporation
E8403A SEMTECH-E8403A Datasheet
315Kb / 1P
   100-500MHz Dual Channel, Digitally Programmed Pin Electronics Solution
logo
Keysight Technologies
E8403A KEYSIGHT-E8403A Datasheet
1Mb / 14P
   VXI Mainframes, 13-Slot C-Size, 500 & 1000 Watt
More results

Similar Description - E8491B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MD8412B ETC2-MD8412B Datasheet
619Kb / 114P
   LINK(IEEE 1394)
logo
Texas Instruments
TSB12LV21B TI-TSB12LV21B Datasheet
299Kb / 22P
[Old version datasheet]   IEEE 1394 LINK LAYER CONTROLLER
TSB12LV21B-EP TI1-TSB12LV21B-EP Datasheet
82Kb / 6P
[Old version datasheet]   (PCILynx-2) IEEE 1394 LINK LAYER CONTROLLER
TSB12LV21B TI1-TSB12LV21B_14 Datasheet
76Kb / 7P
[Old version datasheet]   (PCILynx-2) IEEE 1394 LINK LAYER CONTROLLER
logo
Keysight Technologies
E1406A KEYSIGHT-E1406A Datasheet
379Kb / 4P
   VXI GPIB Command Module C-Size
logo
Agilent(Hewlett-Packard...
E1406A HP-E1406A Datasheet
379Kb / 4P
   VXI GPIB Command Module C-Size
logo
Texas Instruments
TSB42AA4 TI-TSB42AA4 Datasheet
798Kb / 183P
[Old version datasheet]   IEEE 1394 A CONSUMER ELECTRONICS LINK LAYER CONTROLLER
TSB12LV31 TI-TSB12LV31 Datasheet
257Kb / 73P
[Old version datasheet]   IEEE 1394-1995 General-Purpose Link-Layer Controller
TSB42AA4 TI1-TSB42AA4_14 Datasheet
121Kb / 7P
[Old version datasheet]   IEEE 1394-a Consumer Electronics Link Layer Controller
TSB15LV01 TI-TSB15LV01 Datasheet
421Kb / 74P
[Old version datasheet]   VIDEO SIGNAL PROCESSOR WITH IEEE 1394 LINK LAYER CONTROLLER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com