Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

N5181B Datasheet(PDF) 10 Page - Keysight Technologies

Part # N5181B
Description  MXG X-Series Signal Generators N5181B Analog & N5182B Vector
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

N5181B Datasheet(HTML) 10 Page - Keysight Technologies

Back Button N5181B Datasheet HTML 6Page - Keysight Technologies N5181B Datasheet HTML 7Page - Keysight Technologies N5181B Datasheet HTML 8Page - Keysight Technologies N5181B Datasheet HTML 9Page - Keysight Technologies N5181B Datasheet HTML 10Page - Keysight Technologies N5181B Datasheet HTML 11Page - Keysight Technologies N5181B Datasheet HTML 12Page - Keysight Technologies N5181B Datasheet HTML 13Page - Keysight Technologies N5181B Datasheet HTML 14Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 33 page
background image
Standard absolute SSB phase noise (dBc/Hz, CW, at 20 kHz offset) () = typical 1
5 MHz to < 250 MHz
–129 (–133)
250 MHz
–140 (–143)
500 MHz
–135 (–139)
1 GHz
–131 (–134)
2 GHz
–124 (–127)
3 GHz
–123 (–127)
4 GHz
–118 (–122)
6 GHz
–116 (–121)
Option UNX absolute SSB phase noise (dBc/Hz, CW, at 20 kHz offset) () = typical 1
5 MHz to < 250 MHz
–140 (–143)
250 MHz
–144 (–150)
500 MHz
–143 (–150)
1 GHz
–141 (–146)
2 GHz
–135 (–141)
3 GHz
–131 (–137)
4 GHz
–118 (–122)
6 GHz
–117 (–121)
Option UNY absolute SSB phase noise (CW) () = measured 1
Frequency
1 Hz
10 Hz
100 Hz
1 kHz
10 kHz
100 kHz
100 MHz
(–91)
(–113)
(–124)
(–137)
(–142)
(–142)
249 MHz
(–85)
–93 (–110)
–103 (–118)
–130 (–137)
–139 (–142)
–138 (–142)
250 MHz
(–85)
–96 (–110)
–104 (–118)
–127 (–139)
–144 (–150)
–147 (–152)
500 MHz
(–74)
–89 (–100)
–98 (–109)
–125 (–139)
–139 (–149)
–145 (–149)
1 GHz
(–70)
–87 (–97)
–93 (–106)
–123 (–136)
–141 (–146)
–140 (–143)
2 GHz
(–65)
–79 (–90)
–85 (–101)
–114 (–131)
–135 (–140)
–134 (–137)
3 GHz
(–61)
–74 (–88)
–81 (–98)
–112 (–128)
–132 (–138)
–131 (–135)
4 GHz
(–61)
–73 (–84)
–79 (–95)
–110 (–124)
–130 (–134)
–127 (–131)
6 GHz
(–57)
–69 (–81)
–76 (–91)
–107 (–121)
–126 (-132)
–125 (–129)
1. From 20 to 30 °C, excludes mechanic vibration, measured @ +10 dBm or maximum specified power, whichever is less.
Spectral Purity Specifications
-170
-160
-150
-140
-130
-120
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
Measured standard phase noise CW mode
1 Hz
10 Hz
100 Hz
1 kHz
10 kHz
100 kHz
1 MHz,
10 MHz
100 MHz
L(f) [dBc/Hz] vs. frequency
6 GHz
3 GHz
2 GHz
1 GHz
250 MHz
100 MHz
- 170
- 160
- 150
- 140
- 130
- 120
-110
- 100
-90
-80
-70
-60
-50
-40
-30
-20
Measured Option UNX phase noise CW mode
1 Hz
10 Hz
100 Hz
1 kHz
10 kHz100 kHz1 MHz,
10 MHz
100 MHz
L(f) [dBc/Hz] vs. frequency
6 GHz
3 GHz
2 GHz
1 GHz
250 MHz
100 MHz
10 | Keysight | MXG X-Series Signal Generators N5181B Analog & N5182B Vector - Data Sheet


Similar Part No. - N5181B

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
N51810M TRIPPLITE-N51810M Datasheet
473Kb / 2P
   Duplex Multimode 50-125 Fiber Patch Cable (LC-ST),10M (33-ft.)
N51815M TRIPPLITE-N51815M Datasheet
473Kb / 2P
   Duplex Multimode 50-125 Fiber Patch Cable (LC-ST),15M (50-ft.)
logo
Agilent(Hewlett-Packard...
N5181A HP-N5181A Datasheet
1Mb / 22P
   Fast switching speeds
N5181A HP-N5181A Datasheet
379Kb / 9P
   Calibration and Adjustment Software for Agilent RF/W Instruments
More results

Similar Description - N5181B

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
N5182B KEYSIGHT-N5182B Datasheet
4Mb / 33P
   MXG X-Series Signal Generators
N5171B KEYSIGHT-N5171B Datasheet
3Mb / 32P
   EXG X-Series Signal Generators N5171B Analog & N5172B Vector
N5172B KEYSIGHT-N5172B Datasheet
3Mb / 32P
   EXG X-Series Signal Generators N5171B Analog & N5172B Vector
logo
TEKTRONIX, INC.
TSG4100A TEKTRONIX-TSG4100A Datasheet
1Mb / 24P
   RF Vector Signal Generators
logo
Keysight Technologies
N5183B KEYSIGHT-N5183B Datasheet
998Kb / 21P
   MXG X-Series Signal Generator N5183B Microwave Analog
logo
National Instruments Co...
PXIE-5663 NI-PXIE-5663 Datasheet
1Mb / 8P
   Vector Signal Analyzer
PXIE-5673 NI-PXIE-5673 Datasheet
1Mb / 9P
   Vector Signal Generator
logo
Agilent(Hewlett-Packard...
E8267D HP-E8267D Datasheet
753Kb / 32P
   Vector Signal Generator
logo
Keysight Technologies
E8267D KEYSIGHT-E8267D Datasheet
4Mb / 37P
   Vector Signal Generator
logo
Agilent(Hewlett-Packard...
HP8656 HP-HP8656 Datasheet
906Kb / 20P
   ECONOMICAL SYNTHESIZED SIGNAL GENERATORS ANALOG AND DIGITAL MODULATION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com