Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SBL1060CL Datasheet(PDF) 1 Page - Mospec Semiconductor

Part # SBL1060CL
Description  Switchmode Dual Schottky Barrier Power Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSPEC [Mospec Semiconductor]
Direct Link  http://www.mospec.com.tw
Logo MOSPEC - Mospec Semiconductor

SBL1060CL Datasheet(HTML) 1 Page - Mospec Semiconductor

  SBL1060CL Datasheet HTML 1Page - Mospec Semiconductor SBL1060CL Datasheet HTML 2Page - Mospec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MOSPEC
SBL1060CL
Switchmode Dual Schottky Barrier Power Rectifiers
Using the Schottky Barrier principle with a Refractory metal capable of high
temperature operation metal. The properitary barrier technology allows for
reliable operation up to 150℃ junction temperature. Typical application are in
switching Mode Power Supplies such as adaptators, DC/DC convertes,free-
wheeling and polarity protection diodes.
Features
Super Low Forward Voltage.
Low Switching noise.
High Current Capacity
Guarantee Reverse Avalanche.
Guard-Ring for Stress Protection.
Low Power Loss & High efficiency.
150℃ Operating Junction Temperature
Low Stored Charge Majority Carrier Conduction.
Plastic Material used Carries Underwriters Laboratory
Flammability Classification 94V-O
In compliance with EU RoHs 2002/95/EC directives
SCHOTTKY BARRIER
RECTIFIERS
10 AMPERES
60 VOLTS
MAXIMUM RATINGS
Characteristic
Symbol
SBL1060CL
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
60
V
RMS Reverse Voltage
VR(RMS)
42
V
Average Rectifier Forward Current
( per diode)
Total Device (Rated VR), TC=100℃
IF(AV)
5
10
A
Peak Repetitive Forward Current
(Rate VR, Square Wave, 20kHz)
IFM
10
A
Non-Repetitive Peak Surge Current (Surge applied
at rate load conditions halfware, single phase, 60Hz)
IFSM
175
A
Operating and Storage Junction Temperature Range
TJ , Tstg
-65 to +150
TO-220AB
MILLIMETERS
DIM
MIN
MAX
A
14.68
15.32
B
9.78
10.42
C
5.02
6.52
D
13.06
14.62
E
3.57
4.07
F
2.42
2.66
G
1.12
1.36
H
0.72
0.96
I
4.22
4.98
J
1.14
1.38
K
2.20
2.98
L
0.33
0.55
M
2.48
2.98
O
3.70
3.90
THERMAL RESISTANCES
Typical Thermal Resistance junction to case
Rθ j-c
3.2
/w
ELECTRICAL CHARACTERISTICS
Characteristic
Symbol
SBL1060CL
Unit
Maximum Instantaneous Forward Voltage ( per diode )
Min
Typ.
Max.
( IF =0.1 Amp TC = 25℃)
---
0.26
0.28
( IF =2.5 Amp TC = 25℃)
---
0.40
0.44
( IF =5.0 Amp TC = 25℃)
VF
---
0.46
0.52
V
Maximum Instantaneous Reverse Current
( Rated DC Voltage, TC = 25℃)
---
0.18
0.3
( Rated DC Voltage, TC = 100℃)
IR
---
15
30
mA


Similar Part No. - SBL1060CL

ManufacturerPart #DatasheetDescription
logo
Zowie Technology Corpor...
SBL1060CFSH ZOWIE-SBL1060CFSH Datasheet
75Kb / 3P
   SCHOTTKY BARRIER RECTIFIER
logo
Diodes Incorporated
SBL1060CT DIODES-SBL1060CT Datasheet
66Kb / 2P
   10A SCHOTTKY BARRIER RECTIFIER
DS23048 Rev. C-2
SBL1060CT DIODES-SBL1060CT Datasheet
74Kb / 3P
   10A SCHOTTKY BARRIER RECTIFIER
DS23048 Rev. 4 - 2
logo
Galaxy Semi-Conductor H...
SBL1060CT BILIN-SBL1060CT Datasheet
184Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Sirectifier Semiconduct...
SBL1060CT SIRECTIFIER-SBL1060CT Datasheet
102Kb / 2P
   Low VF Schottky Barrier Rectifiers
More results

Similar Description - SBL1060CL

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
MBR1060CT MOSPEC-MBR1060CT Datasheet
131Kb / 2P
   Switchmode Dual Schottky Barrier Power Rectifiers
S10T100CB MOSPEC-S10T100CB Datasheet
139Kb / 2P
   Switchmode Dual Schottky Barrier Power Rectifiers
S10T100FB MOSPEC-S10T100FB Datasheet
139Kb / 2P
   Switchmode Dual Schottky Barrier Power Rectifiers
S30T80C MOSPEC-S30T80C Datasheet
135Kb / 2P
   Switchmode Dual Schottky Barrier Power Rectifiers
MBR1060CL MOSPEC-MBR1060CL Datasheet
150Kb / 2P
   Switchmode Dual Schottky Barrier Power Rectifiers
SBL3060CL MOSPEC-SBL3060CL Datasheet
152Kb / 2P
   Switchmode Dual Schottky Barrier Power Rectifiers
S10T150C MOSPEC-S10T150C Datasheet
139Kb / 2P
   Switchmode Dual Schottky Barrier Power Rectifiers
S20T120F MOSPEC-S20T120F Datasheet
140Kb / 2P
   Switchmode Dual Schottky Barrier Power Rectifiers
SBL2045CL MOSPEC-SBL2045CL Datasheet
151Kb / 2P
   Switchmode Dual Schottky Barrier Power Rectifiers
SBL2060CL MOSPEC-SBL2060CL Datasheet
154Kb / 2P
   Switchmode Dual Schottky Barrier Power Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com