Electronic Components Datasheet Search |
|
PG-20-103G-BW1 Datasheet(PDF) 2 Page - Copal Electronics |
|
PG-20-103G-BW1 Datasheet(HTML) 2 Page - Copal Electronics |
2 / 4 page CE marking Operating voltage 0 ~ 1.0 MPa 502 PG-20 PG-20 PRESSURE GAUGES Item Model number 103 ■ STANDARD SPECIFICATIONS Pressure reference Gauge Rated pressure range Positive (G) Compound (R) Maximum pressure Vacuum pressure Leakage (He vacuum method) Operating temp.range Compensated temp. range Operating humidity range Storage temp. range Media Insulation resistance Pressure contact material Pressure contact roughness Pressure contact particle Cable connector Protection grade Net weight Current consumption Display Method Rotation angle Rated display range Positive (G) Compound (R) Display cycle Display accuracy Thermal error Resolution Over range Additional function Output voltage Output accuracy Temperature character Output current Output accuracy Temperature character Number of output Output interface Switching capacity Residual voltage Output working chart Repeatability Thermal error Response Hysteresis setting 0 ~ 0.5 MPa − 0.1 ~ 0.5 MPa 0.75 MPa − 0.1 ~ 1.0 MPa 1.5 MPa 1.4 × 10-4 Pa abs (minimum) 5 × 10-12 Pa·m3 / sec. minimum (Weld in pressure port) − 10 ~ 50°C(No condensation) 0 ~ 50°C 35 ~ 85% RH (No condensation) − 20 ~ 60°C(Atmospheric pressure, humidity 65%RH minimum) Gases and Liquids compatible with SUS316L 50M Ω minimum (Between bundled electrical wirings and the pressure port. at 125VDC) SUS316L Double-Melt Material (Fitting and Sensor) (Ra:0.15, Rz:0.7)μm minimum Zero count of particle of the size 0.1m μm or bigger (By our inspection standard) Cable length : 2m cable AWG26 / include cable holder IP40 Approx. 200g (W1) Approx. 110g (W2) Voltage output type and other : 12~24VDC ±10% (including ripple) Current output type : 24VDC ±10%(including ripple) 30mA minimum (No current flow from switch / analog output) EN61326-1 : 2006, EN61326-2-3 : 2006 EMI : Class B, EMS : Annex BB 3 -1/2 LED display ( Red LED) 270° (90° step) − .100 ~ .500 MPa 4 times / sec − .100 ~ 1.000 MPa .000 ~ .500 MPa .000 ~ 1.000 MPa ± 1.0% FS (The repeatability, liniality and hystresis are contained) ± 0.1% FS / ℃ ( 0 ~ 50°C Reference temp. 25°C ) 1 digit "***" Blinking of pressure display (110 % F.S.or more) Zero point adjustment, Panel lock 1 ∼ 5 VDC(Output current : 1 mA minimum / Output residence: 1.5 k Ω) ± 1.0% FS (The setting error and LIN / HYS are contained) ± 0.1% FS / ℃ ( 0 ~ 50°C Reference temp. 25°C ) 4 ∼ 20mA (Vort: 24VDC ±10% / 500Ω minimum) ± 1.0% FS (The setting error and LIN / HYS are contained) ± 0.1% FS / ℃ ( 0 ~ 50°C Reference temp. 25°C ) Output 1 or 2 NPN / PNP transistor open collector 30VDC 100mA minimum 1.2V(NPN) / 2.2V(PNP) minimum (Land current 100mA) Separate mode / Window comparator mode ± 0.3% FS minimum ± 0.1% FS / ℃ ( 0 ~ 50°C Reference temp. 25°C ) Approx. 2.5, 25, 250 ms 0 ∼ 300counts (Select panel SW) |
Similar Part No. - PG-20-103G-BW1 |
|
Similar Description - PG-20-103G-BW1 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |