Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PG-30-103R-P Datasheet(PDF) 4 Page - Copal Electronics

Part # PG-30-103R-P
Description  PRESSURE GAUGES
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

PG-30-103R-P Datasheet(HTML) 4 Page - Copal Electronics

  PG-30-103R-P Datasheet HTML 1Page - Copal Electronics PG-30-103R-P Datasheet HTML 2Page - Copal Electronics PG-30-103R-P Datasheet HTML 3Page - Copal Electronics PG-30-103R-P Datasheet HTML 4Page - Copal Electronics PG-30-103R-P Datasheet HTML 5Page - Copal Electronics PG-30-103R-P Datasheet HTML 6Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
PG-30
PRESSURE GAUGES
Display multiplier
1
× 1
× 0.0102
× 10.2
× 7.501
× 102
× 0.01
× 10
× 0.145
× 0.000145
× 0.001
× 0.2953
2
3
4
5
6
7
8
9
A
b
Pressure range( − Pr ∼+ Pr)
The last digit/letter represents the selection code : Blinking red LED indicates negative pressure.
101R
102R
103R
– 9.99 ~ 9.99
– 99.9 ~ 99.9
– 100 ~ 999
– 1.02 ~ 9.99
– 99.9 ~ 99.9
– 999 ~ 999
– 75.0 ~ 75.0
– 750 ~ 750
   – 999 ~ 999
– 1.00 ~ 9.99
– 99.9 ~ 99.9
– 999 ~ 999
– 1.45 ~ 1.45
– 14.5 ~ 14.5
– 14 ~ 145
– 0.10 ~ 1.00
– 2.95 ~ 2.95
– 29.5 ~ 29.5
– 29 ~ 295
1
R mode
2
G mode
3
V mode
Display
SELECTION OF DISPLAY MULTIPLIER
ANALOG OUTPUT MODE
SWITCH OUTPUT MODE
Output
Mode
Operation
Pressure setting
(Operating point)
Setting 1
Setting 2
(Lower limit) : Setting 1
(Upper limit) : Setting 2
(Lower limit) : Setting 1
(Upper limit) : Setting 2
SW1
SW2
Separate mode
Window comparator mode
S- 1
S- 2
S- 3
S- 4
C- 5
C- 6
C- 7
C- 8
Separate
Window comparator
Separate
Window comparator
HI
LO
A
B
HI
LO
A
B
(HI operation)
LO operation
(A operation)
B operation
P1: SW1
P2: SW2
P1
P2
P1
P2
OFF
ON
ON
ON
ON
-Pr
OFF
OFF
OFF
Pr
-Pr
Pr
-Pr
Pr
HH
P1: SW1
P2: SW2
OFF
ON
-Pr
Pr
HH
HH
HH
H: Switch hysteresis、
P1= Setting 1 、P2= Setting 2
P1
≦P2 or P1≧P2
P1
≦P2–2H
Diagonal column: Display multiplier cannot
be selected due to resolution and number
of digits. (Selection code is not indicated
either.) Selection code is set at “1” prior to
shipment.
When shipped from our factory-101R : R mode
is set at “1”, 102R : V mode is set at “3” and
103R : G mode is set at “2”. The above 3 types
can be set at “1”, “2” or “3”. However, the accu-
racy at V mode of 103R can’t be guaranteed.
Note 1. In the Separate Mode, setting 1 corresponds to SW1, and
Setting 2 corresponds to SW2.
Note 2. In the Window Comparator Mode, the minimum value for
SW1 and SW2 corresponds to Setting 1 and the maximum
value corresponds to Setting 2.
Pressure range
1 V
5 V
1 V
5 V
5 V
1 V
−Pr
0
Pr


Similar Part No. - PG-30-103R-P

ManufacturerPart #DatasheetDescription
logo
Copal Electronics
PG-35 COPAL-PG-35 Datasheet
2Mb / 7P
   SMALL SIZE PRESSURE GAUGE
PG-35H COPAL-PG-35H Datasheet
2Mb / 10P
   SMALL SIZE PRESSURE GAUGE
PG-35H-104R-NPG3 COPAL-PG-35H-104R-NPG3 Datasheet
108Kb / 4P
   PRESSURE GAUGES
PG-35H-104R-NPR2 COPAL-PG-35H-104R-NPR2 Datasheet
108Kb / 4P
   PRESSURE GAUGES
PG-35H-354R-NPG3 COPAL-PG-35H-354R-NPG3 Datasheet
108Kb / 4P
   PRESSURE GAUGES
More results

Similar Description - PG-30-103R-P

ManufacturerPart #DatasheetDescription
logo
Copal Electronics
PG-35 COPAL-PG-35_16 Datasheet
191Kb / 6P
   PRESSURE GAUGES
PG-35H COPAL-PG-35H_16 Datasheet
108Kb / 4P
   PRESSURE GAUGES
PG-20 COPAL-PG-20_16 Datasheet
143Kb / 4P
   PRESSURE GAUGES
PG-200 COPAL-PG-200_16 Datasheet
129Kb / 8P
   PRESSURE GAUGES
PG-208 COPAL-PG-208_16 Datasheet
129Kb / 8P
   PRESSURE GAUGES
PG-35L COPAL-PG-35L_16 Datasheet
126Kb / 4P
   PRESSURE GAUGES
logo
Ralston Instruments.
QTHA-HCBL-45 RALSTON-QTHA-HCBL-45 Datasheet
645Kb / 1P
   Connect to pressure gauges, pressure calibrators and adapters easily and quickly
logo
Extech Instruments Corp...
475040 EXTECH-475040_15 Datasheet
367Kb / 1P
   Digital Forge Gauges
TKG150 EXTECH-TKG150 Datasheet
963Kb / 2P
   Ultrasonic Thickness Gauges
475044 EXTECH-475044_15 Datasheet
367Kb / 1P
   Digital Forge Gauges
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com