Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PG-20-502R-NAW1 Datasheet(PDF) 3 Page - Copal Electronics

Part # PG-20-502R-NAW1
Description  PRESSURE GAUGES
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

PG-20-502R-NAW1 Datasheet(HTML) 3 Page - Copal Electronics

  PG-20-502R-NAW1 Datasheet HTML 1Page - Copal Electronics PG-20-502R-NAW1 Datasheet HTML 2Page - Copal Electronics PG-20-502R-NAW1 Datasheet HTML 3Page - Copal Electronics PG-20-502R-NAW1 Datasheet HTML 4Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
PG-20-****-PV**
PG-20-****-NA**
PG-20-****-NV**
PG-20-****-P2**
PG-20-****-PV**
1.5kΩ
(24VDC±10%)
Model number
SW1(NPN/PNP)
PG-20-****
(1−5V)
(4−20mA)
N.C.
SW2(NPN/PNP)
White
Black
COMMON
(12∼24VDC±10%)
Blue
Brown
N.C.
color
-BW*
-N2W* / -P2W*
-NVW* / -PVW*
-NAW* / -PAW*
PG-20-****-N2**
LED
Brown (Power supply)
SW output circuits
FG: Frame Ground
Pressure
Display LED
Pressure
Sensor
Black (SW1)
White (SW2)
Blue (COM.)
SW display LED×2
Load
Load
LED
Brown (Power supply)
FG: Frame Ground
Pressure
Display LED
Pressure
Sensor
Black (SW1)
White (SW2)
Blue (COM.)
SW display LED×2
Load
LED
Brown (Power supply)
FG: Frame Ground
Pressure
Display LED
Pressure
Sensor
Black (SW1)
White (SW2)
Blue (COM.)
SW display LED×2
Load
1.5kΩ
LED
Brown (Power supply)
FG: Frame Ground
Pressure
Display LED
Pressure
Sensor
Black (SW1)
White
(Voltage output)
White
(Voltage output)
Blue (COM.)
SW display LED×2
Load
LED
Brown (Power supply)
FG: Frame Ground
Pressure
Display LED
Pressure
Sensor
Black (SW1)
White
(SW2)
Blue (COM.)
SW display LED×2
Load
LED
Brown (Power supply)
SW output circuits
FG: Frame Ground
Pressure
Display LED
Pressure
Sensor
Black (SW1)
Blue (COM.)
SW display LED×2
Load
Load
INTERNAL ELECTRICAL SCHEMATICS
PG-20
PRESSURE GAUGES


Similar Part No. - PG-20-502R-NAW1

ManufacturerPart #DatasheetDescription
logo
Copal Electronics
PG-20 COPAL-PG-20 Datasheet
846Kb / 6P
   For high vacuum pressure
PG-200 COPAL-PG-200 Datasheet
251Kb / 4P
   DIGITAL PRESSURE GAUGE
PG-200-101AH--P COPAL-PG-200-101AH--P Datasheet
129Kb / 8P
   PRESSURE GAUGES
PG-200-101AH--P COPAL-PG-200-101AH--P Datasheet
129Kb / 8P
   PRESSURE GAUGES
PG-200-101AH-3-P COPAL-PG-200-101AH-3-P Datasheet
129Kb / 8P
   PRESSURE GAUGES
More results

Similar Description - PG-20-502R-NAW1

ManufacturerPart #DatasheetDescription
logo
Copal Electronics
PG-35 COPAL-PG-35_16 Datasheet
191Kb / 6P
   PRESSURE GAUGES
PG-30 COPAL-PG-30 Datasheet
124Kb / 6P
   PRESSURE GAUGES
PG-35H COPAL-PG-35H_16 Datasheet
108Kb / 4P
   PRESSURE GAUGES
PG-200 COPAL-PG-200_16 Datasheet
129Kb / 8P
   PRESSURE GAUGES
PG-208 COPAL-PG-208_16 Datasheet
129Kb / 8P
   PRESSURE GAUGES
PG-35L COPAL-PG-35L_16 Datasheet
126Kb / 4P
   PRESSURE GAUGES
logo
Ralston Instruments.
QTHA-HCBL-45 RALSTON-QTHA-HCBL-45 Datasheet
645Kb / 1P
   Connect to pressure gauges, pressure calibrators and adapters easily and quickly
logo
Extech Instruments Corp...
475040 EXTECH-475040_15 Datasheet
367Kb / 1P
   Digital Forge Gauges
TKG150 EXTECH-TKG150 Datasheet
963Kb / 2P
   Ultrasonic Thickness Gauges
475044 EXTECH-475044_15 Datasheet
367Kb / 1P
   Digital Forge Gauges
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com