Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1963A Datasheet(PDF) 9 Page - Linear Integrated Systems

Part # LT1963A
Description  800mA Single Resistor Rugged Linear Regulator with Monitors
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAR [Linear Integrated Systems]
Direct Link  http://www.linearsystems.com
Logo LINEAR - Linear Integrated Systems

LT1963A Datasheet(HTML) 9 Page - Linear Integrated Systems

Back Button LT1963A Datasheet HTML 5Page - Linear Integrated Systems LT1963A Datasheet HTML 6Page - Linear Integrated Systems LT1963A Datasheet HTML 7Page - Linear Integrated Systems LT1963A Datasheet HTML 8Page - Linear Integrated Systems LT1963A Datasheet HTML 9Page - Linear Integrated Systems LT1963A Datasheet HTML 10Page - Linear Integrated Systems LT1963A Datasheet HTML 11Page - Linear Integrated Systems LT1963A Datasheet HTML 12Page - Linear Integrated Systems LT1963A Datasheet HTML 13Page - Linear Integrated Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
LT3089
9
3089f
For more information www.linear.com/LT3089
BLOCK DIAGRAM
+
50µA
IN
IMON
TEMPERATURE
DEPENDENT
CURRENT SOURCE
1µA/°C
SET
ILIM
OUT 3089 BD
PROGRAMMABLE
CURRENT LIMIT
CURRENT
MONITOR
IMON = ILOAD/5000
TEMP
PIN FUNCTIONS
IN: Input. This pin supplies power to regulate internal
circuitry and supply output load current. For the device
to operate properly and regulate, the voltage on this pin
must be between the dropout voltage and 36V above the
OUT pin (depending on output load current, see Dropout
Voltage Specifications).
OUT: Output. This is the power output of the device. The
LT3089 requires a 3mA minimum load current for proper
output regulation.
TEMP: Temperature Output. This pin delivers a current
proportional to the internal average junction temperature.
Current output is 1µA/°C for temperatures above 5°C. The
TEMP pin output current typically equals 25µA at 25°C.
The output of the TEMP pin is valid for voltages from VOUT
+ 0.4V to VOUT – 40V. If unused, connect this pin to OUT.
ILIM: Current Limit Program. A resistor between this pin
and OUT programs output current limit to a level propor-
tional to resistor value. Connect this resistor directly to
OUT at the pins of the package. The typical ratio of current
limit to resistor value is 175mA/kΩ with a 300Ω offset.
If programmable current limit is not used, leave this pin
open; the internal current limit of the LT3089 is still active,
keeping the device inside safe operating limits. External
voltage drops between the current limit resistor and VOUT
will affect the current limit. Keep drops below 1mV.
IMON: Output Current Monitor. The IMON pin sources a
current typically equal to ILOAD/5000 or 200µA per amp of
output current. Terminating this pin with a resistor to GND
produces a voltage proportional to ILOAD. For example,
at ILOAD = 800mA, IMON typically sources 160µA. With
a 1k resistor to GND, this produces 160mV. The output
of the IMON pin is valid for voltages from VOUT + 0.4V to
VOUT – 40V. If unused, connect this pin to OUT.
SET: Set. This pin is the error amplifier’s noninverting
input and also sets the operating bias point of the circuit.
A fixed 50μA current source flows out of this pin. A single
external resistor programs VOUT. Output voltage range is
0V to 34.5V.
Exposed Pad/Tab: Output. The exposed pad of the DF
and FE packages and the tab of the R package are tied
internally to OUT. As such, tie them directly to OUT (Pins
1-4/Pins 1-5, 8, 9, 16/Pin 4) at the PCB. The amount of
copper area and planes connected to OUT determine the
effective thermal resistance of the packages.
NC: No Connection. No connect pins have no connection
to internal circuitry and may be tied to IN, OUT, GND or
floated.


Similar Part No. - LT1963A

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1963A LINER-LT1963A Datasheet
278Kb / 20P
   1.5A, Low Noise, Fast Transient Response LDO Regulators
LT1963A LINER-LT1963A Datasheet
545Kb / 28P
   1.5A, Low Noise, Fast Transient Response
LT1963A LINER-LT1963A Datasheet
208Kb / 16P
   1.1A, Low Noise, Low Dropout Linear Regulator
LT1963A LINER-LT1963A Datasheet
192Kb / 16P
   100mA, Low Voltage, Very Low Dropout Linear Regulator
LT1963A LINER-LT1963A Datasheet
777Kb / 28P
   1.5A, Low Noise,Fast Transient Response LDO Regulators
More results

Similar Description - LT1963A

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3089 LINER-LT3089 Datasheet
1Mb / 28P
   800mA Single Resistor Rugged Linear Regulator with Monitors
LT3089EDF LINER-LT3089EDF Datasheet
685Kb / 6P
   800mA Rugged Linear Regulator with Monitors
LT3088 LINER-LT3088_15 Datasheet
710Kb / 26P
   800mA Single Resistor Rugged Linear Regulator
LT3088EDD LINER-LT3088EDD Datasheet
627Kb / 6P
   800mA Single Resistor Rugged Linear Regulator
LT3088 LINER-LT3088 Datasheet
558Kb / 26P
   800mA Single Resistor Rugged Linear Regulator
LT3081 LINER-LT3081_15 Datasheet
469Kb / 32P
   1.5A Single Resistor Rugged Linear Regulator with Monitors
LT3081 LINER-LT3081 Datasheet
287Kb / 6P
   1.5A Single Resistor Rugged Linear Regulator with Monitors
logo
Linear Dimensions Semic...
LT3081 LINEAR_DIMENSIONS-LT3081 Datasheet
1Mb / 28P
   1.5A Single Resistor Rugged Linear Regulator with Monitors
logo
ACE Technology Co., LTD...
ACE51117C ACE-ACE51117C Datasheet
202Kb / 3P
   800mA Bipolar Linear Regulator
VER 1.1
logo
SHIKUES Electronics
SK1117A SKTECHNOLGY-SK1117A Datasheet
2Mb / 6P
   800mA Bipolar Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com