Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2710MT-ADJ Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2710MT-ADJ
Description  Step-up PWM DC/DC Converter Integrated with 5 Buffers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2710MT-ADJ Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LM2710MT-ADJ Datasheet HTML 1Page - National Semiconductor (TI) LM2710MT-ADJ Datasheet HTML 2Page - National Semiconductor (TI) LM2710MT-ADJ Datasheet HTML 3Page - National Semiconductor (TI) LM2710MT-ADJ Datasheet HTML 4Page - National Semiconductor (TI) LM2710MT-ADJ Datasheet HTML 5Page - National Semiconductor (TI) LM2710MT-ADJ Datasheet HTML 6Page - National Semiconductor (TI) LM2710MT-ADJ Datasheet HTML 7Page - National Semiconductor (TI) LM2710MT-ADJ Datasheet HTML 8Page - National Semiconductor (TI) LM2710MT-ADJ Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
Connection Diagram
Top View
20043404
TSSOP 20 package
T
JMAX = 125˚C,
θ
JA = 120˚C/W (Note 1)
Pin Description
Pin
Name
Function
1V
SW
Power switch input.
2V
IN
Switching Regulator Power input.
3
SHDN
Shutdown pin, active low.
4
FSLCT
Frequency Select pin. FSLCT = V
IN for 1.25 MHz, FSLCT = AGND or floating for 600kHz.
5
Vs+
Vcom and Gamma Buffer input supply.
6
Vcom-in
Vcom Buffer input.
7
GMA1-in
Gamma Buffer input.
8
GMA2-in
Gamma Buffer input.
9
GMA3-in
Gamma Buffer input.
10
GMA4-in
Gamma Buffer input.
11
GMA4-out
Gamma Buffer output.
12
GMA3-out
Gamma Buffer output.
13
GMA2-out
Gamma Buffer output.
14
GMA1-out
Gamma Buffer output.
15
Vcom-out
Vcom Buffer output.
16
SS
Soft start pin.
17
V
C
Boost Compensation Network Connection.
18
FB
Output Voltage Feedback input.
19
AGND
Vcom and Gamma Buffer ground, Analog ground connection for Regulator.
20
GND
Switch Power Ground.
www.national.com
2


Similar Part No. - LM2710MT-ADJ

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
LM271 SEOUL-LM271 Datasheet
376Kb / 14P
   INFRARED LAMP LED
LM271 SEOUL-LM271 Datasheet
360Kb / 13P
   CYAN LAMP LED
LM271 SEOUL-LM271 Datasheet
392Kb / 14P
   RED OVAL LAMP LED
LM271 SEOUL-LM271 Datasheet
392Kb / 14P
   RED OVAL LAMP LED
LM271 SEOUL-LM271 Datasheet
378Kb / 14P
   RED LAMP LED
More results

Similar Description - LM2710MT-ADJ

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3211 NSC-LM3211 Datasheet
821Kb / 21P
   Step-up PWM DC/DC Converter Integrated with 4 Buffers
logo
RICOH electronics devic...
R1210N302C RICOH-R1210N302C Datasheet
217Kb / 20P
   SOT23-5 PWM Step-up DC/DC Converter?
logo
Diodes Incorporated
PAM2421 DIODES-PAM2421 Datasheet
561Kb / 10P
   PWM STEP-UP DC-DC CONVERTER
logo
Advanced Power Electron...
APE1911 A-POWER-APE1911 Datasheet
330Kb / 9P
   STEP-UP PWM DC/DC Converter
logo
Anpec Electronics Corop...
APW7077 ANPEC-APW7077 Datasheet
454Kb / 21P
   PWM Step-Up DC-DC Converter
logo
RICOH electronics devic...
R1210N301C RICOH-R1210N301C Datasheet
179Kb / 18P
   PWM Step-up DC/DC Converter
RH5RH301A RICOH-RH5RH301A Datasheet
199Kb / 29P
   PWM STEP-UP DC/DC CONVERTER
logo
Advanced Power Electron...
APE1912 A-POWER-APE1912 Datasheet
83Kb / 7P
   STEP-UP PWM DC/DC CONVERTER
logo
SHOUDING Shouding Semic...
SDB842X SHOUDING-SDB842X Datasheet
1Mb / 7P
   PWM Step-Up DC-DC Converter
logo
Maxim Integrated Produc...
MAX618 MAXIM-MAX618 Datasheet
204Kb / 14P
   28V, PWM, Step-Up DC-DC Converter
Rev 0; 6/99
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com