Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NE5534 Datasheet(PDF) 2 Page - ON Semiconductor

Part # NE5534
Description  Single Low Noise Operational Amplifier
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NE5534 Datasheet(HTML) 2 Page - ON Semiconductor

  NE5534_12 Datasheet HTML 1Page - ON Semiconductor NE5534_12 Datasheet HTML 2Page - ON Semiconductor NE5534_12 Datasheet HTML 3Page - ON Semiconductor NE5534_12 Datasheet HTML 4Page - ON Semiconductor NE5534_12 Datasheet HTML 5Page - ON Semiconductor NE5534_12 Datasheet HTML 6Page - ON Semiconductor NE5534_12 Datasheet HTML 7Page - ON Semiconductor NE5534_12 Datasheet HTML 8Page - ON Semiconductor NE5534_12 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
NE5534, SA5534, SE5534, NE5534A, SA5534A, SE5534A
http://onsemi.com
2
1
2
3
4
6
7
5
8
Figure 1. Equivalent Schematic
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Supply Voltage
VS
"22
V
Input Voltage
VIN
"V Supply
V
Differential Input Voltage (Note 1)
VDIFF
"0.5
V
Operating Temperature Range
NE
SA
SE
Tamb
0 to +70
−40 to +85
−55 to +125
°C
Storage Temperature Range
Tstg
−65 to +150
°C
Junction Temperature
Tj
150
°C
Power Dissipation at 25°C
N Package
D Package
PD
1150
750
mW
Thermal Resistance, Junction−to−Ambient
N Package
D Package
RqJA
130
158
°C/W
Output Short-Circuit Duration (Note 2)
Indefinite
Lead Soldering Temperature (10 sec max)
Tsld
230
°C
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.
1. Diodes protect the inputs against overvoltage. Therefore, unless current-limiting resistors are used, large currents will flow if the differential input
voltage exceeds 0.6 V. Maximum current should be limited to "10 mA.
2. Output may be shorted to ground at VS = "15 V, Tamb = 25°C. Temperature and/or supply voltages must be limited to ensure dissipation rating
is not exceeded.


Similar Part No. - NE5534_12

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NE5534A PHILIPS-NE5534A Datasheet
109Kb / 8P
   Dual and single low noise op amp
August 31, 1994
logo
Texas Instruments
NE5534A TI-NE5534A Datasheet
119Kb / 7P
[Old version datasheet]   LOW-NOISE OPERATIONAL AMPLIFIERS
NE5534A TI-NE5534A Datasheet
289Kb / 12P
[Old version datasheet]   LOW OPERATIONAL AMPLIFIERS
NE5534A TI-NE5534A Datasheet
541Kb / 20P
[Old version datasheet]   Equivalent Input Noise Voltage
NE5534AD TI-NE5534AD Datasheet
541Kb / 20P
[Old version datasheet]   Equivalent Input Noise Voltage
More results

Similar Description - NE5534_12

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC75S61TU TOSHIBA-TC75S61TU Datasheet
206Kb / 7P
   Single Operational Amplifier (Low Noise Operational Amplifier)
TC75S63TU TOSHIBA-TC75S63TU Datasheet
243Kb / 9P
   Single Operational Amplifier (Low Noise Operational Amplifier)
logo
ON Semiconductor
NE5534 ONSEMI-NE5534 Datasheet
165Kb / 10P
   Single Low Noise Operational Amplifier
March, 2006 ??Rev. 2
logo
Toshiba Semiconductor
TA75S558FTE85LF TOSHIBA-TA75S558FTE85LF Datasheet
182Kb / 5P
   Single Low-Noise Operational Amplifier
TC75S67TU TOSHIBA-TC75S67TU Datasheet
1Mb / 11P
   Single Operational Amplifier (Ultra Low Noise Operational Amplifier)
2019-08-19 Rev1.4
logo
STMicroelectronics
TL071 STMICROELECTRONICS-TL071_08 Datasheet
309Kb / 15P
   Low noise JFET single operational amplifier
TL071 STMICROELECTRONICS-TL071_07 Datasheet
287Kb / 13P
   Low noise JFET single operational amplifier
TSH10 STMICROELECTRONICS-TSH10 Datasheet
76Kb / 5P
   140MHz BANDWIDTH LOW NOISE SINGLE OPERATIONAL AMPLIFIER
logo
Texas Instruments
LMH6624-MIL TI1-LMH6624-MIL Datasheet
1Mb / 29P
[Old version datasheet]   Single Ultra-Low-Noise Wideband Operational Amplifier
logo
Rohm
LM4559F ROHM-LM4559F Datasheet
380Kb / 20P
   Low Noise Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com