Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL494 Datasheet(PDF) 7 Page - ON Semiconductor

Part # TL494
Description  Modulation Control Circuit
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

TL494 Datasheet(HTML) 7 Page - ON Semiconductor

Back Button TL494_10 Datasheet HTML 3Page - ON Semiconductor TL494_10 Datasheet HTML 4Page - ON Semiconductor TL494_10 Datasheet HTML 5Page - ON Semiconductor TL494_10 Datasheet HTML 6Page - ON Semiconductor TL494_10 Datasheet HTML 7Page - ON Semiconductor TL494_10 Datasheet HTML 8Page - ON Semiconductor TL494_10 Datasheet HTML 9Page - ON Semiconductor TL494_10 Datasheet HTML 10Page - ON Semiconductor TL494_10 Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
TL494, NCV494
http://onsemi.com
7
Figure 4. Open Loop Voltage Gain and
Phase versus Frequency
Figure 5. Percent Deadtime versus
Oscillator Frequency
Figure 6. Percent Duty Cycle versus
Deadtime Control Voltage
1.0
10
100
1.0 k
10 k
100 k
1.0 M
f, FREQUENCY (Hz)
AVOL
0
20
40
60
80
100
120
140
160
180
φ
VCC = 15 V
DVO = 3.0 V
RL = 2.0 kW
Figure 7. Emitter−Follower Configuration
Output Saturation Voltage versus
Emitter Current
500 k 1.0 k
10 k
100 k
500 k
fosc, OSCILLATOR FREQUENCY (Hz)
CT = 0.001 mF
0.001
mF
0
1.0
2.0
3.0
3.5
VDT, DEADTIME CONTROL VOLTAGE (IV)
VCC = 15 V
VOC = Vref
1.CT = 0.01 mF
2. RT = 10 kW
2.CT = 0.001 mF
2. RT = 30 kW
2
1
Figure 8. Common−Emitter Configuration
Output Saturation Voltage versus
Collector Current
0
100
200
300
400
IE, EMITTER CURRENT (mA)
0
100
200
300
400
IC, COLLECTOR CURRENT (mA)
Figure 9. Standby Supply Current
versus Supply Voltage
0
5.0
10
15
20
25
30
35
40
VCC, SUPPLY VOLTAGE (V)
120
110
100
90
80
70
60
50
40
30
20
10
0
20
18
16
14
12
10
8.0
6.0
4.0
2.0
0
50
40
30
20
10
0
1.9
1.8
1.7
1.6
1.5
1.4
1.3
1.2
1.1
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
10
9.0
8.0
7.0
6.0
5.0
4.0
3.0
2.0
1.0
0


Similar Part No. - TL494_10

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL494 TI-TL494_10 Datasheet
616Kb / 19P
[Old version datasheet]   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
TL494_101 TI-TL494_101 Datasheet
614Kb / 19P
[Old version datasheet]   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
More results

Similar Description - TL494_10

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL594 TI-TL594_07 Datasheet
642Kb / 19P
[Old version datasheet]   PULSE-WIDTH-MODULATION CONTROL CIRCUIT
TL594 TI-TL594_10 Datasheet
641Kb / 19P
[Old version datasheet]   PULSE-WIDTH-MODULATION CONTROL CIRCUIT
logo
E-Tech Electronics LTD
TL594 ETL-TL594 Datasheet
346Kb / 9P
   PULSE-WIDTH-MODULATION CONTROL CIRCUIT
logo
Motorola, Inc
SG3526 MOTOROLA-SG3526 Datasheet
172Kb / 10P
   PULSE WIDTH MODULATION CONTROL CIRCUIT
logo
ON Semiconductor
SG3526 ONSEMI-SG3526 Datasheet
172Kb / 10P
   PULSE WIDTH MODULATION CONTROL CIRCUIT
1996 REV 2
logo
Texas Instruments
TL5002 TI-TL5002 Datasheet
233Kb / 14P
[Old version datasheet]   PULSE-WIDTH-MODULATION CONTROL CIRCUIT
TL5002CDRG4 TI1-TL5002CDRG4 Datasheet
463Kb / 18P
[Old version datasheet]   PULSE-SIDTH-MODULATION CONTROL CIRCUIT
logo
KODENSHI_AUK CORP.
KK494A KODENSHI-KK494A Datasheet
464Kb / 5P
   Pulse-Width-Modulation Control Circuit
logo
Unisonic Technologies
TL594 UTC-TL594_09 Datasheet
335Kb / 9P
   PULSE-WIDTH-MODULATION CONTROL CIRCUIT
TL594 UTC-TL594 Datasheet
281Kb / 8P
   PULSE-WIDTH-MODULATION CONTROL CIRCUIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com