Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL594CD Datasheet(PDF) 3 Page - ON Semiconductor

Part # TL594CD
Description  Precision Switchmode Pulse Width Modulation Control Circuit
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

TL594CD Datasheet(HTML) 3 Page - ON Semiconductor

  TL594CD Datasheet HTML 1Page - ON Semiconductor TL594CD Datasheet HTML 2Page - ON Semiconductor TL594CD Datasheet HTML 3Page - ON Semiconductor TL594CD Datasheet HTML 4Page - ON Semiconductor TL594CD Datasheet HTML 5Page - ON Semiconductor TL594CD Datasheet HTML 6Page - ON Semiconductor TL594CD Datasheet HTML 7Page - ON Semiconductor TL594CD Datasheet HTML 8Page - ON Semiconductor TL594CD Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
TL594
http://onsemi.com
3
ELECTRICAL CHARACTERISTICS (VCC = 15 V, CT = 0.01 mF, RT = 12 kW, unless otherwise noted.)
For typical values TA = 25°C, for min/max values TA is the operating ambient temperature range that applies, unless otherwise noted.
Characteristics
Symbol
Min
Typ
Max
Unit
PWM COMPARATOR SECTION (Test Circuit Figure 11)
Input Threshold Voltage (Zero Duty Cycle)
VTH
3.6
4.5
V
Input Sink Current (VPin 3 = 0.7 V)
II−
0.3
0.7
mA
DEADTIME CONTROL SECTION (Test Circuit Figure 11)
Input Bias Current (Pin 4) (VPin 4 = 0 V to 5.25 V)
IIB (DT)
−2.0
−10
mA
Maximum Duty Cycle, Each Output, Push−Pull Mode
(VPin 4 = 0 V, CT = 0.01 mF, RT = 12 kW)
(VPin 4 = 0 V, CT = 0.001 mF, RT = 30 kW)
DCmax
45
48
45
50
%
Input Threshold Voltage (Pin 4)
(Zero Duty Cycle)
(Maximum Duty Cycle)
VTH
0
2.8
3.3
V
OSCILLATOR SECTION
Frequency
(CT = 0.001 mF, RT = 30 kW)
(CT = 0.01 mF, RT = 12 kW, TA = 25°C)
(CT = 0.01 mF, RT = 12 kW, TA = Tlow to Thigh)
fosc
9.2
9.0
40
10
10.8
12
kHz
Standard Deviation of Frequency* (CT = 0.001 mF, RT = 30 kW)
σfosc
1.5
%
Frequency Change with Voltage (VCC = 7.0 V to 40 V, TA = 25°C)
Dfosc (DV)
0.2
1.0
%
Frequency Change with Temperature
(
DTA = Tlow to Thigh, CT = 0.01 mF, RT = 12 kW)
Dfosc (DT)
4.0
%
UNDERVOLTAGE LOCKOUT SECTION
Turn−On Threshold (VCC Increasing, Iref = 1.0 mA)
TA = 25°C
TA = Tlow to Thigh
Vth
4.0
3.5
5.2
6.0
6.5
V
Hysteresis
TL594C,I
TL594M
VH
100
50
150
150
300
300
mV
TOTAL DEVICE
Standby Supply Current (Pin 6 at Vref, All other inputs and outputs open)
(VCC = 15 V)
(VCC = 40 V)
ICC
8.0
8.0
15
18
mA
Average Supply Current (VPin 4 = 2.0 V, CT = 0.01 mF, RT = 12 kW,
VCC = 15 V, See Figure 11)
11
mA
*Standard deviation is a measure of the statistical distribution about the mean as derived from the formula,
σ
N
n = 1
Σ (Xn − X)2
N − 1


Similar Part No. - TL594CD

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
TL594CD MOTOROLA-TL594CD Datasheet
198Kb / 12P
   PRECISION SWITCHMODE PULSE WIDTH MODULATION CONTROL CIRCUIT
logo
Texas Instruments
TL594CD TI-TL594CD Datasheet
418Kb / 16P
[Old version datasheet]   PULSE-WIDTH-MODULATION CONTROL CIRCUIT
logo
ON Semiconductor
TL594CD ONSEMI-TL594CD Datasheet
145Kb / 12P
   Precision Switchmode Pulse Width Modulation Control Circuit
November, 2005 ??Rev. 5
logo
Texas Instruments
TL594CD TI-TL594CD Datasheet
642Kb / 19P
[Old version datasheet]   PULSE-WIDTH-MODULATION CONTROL CIRCUIT
TL594CD TI-TL594CD Datasheet
641Kb / 19P
[Old version datasheet]   PULSE-WIDTH-MODULATION CONTROL CIRCUIT
More results

Similar Description - TL594CD

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
TL594 MOTOROLA-TL594 Datasheet
198Kb / 12P
   PRECISION SWITCHMODE PULSE WIDTH MODULATION CONTROL CIRCUIT
logo
ON Semiconductor
TL594 ONSEMI-TL594 Datasheet
145Kb / 12P
   Precision Switchmode Pulse Width Modulation Control Circuit
November, 2005 ??Rev. 5
TL494 ONSEMI-TL494 Datasheet
143Kb / 12P
   SWITCHMODE PULSE WIDTH MODULATION CONTROL CIRCUIT
April, 2004 ??Rev. 5
logo
Ceramate Technical
CP494 CERAMATE-CP494 Datasheet
155Kb / 11P
   SWITCHMODE Pulse Width Modulation Control Circuit
logo
List of Unclassifed Man...
PJ494 ETC-PJ494 Datasheet
688Kb / 11P
   Switchmode Pulse Width Modulation Control Circuit
logo
Motorola, Inc
TL494 MOTOROLA-TL494 Datasheet
197Kb / 12P
   SWITCHMODE PULSE WIDTH MODULATION CONTROL CIRCUIT
logo
Estek Electronics Co. L...
ET-KA7500 ESTEK-ET-KA7500 Datasheet
478Kb / 4P
   SWITCHMODE Pulse Width Modulation Control Circuit
logo
First Components Intern...
TL494AP FCI-TL494AP Datasheet
205Kb / 7P
   Switchmode Pulse - Width - Modulation Control Circuit
logo
ON Semiconductor
TL494 ONSEMI-TL494_05 Datasheet
144Kb / 14P
   SWITCHMODE TM Pulse Width Modulation Control Circuit
June, 2005 ??Rev. 6
logo
First Components Intern...
TL494 FCI-TL494 Datasheet
634Kb / 11P
   Switchmode Pulse Width Modulation Control Circuits
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com