Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL494BDR2G Datasheet(PDF) 9 Page - ON Semiconductor

Part # TL494BDR2G
Description  Modulation Control Circuit
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

TL494BDR2G Datasheet(HTML) 9 Page - ON Semiconductor

Back Button TL494BDR2G Datasheet HTML 5Page - ON Semiconductor TL494BDR2G Datasheet HTML 6Page - ON Semiconductor TL494BDR2G Datasheet HTML 7Page - ON Semiconductor TL494BDR2G Datasheet HTML 8Page - ON Semiconductor TL494BDR2G Datasheet HTML 9Page - ON Semiconductor TL494BDR2G Datasheet HTML 10Page - ON Semiconductor TL494BDR2G Datasheet HTML 11Page - ON Semiconductor TL494BDR2G Datasheet HTML 12Page - ON Semiconductor TL494BDR2G Datasheet HTML 13Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
TL494, NCV494
http://onsemi.com
9
Figure 14. Error−Amplifier Sensing Techniques
Figure 15. Deadtime Control Circuit
Figure 16. Soft−Start Circuit
Figure 17. Output Connections for Single−Ended and Push−Pull Configurations
VO
To Output
Voltage of
System
R1
1
2
Vref
R2
+
Error
Amp
Positive Output Voltage
VO = Vref
1 +
R1
3
+
1
2
Vref
R2
VO
R1
Negative Output Voltage
To Output
Voltage of
System
Error
Amp
VO = Vref
R1
R1
R2
Output
Control
Output
Q
RT
CT
DT
Vref
4
5
6
0.001
30k
R1
R2
Max. % on Time, each output
≈ 45 −
80
1 +
Output
Q
Vref
4
DT
CS
RS
Output
Control
Single−Ended
Q1
Q2
QC
1.0 mA to
500 mA
QE
2.4 V
≤ VOC ≤ Vref
Push−Pull
Q1
Q2
C1
E1
C2
E2
1.0 mA to
250 mA
Output
Control
0
≤ VOC ≤ 0.4 V
C1
E1
C2
E2
R2
R2
1.0 mA to
250 mA


Similar Part No. - TL494BDR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
TL494BDR2G ONSEMI-TL494BDR2G Datasheet
144Kb / 14P
   SWITCHMODE TM Pulse Width Modulation Control Circuit
June, 2005 ??Rev. 6
TL494BDR2G ONSEMI-TL494BDR2G Datasheet
302Kb / 14P
   Switch mode Pulse Width Modulation Control Circuit
August, 2021 - Rev. 7
More results

Similar Description - TL494BDR2G

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL594 TI-TL594_07 Datasheet
642Kb / 19P
[Old version datasheet]   PULSE-WIDTH-MODULATION CONTROL CIRCUIT
TL594 TI-TL594_10 Datasheet
641Kb / 19P
[Old version datasheet]   PULSE-WIDTH-MODULATION CONTROL CIRCUIT
logo
E-Tech Electronics LTD
TL594 ETL-TL594 Datasheet
346Kb / 9P
   PULSE-WIDTH-MODULATION CONTROL CIRCUIT
logo
Motorola, Inc
SG3526 MOTOROLA-SG3526 Datasheet
172Kb / 10P
   PULSE WIDTH MODULATION CONTROL CIRCUIT
logo
ON Semiconductor
SG3526 ONSEMI-SG3526 Datasheet
172Kb / 10P
   PULSE WIDTH MODULATION CONTROL CIRCUIT
1996 REV 2
logo
Texas Instruments
TL5002 TI-TL5002 Datasheet
233Kb / 14P
[Old version datasheet]   PULSE-WIDTH-MODULATION CONTROL CIRCUIT
TL5002CDRG4 TI1-TL5002CDRG4 Datasheet
463Kb / 18P
[Old version datasheet]   PULSE-SIDTH-MODULATION CONTROL CIRCUIT
logo
KODENSHI_AUK CORP.
KK494A KODENSHI-KK494A Datasheet
464Kb / 5P
   Pulse-Width-Modulation Control Circuit
logo
Unisonic Technologies
TL594 UTC-TL594_09 Datasheet
335Kb / 9P
   PULSE-WIDTH-MODULATION CONTROL CIRCUIT
TL594 UTC-TL594 Datasheet
281Kb / 8P
   PULSE-WIDTH-MODULATION CONTROL CIRCUIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com