Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NE5534N Datasheet(PDF) 1 Page - ON Semiconductor

Part # NE5534N
Description  Single Low Noise Operational Amplifier
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NE5534N Datasheet(HTML) 1 Page - ON Semiconductor

  NE5534N Datasheet HTML 1Page - ON Semiconductor NE5534N Datasheet HTML 2Page - ON Semiconductor NE5534N Datasheet HTML 3Page - ON Semiconductor NE5534N Datasheet HTML 4Page - ON Semiconductor NE5534N Datasheet HTML 5Page - ON Semiconductor NE5534N Datasheet HTML 6Page - ON Semiconductor NE5534N Datasheet HTML 7Page - ON Semiconductor NE5534N Datasheet HTML 8Page - ON Semiconductor NE5534N Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
© Semiconductor Components Industries, LLC, 2012
July, 2012 − Rev. 3
1
Publication Order Number:
NE5534/D
NE5534, SA5534, SE5534,
NE5534A, SA5534A,
SE5534A
Single Low Noise
Operational Amplifier
The NE/SA/SE5534/5534A are single high-performance low noise
operational amplifiers. Compared to other operational amplifiers,
such as TL083, they show better noise performance, improved output
drive capability, and considerably higher small-signal and power
bandwidths.
This makes the devices especially suitable for application in high
quality and professional audio equipment, in instrumentation and
control circuits and telephone channel amplifiers. The op amps are
internally compensated for gain equal to, or higher than, three. The
frequency response can be optimized with an external compensation
capacitor for various applications (unity gain amplifier, capacitive
load, slew rate, low overshoot, etc.).
Features
Small-Signal Bandwidth: 10 MHz
Output Drive Capability: 600 W, 10 VRMS at VS = "18 V
Input Noise Voltage: 4nV Hz
DC Voltage Gain: 100000
AC Voltage Gain: 6000 at 10 kHz
Power Bandwidth: 200 kHz
Slew Rate: 13 V/ms
Large Supply Voltage Range: "3.0 to "20 V
Pb−Free Packages are Available
Applications
Audio Equipment
Instrumentation and Control Circuits
Telephone Channel Amplifiers
Medical Equipment
http://onsemi.com
See detailed ordering and shipping information in the package
dimensions section on page 8 of this data sheet.
ORDERING INFORMATION
PIN CONNECTIONS
SOIC−8
D SUFFIX
CASE 751
Top View
PDIP−8
N SUFFIX
CASE 626
1
8
8
7
6
5
4
3
2
1
BALANCE/
COMPENSATION
V+
OUTPUT
COMPENSATION
BALANCE
INVERTING INPUT
NON-INVERTING
V−
D, N Packages
1
8
See general marking information in the device marking
section on page 8 of this data sheet.
DEVICE MARKING INFORMATION


Similar Part No. - NE5534N

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NE5534N PHILIPS-NE5534N Datasheet
109Kb / 8P
   Dual and single low noise op amp
August 31, 1994
logo
ON Semiconductor
NE5534N ONSEMI-NE5534N Datasheet
165Kb / 10P
   Single Low Noise Operational Amplifier
March, 2006 ??Rev. 2
NE5534NG ONSEMI-NE5534NG Datasheet
165Kb / 10P
   Single Low Noise Operational Amplifier
March, 2006 ??Rev. 2
More results

Similar Description - NE5534N

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC75S61TU TOSHIBA-TC75S61TU Datasheet
206Kb / 7P
   Single Operational Amplifier (Low Noise Operational Amplifier)
TC75S63TU TOSHIBA-TC75S63TU Datasheet
243Kb / 9P
   Single Operational Amplifier (Low Noise Operational Amplifier)
logo
ON Semiconductor
NE5534 ONSEMI-NE5534 Datasheet
165Kb / 10P
   Single Low Noise Operational Amplifier
March, 2006 ??Rev. 2
logo
Toshiba Semiconductor
TA75S558FTE85LF TOSHIBA-TA75S558FTE85LF Datasheet
182Kb / 5P
   Single Low-Noise Operational Amplifier
TC75S67TU TOSHIBA-TC75S67TU Datasheet
1Mb / 11P
   Single Operational Amplifier (Ultra Low Noise Operational Amplifier)
2019-08-19 Rev1.4
logo
STMicroelectronics
TL071 STMICROELECTRONICS-TL071_08 Datasheet
309Kb / 15P
   Low noise JFET single operational amplifier
TL071 STMICROELECTRONICS-TL071_07 Datasheet
287Kb / 13P
   Low noise JFET single operational amplifier
TSH10 STMICROELECTRONICS-TSH10 Datasheet
76Kb / 5P
   140MHz BANDWIDTH LOW NOISE SINGLE OPERATIONAL AMPLIFIER
logo
Texas Instruments
LMH6624-MIL TI1-LMH6624-MIL Datasheet
1Mb / 29P
[Old version datasheet]   Single Ultra-Low-Noise Wideband Operational Amplifier
logo
Rohm
LM4559F ROHM-LM4559F Datasheet
380Kb / 20P
   Low Noise Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com