Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B43545A5227M0 Datasheet(PDF) 9 Page - TDK Electronics

Part # B43545A5227M0
Description  Snap-in capacitors
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

B43545A5227M0 Datasheet(HTML) 9 Page - TDK Electronics

Back Button B43545A5227M0 Datasheet HTML 5Page - TDK Electronics B43545A5227M0 Datasheet HTML 6Page - TDK Electronics B43545A5227M0 Datasheet HTML 7Page - TDK Electronics B43545A5227M0 Datasheet HTML 8Page - TDK Electronics B43545A5227M0 Datasheet HTML 9Page - TDK Electronics B43545A5227M0 Datasheet HTML 10Page - TDK Electronics B43545A5227M0 Datasheet HTML 11Page - TDK Electronics B43545A5227M0 Datasheet HTML 12Page - TDK Electronics B43545A5227M0 Datasheet HTML 13Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
Technical data and ordering codes
CR
100 Hz
20
°C
µF
Case
dimensions
d
× l
mm
ESRtyp
100 Hz
20
°C
m
ESRtyp
300 Hz
60
°C
m
Zmax
10 kHz
20
°C
m
IAC,max
100 Hz
60
°C
A
IAC,max
100 Hz
85
°C
A
IAC,R
100 Hz
105
°C
A
Ordering code
(composition see
below)
Composition of ordering code
* =
Insulation feature
# =
Terminal style
0 = PVC insulation
6 = PET insulation
8 = PVC insulation with additional PET insulation
cap on terminal side
0 = snap-in standard terminals (6.3 mm)
2 = snap-in 3 terminals (4.5 mm)
7 = snap-in short terminals (4.5 mm)
VR = 450 V DC
82
25
× 25
1110
290
1680
1.73
1.33
0.71
B43545B5826M0*#
100
25
× 30
910
240
1370
2.06
1.52
0.82
B43545A5107M0*#
120
25
× 35
760
200
1140
2.34
1.73
0.94
B43545B5127M0*#
120
30
× 25
750
190
1140
2.47
1.81
0.98
B43545A5127M0*#
150
25
× 40
610
160
920
2.74
2.02
1.09
B43545A5157M0*#
150
30
× 30
600
150
910
2.86
2.10
1.14
B43545B5157M0*#
180
25
× 45
500
130
770
3.13
2.30
1.25
B43545A5187M0*#
180
30
× 35
500
130
760
3.24
2.38
1.29
B43545B5187M0*#
180
35
× 25
510
130
770
3.32
2.44
1.32
B43545C5187M0*#
220
25
× 50
410
110
630
3.63
2.67
1.45
B43545A5227M0*#
220
30
× 35
410
110
630
3.70
2.72
1.47
B43545B5227M0*#
220
35
× 30
410
110
630
3.82
2.81
1.62
B43545C5227M0*#
270
30
× 45
330
85
510
4.31
3.17
1.83
B43545A5277M0*#
270
35
× 35
340
90
510
4.37
3.22
1.85
B43545B5277M0*#
330
30
× 50
270
70
420
4.98
3.66
2.11
B43545A5337M0*#
330
35
× 40
280
70
420
5.02
3.69
2.13
B43545B5337M0*#
390
30
× 55
230
60
350
5.64
4.15
2.39
B43545A5397M0*#
390
35
× 45
230
60
360
5.63
4.14
2.39
B43545B5397M0*#
470
35
× 50
190
50
300
6.41
4.72
2.72
B43545A5477M0*#
560
35
× 55
160
45
250
7.28
5.35
3.08
B43545A5567M0*#
B43545
Outstanding ripple current, compact
105
°C
Page 9 of 17
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B43545A5227M0

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43545 EPCOS-B43545 Datasheet
651Kb / 17P
   Aluminum electrolytic capacitors
logo
TDK Electronics
B43545 TDK-B43545 Datasheet
602Kb / 17P
   Aluminum electrolytic capacitors
More results

Similar Description - B43545A5227M0

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B43634 TDK-B43634_15 Datasheet
624Kb / 20P
   Snap-in capacitors
B43641 TDK-B43641 Datasheet
728Kb / 16P
   Snap-in capacitors
B43624 TDK-B43624_15 Datasheet
630Kb / 21P
   Snap-in capacitors
logo
EPCOS
B43504 EPCOS-B43504 Datasheet
294Kb / 11P
   Snap-In Capacitors
B41303J7338M EPCOS-B41303J7338M Datasheet
325Kb / 15P
   Snap-In Capacitors
logo
TDK Electronics
B43541 TDK-B43541_15 Datasheet
667Kb / 24P
   Snap-in capacitors
B43544 TDK-B43544_15 Datasheet
638Kb / 22P
   Snap-in capacitors
B43640 TDK-B43640_15 Datasheet
620Kb / 20P
   Snap-in capacitors
B43642 TDK-B43642_15 Datasheet
627Kb / 20P
   Snap-in capacitors
B43509 TDK-B43509_15 Datasheet
626Kb / 20P
   Snap-in capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com