Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2N18-220 Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # 2N18-220
Description  isc N-Channel MOSFET Transistor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

2N18-220 Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  2N18-220 Datasheet HTML 1Page - Inchange Semiconductor Company Limited 2N18-220 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
INCHANGE Semiconductor
isc Product Specification
isc website:www.iscsemi.com
isc & iscsemi is registered trademark
2
isc N-Channel MOSFET Transistor
2N18
·
ELECTRICAL CHARACTERISTICS
TC=25℃ unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYPE
MAX
UNIT
V(BR)DSS
Drain-Source Breakdown Voltage
VGS= 0; ID=250µA
180
V
VGS(th)
Gate Threshold Voltage
VDS= VGS; ID=1mA
2.0
4.0
V
VSD
Diode Forward On-voltage
IS= 2A ;VGS= 0
1.4
V
RDS(on)
Drain-Source On-Resistance
VGS= 10V; ID= 1A
1.8
Ω
IGSS
Gate-Body Leakage Current
VGS= ±20V;VDS= 0
±
500
nA
IDSS
Zero Gate Voltage Drain Current
VDS=180V; VGS= 0
10
µA
tr
Rise Time
VGS=10V;
ID=1.25A;
VDD=50V;
RL=50Ω
25
ns
td(on)
Turn-on Delay Time
15
tf
Fall Time
15
td(off)
Turn-off Delay Time
15
·


Similar Part No. - 2N18-220

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
2N18 ISC-2N18 Datasheet
68Kb / 2P
   Drain Current ID= 2A@ TC=25C
logo
Microsemi Corporation
2N1800 MICROSEMI-2N1800 Datasheet
155Kb / 3P
   Silicon Controlled Rectifier
2N1800 MICROSEMI-2N1800 Datasheet
163Kb / 3P
   Silicon Controlled Rectifiers
logo
New Jersey Semi-Conduct...
2N1800 NJSEMI-2N1800 Datasheet
78Kb / 1P
   T7A/T7B
2N1800 NJSEMI-2N1800 Datasheet
53Kb / 1P
   20 STERN ave.
More results

Similar Description - 2N18-220

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
60NF06 ISC-60NF06 Datasheet
94Kb / 2P
   isc N-Channel MOSFET Transistor
8N60 ISC-8N60 Datasheet
63Kb / 2P
   isc N-Channel Mosfet Transistor
MDP1922 ISC-MDP1922 Datasheet
338Kb / 2P
   isc N-Channel MOSFET Transistor
SUD25N15-52 ISC-SUD25N15-52 Datasheet
321Kb / 2P
   Isc N-Channel MOSFET Transistor
STW20NM50FD ISC-STW20NM50FD Datasheet
324Kb / 2P
   Isc N-Channel MOSFET Transistor
MMF80R450P ISC-MMF80R450P Datasheet
313Kb / 2P
   Isc N-Channel MOSFET Transistor
SPI21N50C3 ISC-SPI21N50C3 Datasheet
355Kb / 3P
   Isc N-Channel MOSFET Transistor
2SK1162 ISC-2SK1162 Datasheet
322Kb / 2P
   isc N-Channel MOSFET Transistor
2N7000 ISC-2N7000 Datasheet
312Kb / 2P
   Isc N-Channel MOSFET Transistor
IPB156N22NFD ISC-IPB156N22NFD Datasheet
268Kb / 2P
   Isc N-Channel MOSFET Transistor
IRF3205STRLPBF ISC-IRF3205STRLPBF Datasheet
266Kb / 2P
   isc N-Channel MOSFET Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com