Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B43624C2567M0 Datasheet(PDF) 11 Page - TDK Electronics

Part # B43624C2567M0
Description  Snap-in capacitors
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

B43624C2567M0 Datasheet(HTML) 11 Page - TDK Electronics

Back Button B43624C2567M0 Datasheet HTML 7Page - TDK Electronics B43624C2567M0 Datasheet HTML 8Page - TDK Electronics B43624C2567M0 Datasheet HTML 9Page - TDK Electronics B43624C2567M0 Datasheet HTML 10Page - TDK Electronics B43624C2567M0 Datasheet HTML 11Page - TDK Electronics B43624C2567M0 Datasheet HTML 12Page - TDK Electronics B43624C2567M0 Datasheet HTML 13Page - TDK Electronics B43624C2567M0 Datasheet HTML 14Page - TDK Electronics B43624C2567M0 Datasheet HTML 15Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
Technical data and ordering codes
CR
100 Hz
20
°C
µF
Case
dimensions
d
× l
mm
ESRtyp
100 Hz
20
°C
m
ESRtyp
300 Hz
60
°C
m
Zmax
10 kHz
20
°C
m
IAC,max
100 Hz
60
°C
A
IAC,R
100 Hz
85
°C
A
Ordering code
(composition see
below)
Composition of ordering code
* =
Insulation feature
# =
Terminal style
0 = PVC insulation
6 = PET insulation
8 = PVC insulation with additional PET insulation
cap on terminal side
0 = snap-in standard terminals (6.3 mm)
2 = snap-in 3 terminals (4.5 mm)
7 = snap-in short terminals (4.5 mm)
VR = 400 V DC
82
22
× 25
940
280
1300
1.39
0.78
B43624A9826M0*#
100
22
× 30
770
220
1100
1.60
0.90
B43624A9107M0*#
100
25
× 25
780
230
1100
1.61
0.90
B43624B9107M0*#
120
22
× 35
640
190
890
1.83
1.03
B43624A9127M0*#
120
25
× 25
690
210
970
1.79
1.00
B43624B9127M0*#
150
22
× 35
540
160
760
2.12
1.18
B43624A9157M0*#
150
25
× 30
520
160
720
2.12
1.19
B43624B9157M0*#
150
30
× 25
530
170
740
2.15
1.20
B43624C9157M0*#
180
22
× 40
450
130
640
2.43
1.36
B43624A9187M0*#
180
25
× 35
430
130
600
2.42
1.36
B43624B9187M0*#
180
30
× 25
480
160
680
2.35
1.31
B43624C9187M0*#
220
22
× 50
350
100
490
2.90
1.63
B43624A9227M0*#
220
25
× 40
360
110
490
2.81
1.57
B43624B9227M0*#
220
30
× 30
370
120
520
2.75
1.54
B43624C9227M0*#
220
35
× 25
380
140
540
2.73
1.52
B43624D9227M0*#
270
25
× 45
290
90
410
3.27
1.83
B43624A9277M0*#
270
30
× 35
300
100
420
3.17
1.77
B43624B9277M0*#
270
35
× 30
310
110
440
3.22
1.88
B43624C9277M0*#
330
25
× 50
250
75
360
3.76
2.10
B43624A9337M0*#
330
30
× 40
240
80
350
3.73
2.18
B43624B9337M0*#
330
35
× 30
260
100
380
3.54
2.07
B43624C9337M0*#
390
30
× 45
210
70
290
4.20
2.46
B43624A9397M0*#
390
35
× 35
220
80
310
4.02
2.34
B43624B9397M0*#
470
30
× 50
170
60
250
4.82
2.81
B43624A9477M0*#
470
35
× 40
180
70
260
4.58
2.68
B43624B9477M0*#
560
30
× 55
150
50
220
5.39
3.15
B43624A9567M0*#
560
35
× 45
150
60
220
5.16
3.02
B43624B9567M0*#
680
35
× 50
130
50
190
5.88
3.43
B43624A9687M0*#
B43624
Long useful life
85
°C
Page 11 of 21
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B43624C2567M0

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B43624 TDK-B43624 Datasheet
624Kb / 21P
   Aluminum electrolytic capacitors
More results

Similar Description - B43624C2567M0

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B43634 TDK-B43634_15 Datasheet
624Kb / 20P
   Snap-in capacitors
B43545 TDK-B43545_15 Datasheet
607Kb / 17P
   Snap-in capacitors
B43641 TDK-B43641 Datasheet
728Kb / 16P
   Snap-in capacitors
logo
EPCOS
B43504 EPCOS-B43504 Datasheet
294Kb / 11P
   Snap-In Capacitors
B41303J7338M EPCOS-B41303J7338M Datasheet
325Kb / 15P
   Snap-In Capacitors
logo
TDK Electronics
B43541 TDK-B43541_15 Datasheet
667Kb / 24P
   Snap-in capacitors
B43544 TDK-B43544_15 Datasheet
638Kb / 22P
   Snap-in capacitors
B43640 TDK-B43640_15 Datasheet
620Kb / 20P
   Snap-in capacitors
B43642 TDK-B43642_15 Datasheet
627Kb / 20P
   Snap-in capacitors
B43509 TDK-B43509_15 Datasheet
626Kb / 20P
   Snap-in capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com