Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PNX3000HL Datasheet(PDF) 4 Page - NXP Semiconductors

Part # PNX3000HL
Description  Analog front end for digital video processors
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PNX3000HL Datasheet(HTML) 4 Page - NXP Semiconductors

  PNX3000HL Datasheet HTML 1Page - NXP Semiconductors PNX3000HL Datasheet HTML 2Page - NXP Semiconductors PNX3000HL Datasheet HTML 3Page - NXP Semiconductors PNX3000HL Datasheet HTML 4Page - NXP Semiconductors PNX3000HL Datasheet HTML 5Page - NXP Semiconductors PNX3000HL Datasheet HTML 6Page - NXP Semiconductors PNX3000HL Datasheet HTML 7Page - NXP Semiconductors PNX3000HL Datasheet HTML 8Page - NXP Semiconductors PNX3000HL Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 51 page
background image
2004 Oct 04
4
Philips Semiconductors
Preliminary specification
Analog front end for digital video
processors
PNX3000
4
QUICK REFERENCE DATA
Notes
1. The supply voltage for the analog audio part of the IC can be 5 V or 8 V. For a supply voltage of 5 V the maximum
signal amplitudes at in- and outputs are 1 V (RMS). For a supply voltage of 8 V the maximum amplitudes are
2 V (RMS).
2. The RGB inputs can also be used as YPbPr input. The selection is made via the I2C-bus. The YPbPr input sensitivity
is in accordance with the DVD player specification.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Supply
VP
main supply voltage
4.75
5.0
5.25
V
IP
main supply current
285
320
mA
VCC(1ASW), VCC(2ASW) audio supply voltage
note 1
4.75
8.0
8.4
V
ICC(ASW)
audio supply current
note 1
3.5
5.0
mA
Input signals
Vi(VIF)(dif)(rms)
video IF amplifier sensitivity (differential; RMS
value)
75
150
µV
Vi(DTVIF)(dif)(rms)
video DTV IF amplifier sensitivity (differential;
RMS value)
75
150
µV
Vi(SIF)(rms)
sound IF amplifier sensitivity (RMS value)
−3dB
45
tbf
dB
µV
Vi(CVBS/Y)(p-p)
CVBS or Y input voltage (peak-to-peak value)
1.0
1.76
V
Vi(RGB)(b-w)
RGB inputs (black-to-white value)
note 2
0.7
1.0
V
Vi(Y)(p-p)
luminance input signal (peak-to-peak value)
note 2
1.0
1.43
V
Vi(Pb)(p-p)
Pb input signal (peak-to-peak value)
note 2
0.7
1.0
V
Vi(Pr)(p-p)
Pr input signal (peak-to-peak value)
note 2
0.7
1.0
V
Video ADCs
Bv(−3dB)
−3 dB signal bandwidth
1fH mode
9
MHz
fsample
sample frequency
1fH mode
27
MHz
RES
resolution
10
bit
Analog output signals
Vo(CVBS)(p-p)
analog CVBS output voltage (peak-to-peak
value)
2.0
V
Io(TUNERAGC)
tuner AGC output current range
0
1mA


Similar Part No. - PNX3000HL

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PNX0161 NXP-PNX0161 Datasheet
96Kb / 21P
   PNX0161 personal audio IC
Rev. 01-17 January 2008
PNX0161ET NXP-PNX0161ET Datasheet
96Kb / 21P
   PNX0161 personal audio IC
Rev. 01-17 January 2008
PNX0161N101 NXP-PNX0161N101 Datasheet
96Kb / 21P
   PNX0161 personal audio IC
Rev. 01-17 January 2008
PNX1300 PHILIPS-PNX1300 Datasheet
5Mb / 548P
   Media Processors
2002 Feb 15
PNX1301 PHILIPS-PNX1301 Datasheet
5Mb / 548P
   Media Processors
2002 Feb 15
More results

Similar Description - PNX3000HL

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
VSP2560 TI1-VSP2560 Datasheet
670Kb / 32P
[Old version datasheet]   CCD ANALOG FRONT-END FOR DIGITAL CAMERAS
VSP2560 TI1-VSP2560_14 Datasheet
1Mb / 7P
[Old version datasheet]   CCD ANALOG FRONT-END FOR DIGITAL CAMERAS
VSP2582 TI1-VSP2582 Datasheet
780Kb / 28P
[Old version datasheet]   CCD ANALOG FRONT-END FOR DIGITAL CAMERAS
AFE8221 TI-AFE8221 Datasheet
534Kb / 48P
[Old version datasheet]   Dual IF Analog Front-End for Digital Radio
logo
Intersil Corporation
EL4501 INTERSIL-EL4501 Datasheet
477Kb / 19P
   Video Front End
logo
Elantec Semiconductor
EL4501C ELANTEC-EL4501C Datasheet
183Kb / 10P
   Video Front End
logo
Intersil Corporation
EL4501 INTERSIL-EL4501_06 Datasheet
365Kb / 19P
   Video Front End
logo
Renesas Technology Corp
EL4501 RENESAS-EL4501 Datasheet
924Kb / 20P
   Video Front End
logo
National Semiconductor ...
ADCS9888 NSC-ADCS9888 Datasheet
764Kb / 34P
   205/170/140 MSPS Video Analog Front End
ADCS9888 NSC-ADCS9888_05 Datasheet
1Mb / 34P
   205/170/140 MSPS Video Analog Front End
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com