Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B43624A5397M0 Datasheet(PDF) 9 Page - TDK Electronics

Part # B43624A5397M0
Description  Snap-in capacitors
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

B43624A5397M0 Datasheet(HTML) 9 Page - TDK Electronics

Back Button B43624A5397M0 Datasheet HTML 5Page - TDK Electronics B43624A5397M0 Datasheet HTML 6Page - TDK Electronics B43624A5397M0 Datasheet HTML 7Page - TDK Electronics B43624A5397M0 Datasheet HTML 8Page - TDK Electronics B43624A5397M0 Datasheet HTML 9Page - TDK Electronics B43624A5397M0 Datasheet HTML 10Page - TDK Electronics B43624A5397M0 Datasheet HTML 11Page - TDK Electronics B43624A5397M0 Datasheet HTML 12Page - TDK Electronics B43624A5397M0 Datasheet HTML 13Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
Technical data and ordering codes
CR
100 Hz
20
°C
µF
Case
dimensions
d
× l
mm
ESRtyp
100 Hz
20
°C
m
ESRtyp
300 Hz
60
°C
m
Zmax
10 kHz
20
°C
m
IAC,max
100 Hz
60
°C
A
IAC,R
100 Hz
85
°C
A
Ordering code
(composition see
below)
Composition of ordering code
* =
Insulation feature
# =
Terminal style
0 = PVC insulation
6 = PET insulation
8 = PVC insulation with additional PET insulation
cap on terminal side
0 = snap-in standard terminals (6.3 mm)
2 = snap-in 3 terminals (4.5 mm)
7 = snap-in short terminals (4.5 mm)
VR = 200 V DC
270
22
× 25
380
120
560
2.29
1.31
B43624A2277M0*#
330
22
× 30
300
95
460
2.65
1.52
B43624A2337M0*#
330
25
× 25
310
100
470
2.60
1.49
B43624B2337M0*#
390
22
× 30
260
85
390
2.93
1.68
B43624A2397M0*#
390
25
× 25
270
95
410
2.84
1.63
B43624B2397M0*#
470
22
× 35
220
70
330
3.38
1.94
B43624A2477M0*#
470
25
× 30
220
75
330
3.28
1.88
B43624B2477M0*#
470
30
× 25
230
90
360
3.19
1.84
B43624C2477M0*#
560
22
× 40
180
60
270
3.86
2.22
B43624A2567M0*#
560
25
× 35
180
60
280
3.74
2.15
B43624B2567M0*#
560
30
× 25
200
85
320
3.41
1.95
B43624C2567M0*#
680
22
× 45
150
50
230
4.46
2.56
B43624A2687M0*#
680
25
× 35
160
55
240
4.16
2.39
B43624B2687M0*#
680
30
× 30
160
65
250
3.99
2.29
B43624C2687M0*#
820
25
× 40
130
45
200
4.78
2.74
B43624A2827M0*#
820
30
× 35
140
50
210
4.58
2.63
B43624B2827M0*#
820
35
× 25
160
85
260
3.88
2.22
B43624C2827M0*#
1000
25
× 50
110
38
160
5.66
3.26
B43624A2108M0*#
1000
30
× 35
120
50
190
4.95
2.83
B43624B2108M0*#
1000
35
× 30
130
65
200
4.60
2.81
B43624C2108M0*#
1200
25
× 55
90
32
140
6.46
3.71
B43624A2128M0*#
1200
30
× 40
100
40
160
5.64
3.44
B43624B2128M0*#
1200
35
× 35
110
50
170
5.29
3.24
B43624C2128M0*#
1500
30
× 50
75
32
120
6.80
4.16
B43624A2158M0*#
1500
35
× 40
85
45
140
6.06
3.70
B43624B2158M0*#
1800
30
× 55
65
28
110
7.64
4.67
B43624A2188M0*#
1800
35
× 45
75
38
120
6.80
4.16
B43624B2188M0*#
2200
35
× 50
60
34
100
7.62
4.65
B43624A2228M0*#
B43624
Long useful life
85
°C
Page 9 of 21
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B43624A5397M0

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B43624 TDK-B43624 Datasheet
624Kb / 21P
   Aluminum electrolytic capacitors
More results

Similar Description - B43624A5397M0

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B43634 TDK-B43634_15 Datasheet
624Kb / 20P
   Snap-in capacitors
B43545 TDK-B43545_15 Datasheet
607Kb / 17P
   Snap-in capacitors
B43641 TDK-B43641 Datasheet
728Kb / 16P
   Snap-in capacitors
logo
EPCOS
B43504 EPCOS-B43504 Datasheet
294Kb / 11P
   Snap-In Capacitors
B41303J7338M EPCOS-B41303J7338M Datasheet
325Kb / 15P
   Snap-In Capacitors
logo
TDK Electronics
B43541 TDK-B43541_15 Datasheet
667Kb / 24P
   Snap-in capacitors
B43544 TDK-B43544_15 Datasheet
638Kb / 22P
   Snap-in capacitors
B43640 TDK-B43640_15 Datasheet
620Kb / 20P
   Snap-in capacitors
B43642 TDK-B43642_15 Datasheet
627Kb / 20P
   Snap-in capacitors
B43509 TDK-B43509_15 Datasheet
626Kb / 20P
   Snap-in capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com