Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP3936SLX Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LP3936SLX
Description  Lighting Management System for Six White LEDs and One RGB or FLASH LED
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP3936SLX Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LP3936SLX Datasheet HTML 1Page - National Semiconductor (TI) LP3936SLX Datasheet HTML 2Page - National Semiconductor (TI) LP3936SLX Datasheet HTML 3Page - National Semiconductor (TI) LP3936SLX Datasheet HTML 4Page - National Semiconductor (TI) LP3936SLX Datasheet HTML 5Page - National Semiconductor (TI) LP3936SLX Datasheet HTML 6Page - National Semiconductor (TI) LP3936SLX Datasheet HTML 7Page - National Semiconductor (TI) LP3936SLX Datasheet HTML 8Page - National Semiconductor (TI) LP3936SLX Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
Pin Description
Pin
Name
Type
Description
1
GND_BOOST
Ground
Power Switch Ground
2
FB
Input
Boost Converter Feedback
3V
DD2
Power
Supply Voltage for Internal Digital Circuits
4
GND2
Ground
Ground Return for V
DD2 (Internal Digital)
5
WLED1
LED Output
Open Drain, White LED1 Output
6
WLED2
LED Output
Open Drain, White LED2 Output
7
WLED3
LED Output
Open Drain, White LED3 Output
8
WLED4
LED Output
Open Drain, White LED4 Output
9
GND_WLED
Ground
4+2 White LED Driver Ground
10
WLED5
LED Output
Open Drain, White LED5 Output
11
WLED6
LED Output
Open Drain, White LED6 Output
12
V
DDA
Output
Internal LDO Output, 2.8V
13
GND1
Ground
Ground Return for V
DD1 (Internal Analog)
14
V
DD1
Power
Supply Voltage for Internal Analog Circuits
15
AIN
Input
Ambient Light Sensor Input
16
AREF
Output
Reference Voltage for Ambient Light Sensor, 1.23V
17
GND_T
Ground
Ground
18
V
REF
Output
Internal Reference Bypass Capacitor
19
RT
Input
Oscillator Resistor
20
MW_SEL
Logic Input
MicroWire — I
2C select (MW_SEL=1 in MicroWire Mode)
21
NRST
Logic Input
Low Active Reset Input
22
CS
Logic
Input/Output
MicroWire Chip-Select (in) / I
2C SDA (in/out)
23
DO
Logic Output
MicroWire Data Output
24
DI
Logic Input
MicroWire Data Input
25
SCL
Logic Input
MicroWire Clock / I
2C SCL Input
26
RGB_EN
Logic Input
LED Control for On/Off or PWM Dimming
27
V
DD_IO
Power
Supply Voltage for Logic IO signals
28
ROUT
LED Output
Open Drain Output, Red LED
29
GOUT
LED Output
Open Drain Output, Green LED
30
BOUT
LED Output
Open Drain Output, Blue LED
31
GND_RGB
Ground
Ground for RGB Drivers
32
OUT
Output
Open Drain, Boost Converter Power Switch
www.national.com
3


Similar Part No. - LP3936SLX

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP3936SL/NOPB TI1-LP3936SL/NOPB Datasheet
1Mb / 30P
[Old version datasheet]   Lighting Management System for Six White LEDs and One RGB
More results

Similar Description - LP3936SLX

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP3936 TI1-LP3936 Datasheet
1Mb / 30P
[Old version datasheet]   Lighting Management System for Six White LEDs and One RGB
logo
National Semiconductor ...
LP3933 NSC-LP3933 Datasheet
406Kb / 18P
   Lighting Management System for Six White LEDs and Two RGB or FLASH LEDs
logo
STMicroelectronics
STLD20CP1 STMICROELECTRONICS-STLD20CP1 Datasheet
298Kb / 19P
   Power management for white LED and camera flash
logo
Texas Instruments
LED171596A TI1-LED171596A Datasheet
1Mb / 153P
[Old version datasheet]   96-LED Matrix Driver for RGB and White LEDs
logo
ATMEL Corporation
MSL3082CS ATMEL-MSL3082CS Datasheet
2Mb / 16P
   8-string, High-power, White or RGB LED Driver for TV, Blacklighting, or Intelligent Solid-state Lighting
MSL2100BR ATMEL-MSL2100BR Datasheet
3Mb / 20P
   8-string, High-power, White or RGB LED Drivers for TVs, Monitors, or Intelligent Solid-state Lighting
logo
Advanced Analog Technol...
AAT2861IMK-1-T1 AAT-AAT2861IMK-1-T1 Datasheet
3Mb / 27P
   Backlight/Flash LED Driver and Multiple LDO Lighting Management Unit
logo
Advanced Analogic Techn...
AAT2860 ANALOGICTECH-AAT2860 Datasheet
2Mb / 23P
   Backlight/Flash LED Driver and Multiple LDO Lighting Management Unit
logo
Sharp Corporation
IR2E46Y SHARP-IR2E46Y Datasheet
344Kb / 14P
   Illumination and Flash RGB-LED Driver
logo
Advanced Analogic Techn...
AAT3128 ANALOGICTECH-AAT3128 Datasheet
630Kb / 13P
   RGB LED Fashion Lighting Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com