Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E3620A Datasheet(PDF) 3 Page - Keysight Technologies

Part # E3620A
Description  E3620A and E3630A Non-programmable DC Power Supplies
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

E3620A Datasheet(HTML) 3 Page - Keysight Technologies

  E3620A Datasheet HTML 1Page - Keysight Technologies E3620A Datasheet HTML 2Page - Keysight Technologies E3620A Datasheet HTML 3Page - Keysight Technologies E3620A Datasheet HTML 4Page - Keysight Technologies E3620A Datasheet HTML 5Page - Keysight Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Specifications
E3620A
E3630A
Features
Isolated dual outputs, 10 turn pots CV, CL
Tracking, CV, CL (± 20 V) CV, CF (+6 V)
Number of outputs
2
3
Number of output ranges
1
1
DC output rating
25 V, 1 A
25 V, 1 A
+6 V, 2.5 A
+20 V, 0.5 A
–20 V, 0.5 A
Load and line regulation
< 0.01% + 2 mV
Ripple and Noise (20 Hz to 20 MHz)
Normal mode voltage
< 350 μVrms, < 1.5 mVpp
Normal mode current
Common mode current
< 1 μArms
Transient response time
< 50 μsec following a change in output current from full load to half load for output to recover within: 15 mV
Meter accuracy
± 0.5% + 2 counts at 25 ºC ± 5 ºC
Meter resolution
Voltage
10 mV (0–20 V), 100 mV (> 20 V)
10 mV
Current
1 mA
10 mA
Isolation
240 Vdc
03 | Keysight | E3620A and E3630A Non-programmable DC Power Supplies – Data Sheet


Similar Part No. - E3620A

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
E3620A HP-E3620A Datasheet
92Kb / 5P
   Agilent E36XX-Series Manual dc Power Supplies
More results

Similar Description - E3620A

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
E3630A KEYSIGHT-E3630A Datasheet
488Kb / 5P
   Non-programmable DC Power Supplies
E36103A KEYSIGHT-E36103A Datasheet
2Mb / 8P
   Programmable DC Power Supplies
E3646A KEYSIGHT-E3646A Datasheet
808Kb / 6P
   Programmable DC Power Supplies
logo
B&K Precision Corporati...
9120A BK-9120A Datasheet
800Kb / 3P
   Programmable DC Power Supplies
logo
Keysight Technologies
E3633A KEYSIGHT-E3633A Datasheet
997Kb / 5P
   Programmable DC Power Supplies
E3632A KEYSIGHT-E3632A Datasheet
997Kb / 5P
   Programmable DC Power Supplies
E3645A KEYSIGHT-E3645A Datasheet
808Kb / 6P
   Programmable DC Power Supplies
logo
List of Unclassifed Man...
1785A ETC2-1785A Datasheet
109Kb / 1P
   Programmable DC Power Supplies
logo
Keysight Technologies
E36105A KEYSIGHT-E36105A Datasheet
2Mb / 8P
   Programmable DC Power Supplies
E36106A KEYSIGHT-E36106A Datasheet
2Mb / 8P
   Programmable DC Power Supplies
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com