Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE8718SA Datasheet(PDF) 4 Page - Infineon Technologies AG

Part # TLE8718SA
Description  Smart 18-Channel Lowside Switch with Micro Second Bus
Download  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE8718SA Datasheet(HTML) 4 Page - Infineon Technologies AG

  TLE8718SA Datasheet HTML 1Page - Infineon Technologies AG TLE8718SA Datasheet HTML 2Page - Infineon Technologies AG TLE8718SA Datasheet HTML 3Page - Infineon Technologies AG TLE8718SA Datasheet HTML 4Page - Infineon Technologies AG TLE8718SA Datasheet HTML 5Page - Infineon Technologies AG TLE8718SA Datasheet HTML 6Page - Infineon Technologies AG TLE8718SA Datasheet HTML 7Page - Infineon Technologies AG TLE8718SA Datasheet HTML 8Page - Infineon Technologies AG TLE8718SA Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 82 page
background image
PG-DSO-36
Type
Package
Marking
TLE8718SA
PG-DSO-36
TLE8718SA
Data Sheet
4
Rev. 1.1, 2012-07-31
Smart 18-Channel Lowside Switch with Micro Second Bus
speedFLEX
TLE8718SA
1Overview
Features
Operating Conditions -40...150°C
Over Temperature Warning
ESD Capability 2/4KV HBM on-/off board Pins
Short Circuit Protected for VBAT = 36V
Active Zener Clamping at typically 55V
Open Load, Short to Ground, Short Circuit Diagnosis (2 bit/OUT)
Output control, diagnostics and initialisation via high speed
serial communication: Micro Second Channel [MSC]
all Pins protected against
≤36V
Over-Voltage and Under-Voltage Monitoring
Two Output Channels operating during low supply voltage possible
Programmable Short circuit behavior: switch off or current limitation
Green Product (RoHS compliant)
AEC Qualified
Application
Automotive Engine Management Applications
Driver IC for inductive and ohmic actuators, such as Injectors, Solenoids, Relays, Lambda Heater.
Table 1
Output Stage Overview and Product Summary
Output
Maximum current
RON_max at
Tj = 150°C without clamping
OUT1, OUT3
8A
200m
Ω
OUT2, OUT4
3A
350m
Ω
OUT5...OUT8
2.2A
720m
Ω
OUT9...OUT10
2.2A
470m
Ω
OUT11...OUT14
2.2A
720m
Ω
OUT15, OUT16
0.6A
2400m
Ω
OUT17, OUT18
0.6A
2400m
Ω
Operating Voltage
V
DD_RES
2.5V (defined behavior of the device)
V
DD_POR
3...3.5V (OUT15,16 delayed switch-off)
V
DD
4.5...5.5V (operating range)
Active Zener Voltage
V
DS (AZ)
50...60V


Similar Part No. - TLE8718SA

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE8080-2EM INFINEON-TLE8080-2EM Datasheet
1Mb / 39P
   Engine Management IC for Small Engines
Rev. 1.1, 2012-10-19
TLE8080EM INFINEON-TLE8080EM Datasheet
1Mb / 39P
   Engine Management IC for Small Engines
Rev. 1.1, 2012-10-19
TLE8082ES INFINEON-TLE8082ES Datasheet
3Mb / 61P
   Small engine management IC
Rev. 1.0 2021-03-23
TLE8088EM INFINEON-TLE8088EM Datasheet
1Mb / 24P
   Engine management IC for Small Engines
Rev 1.0, 2012-10-01
TLE8102SG INFINEON-TLE8102SG Datasheet
1Mb / 34P
   Smart Dual Channel Powertrain Switch coreFLEX
V1.4, May 2008
More results

Similar Description - TLE8718SA

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE6244X INFINEON-TLE6244X Datasheet
721Kb / 70P
   18 Channel Smart Lowside Switch
V4.2, 2003-08-29
BTS118D INFINEON-BTS118D Datasheet
336Kb / 10P
   Smart Lowside Power Switch
2004-03-05
logo
Siemens Semiconductor G...
OBTS141 SIEMENS-OBTS141 Datasheet
138Kb / 10P
   Smart Lowside Power Switch
logo
Infineon Technologies A...
BTS941 INFINEON-BTS941 Datasheet
182Kb / 11P
   Smart Lowside Power Switch
02.12.1998
BTS3134N INFINEON-BTS3134N Datasheet
208Kb / 10P
   Smart Lowside Power Switch
2002-09-04
logo
Siemens Semiconductor G...
OBTS949 SIEMENS-OBTS949 Datasheet
193Kb / 11P
   Smart Lowside Power Switch
logo
Infineon Technologies A...
BTS149 INFINEON-BTS149 Datasheet
309Kb / 10P
   Smart Lowside Power Switch
2004-02-02
BTS142D INFINEON-BTS142D Datasheet
359Kb / 10P
   Smart Lowside Power Switch
2004-03-05
BSP76 INFINEON-BSP76 Datasheet
276Kb / 10P
   Smart Lowside Power Switch
Rev. 1.3, 2008-04-14
logo
Siemens Semiconductor G...
OBTS149 SIEMENS-OBTS149 Datasheet
138Kb / 10P
   Smart Lowside Power Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com