Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD8303MUV Datasheet(PDF) 3 Page - Rohm

Part # BD8303MUV
Description  Synchronous Buck-Boost Controller
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD8303MUV Datasheet(HTML) 3 Page - Rohm

  BD8303MUV_15 Datasheet HTML 1Page - Rohm BD8303MUV_15 Datasheet HTML 2Page - Rohm BD8303MUV_15 Datasheet HTML 3Page - Rohm BD8303MUV_15 Datasheet HTML 4Page - Rohm BD8303MUV_15 Datasheet HTML 5Page - Rohm BD8303MUV_15 Datasheet HTML 6Page - Rohm BD8303MUV_15 Datasheet HTML 7Page - Rohm BD8303MUV_15 Datasheet HTML 8Page - Rohm BD8303MUV_15 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 27 page
background image
3/23
BD8303MUV
© 2014 ROHM Co., Ltd. All rights reserved.
www.rohm.com
TSZ22111・15・001
TSZ02201-0Q3Q0NZ00320-1-2
16.Feb.2015 Rev.002
Description of Blocks
1. VREF
This block generates ERROR AMP reference voltage. The reference voltage is set to 1.0V.
2. VREG
This is a voltage regulator block which outputs 5.0V and is used as power supply for IC internal circuit and BOOT pin
supply. Follows power supply voltage when 5.0V or below while the output voltage drops at the same time.
An external 1.0µF capacitor is recommended to prevent oscillation.
3. UVLO
This block prevents the malfunction of the internal circuitry during start-up or when the supply drops below a certain
voltage. When VREG is below 2.4V, the HG1, HG2, LG1 and LG2 pin is low, this block turns OFF all FET and DC/DC
converter outputs and resets the timer latch of the internal SCP circuit and soft-start circuit
4. SCP
This block is the Short Circuit Protection that uses a Timer Latch System. It has an internal counter that is in synch with
OSC. When the INV pin is set to 1.0V or lower voltage, the internal counter will count about 8200 pulses after which the
latch circuit will activate Turning OFF the DC/DC converter output (13.6msec when RRT = 51kΩ). Restarting the STB pin
or the supply voltage will reset the latch circuit.
5. OSC
The OSC block generates the internal frequency of the IC. The frequency can be varied depending on the value of the
external resistance of the RT pin (Pin 1).When RRT = 51kΩ, the operation frequency is set to 600kHz.
6. ERROR AMP
The ERROR AMP block detects output signals and PWM control signals and compares them with an internal reference
voltage set at 1.0V.
7.
PWM COMP
The PWM COMP block is a Voltage-to-Pulse Width converter that controls the output voltage depending on the input
voltage. This block controls the pulse width by comparing the internal SLOPE waveform with the ERROR AMP output
voltage. The output signal of the PWM COMP block is then fed to the driver. Max Duty and Min Duty are set at the
primary side and the secondary side of the inductor respectively, which are as follows:
Primary side (SW1)
HG1 Max Duty
:
About 90%,
HG1 Min Duty
:
0 %
Secondary side (SW2)
LG2 Max Duty
:
About 90%,
LG2 Min Duty
:
About 10%,
8. SOFT START
This block prevents in-rush current during start-up by bringing the output voltage of the DCDC converter into a soft-start.
The Soft-Start block is in synch with the internal OSC block. This block enables the output voltage of the DCDC
converter to reach the set voltage after about 2400 pulses (4msec when RRT = 51kΩ).
9. N-Channel DRIVER
This block consists of a CMOS inverter circuit that drives the built-in N-Channel FET. It provides dead time for preventing
feed through during switching of HG1 = L to LG1 = H to HG2 = L to LG2 = H and LG1 = L to HG1 = H, LG2 = L to HG2 =
H. The dead time is set at about 100nsec for each individual SWs
10. ON/OFF LOGIC
This block enables and disables the IC depending on the voltage applied at STB pin (Pin 5). The IC Turns ON when STB
voltage is 2.5 V or higher and it Turns OFF when STB is open or when 0V is applied. The STB pin has a pull-down
resistor of approximately 400
kΩ.


Similar Part No. - BD8303MUV_15

ManufacturerPart #DatasheetDescription
logo
Rohm
BD8303MUV-E2 ROHM-BD8303MUV-E2 Datasheet
398Kb / 18P
   Step-up/down, High-efficiency Switching Regulators (Controller type)
More results

Similar Description - BD8303MUV_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS43335-Q1 TI1-TPS43335-Q1_15 Datasheet
1Mb / 43P
[Old version datasheet]   Single-Boost, Dual Synchronous-Buck Controller
logo
Linear Technology
LT3791EFE-1 LINER-LT3791EFE-1 Datasheet
332Kb / 26P
   60V 4-Switch Synchronous Buck-Boost Controller
LT3790 LINER-LT3790_15 Datasheet
451Kb / 28P
   60V Synchronous 4-Switch Buck-Boost Controller
LT3790 LINER-LT3790 Datasheet
603Kb / 10P
   60V Four-Switch Synchronous Buck-Boost Controller
LTC7813 LINER-LTC7813 Datasheet
1Mb / 42P
   Low IQ, 60V Synchronous BoostBuck Controller
LTC3859 LINER-LTC3859 Datasheet
598Kb / 40P
   Low IQ, Triple Output, Buck/Buck/Boost Synchronous Controller
LTC7812 LINER-LTC7812 Datasheet
2Mb / 44P
   Low IQ, 38V Synchronous BoostBuck Controller
logo
Renesas Technology Corp
ISL81401 RENESAS-ISL81401 Datasheet
3Mb / 47P
   40V 4-Switch Synchronous Buck-Boost Controller
Jan 27, 2022
logo
Linear Technology
LT3791-1 LINER-LT3791-1_15 Datasheet
332Kb / 26P
   60V 4-Switch Synchronous Buck-Boost Controller
LTC3859 LINER-LTC3859_15 Datasheet
634Kb / 42P
   Low IQ, Triple Output, Buck/Buck/Boost Synchronous Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com