Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD8306MUV-E2 Datasheet(PDF) 6 Page - Rohm

Part # BD8306MUV-E2
Description  Integrated 2.0A MOSFET 1ch Buck-Boost Converter
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD8306MUV-E2 Datasheet(HTML) 6 Page - Rohm

Back Button BD8306MUV-E2 Datasheet HTML 2Page - Rohm BD8306MUV-E2 Datasheet HTML 3Page - Rohm BD8306MUV-E2 Datasheet HTML 4Page - Rohm BD8306MUV-E2 Datasheet HTML 5Page - Rohm BD8306MUV-E2 Datasheet HTML 6Page - Rohm BD8306MUV-E2 Datasheet HTML 7Page - Rohm BD8306MUV-E2 Datasheet HTML 8Page - Rohm BD8306MUV-E2 Datasheet HTML 9Page - Rohm BD8306MUV-E2 Datasheet HTML 10Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 29 page
background image
6/25
TSZ02201-0Q3Q0NZ00340-1-2
©2014 ROHM Co., Ltd. All rights reserved.
10.Aug.2016 Rev.003
www.rohm.com
TSZ22111・15・001
BD8306MUV
Typical Performance Curves
(Unless otherwise specified, Ta = 25°C, VCC = 3.7V)
0.490
0.495
0.500
0.505
0.510
-50
0
50
100
150
TEMPERATURE[℃]
VCC=1.8V
VCC=3.0V
VCC=5.0V
VCC=7.0V
Figure 1. INV Threshold vs Temperature
Temperature : Ta [°C]
Figure 4. Oscillation Frequency vs Power Supply
Voltage
0.800
0.900
1.000
1.100
1.200
0
2
4
6
8
VCC[V]
Power Supply Voltage : VCC [V]
0.800
0.900
1.000
1.100
1.200
-50
0
50
100
150
TEMPERATURE[℃]
Figure 3. Oscillation Frequency vs Temperature
Temperature : Ta [°C]
Figure 2. INV Threshold vs Power Supply Voltage
Power Supply Voltage : VCC [V]


Similar Part No. - BD8306MUV-E2

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BD830 PHILIPS-BD830 Datasheet
44Kb / 8P
   PNP power transistor
1999 Apr 21
logo
Inchange Semiconductor ...
BD830 ISC-BD830 Datasheet
277Kb / 2P
   isc Silicon PNP Power Transistor
logo
Rohm
BD8301MUV ROHM-BD8301MUV Datasheet
387Kb / 14P
   High-effciency Step-up/down Switching Regulator with Built-in Power MOSFET
BD8301MUV-E2 ROHM-BD8301MUV-E2 Datasheet
387Kb / 14P
   High-effciency Step-up/down Switching Regulator with Built-in Power MOSFET
BD8303MUV ROHM-BD8303MUV Datasheet
380Kb / 16P
   Step-up/down, High-efficiency Switching Regulators (Controller type)
More results

Similar Description - BD8306MUV-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BD8311NUV ROHM-BD8311NUV_15 Datasheet
1Mb / 25P
   Integrated 2.5A MOSFET 1ch Boost Converter
BD8314NUV ROHM-BD8314NUV_15 Datasheet
1Mb / 25P
   Integrated 2.5A MOSFET 1ch Boost Converter
BD8313HFN ROHM-BD8313HFN_15 Datasheet
1Mb / 31P
   1ch Synchronous Buck Converter Integrated MOSFET
BD8312HFN ROHM-BD8312HFN_15 Datasheet
1Mb / 25P
   1ch Synchronous Buck Converter Integrated MOSFET
BD9130NV-E2 ROHM-BD9130NV-E2 Datasheet
891Kb / 20P
   2.7V to 5.5V, 2.0A 1ch Synchronous Buck Converter integrated FET
BD9111NV ROHM-BD9111NV_12 Datasheet
878Kb / 19P
   4.0V to 5.5V, 2.0A 1ch Synchronous Buck Converter integrated FET
BD9130NV ROHM-BD9130NV_12 Datasheet
931Kb / 20P
   2.7V to 5.5V, 2.0A 1ch Synchronous Buck Converter integrated FET
BD8960NV ROHM-BD8960NV_12 Datasheet
988Kb / 19P
   2.7V to 5.5V, 2.0A 1ch Synchronous Buck Converter Integrated FET
BD8961NV ROHM-BD8961NV_12 Datasheet
842Kb / 18P
   4.5V to 5.5V, 2.0A 1ch Synchronous Buck Converter Integrated FET
BD9G341AEFJ-LB ROHM-BD9G341AEFJ-LB Datasheet
2Mb / 30P
   1ch Buck Converter Integrated FET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com