Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD8311NUV-E2 Datasheet(PDF) 2 Page - Rohm

Part # BD8311NUV-E2
Description  Integrated 2.5A MOSFET 1ch Boost Converter
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD8311NUV-E2 Datasheet(HTML) 2 Page - Rohm

  BD8311NUV-E2 Datasheet HTML 1Page - Rohm BD8311NUV-E2 Datasheet HTML 2Page - Rohm BD8311NUV-E2 Datasheet HTML 3Page - Rohm BD8311NUV-E2 Datasheet HTML 4Page - Rohm BD8311NUV-E2 Datasheet HTML 5Page - Rohm BD8311NUV-E2 Datasheet HTML 6Page - Rohm BD8311NUV-E2 Datasheet HTML 7Page - Rohm BD8311NUV-E2 Datasheet HTML 8Page - Rohm BD8311NUV-E2 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
2/21
TSZ02201-0Q3Q0NZ00350-1-2
© 2014 ROHM Co., Ltd. All rights reserved.
17.Feb.2015 Rev.002
www.rohm.com
TSZ22111・15・001
BD8311NUV
Pin Configuration
Pin Description
Block Diagram
Pin No.
Pin Name
Function
1
GND
Ground pin
2
VCC
Supply voltage input pin
3
VREG
5V output terminal of regulator for internal circuit
4 , 5
LX
Power switch terminal for coil
6 , 7
PGND
Power transistor ground pin
8
STB
ON/OFF terminal
9
INV
ERROR AMP input pin
10
SWOUT
STBSW for split resistance
LX
GND
VREG
VCC
PGND
INV
SWOUT
STB
PGND
LX
1
2
3
4
5
10
9
8
7
6
(TOP VIEW)
Figure 2. Pin Configuration
Figure 3. Block Diagram
STB
VREF
ERROR_AMP
Soft
Start
SCP
OSC×16000 count
FB H
STOP
STBY_IO
VCC
PWM
CONTROL
Reference
UVLO
VREF
5V REG
PGND
Lx
PRE
DRIVER
VREG
GND
INV
80m
Ω
VREG
VREG
OSC
1.2MHz
SWOUT
STB
50
Ω
STB
VREG
VCC
LX
PGND
SWOUT
INV
GND


Similar Part No. - BD8311NUV-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BD8311NUV-E2 ROHM-BD8311NUV-E2 Datasheet
458Kb / 16P
   High-efficiency Step-up Switching Regulator with Built-in Power MOSFET
BD8311NUV-E2 ROHM-BD8311NUV-E2 Datasheet
389Kb / 15P
   High-efficiency Step-up Switching Regulator with Built-in Power MOSFET
More results

Similar Description - BD8311NUV-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BD8314NUV ROHM-BD8314NUV_15 Datasheet
1Mb / 25P
   Integrated 2.5A MOSFET 1ch Boost Converter
BD8306MUV ROHM-BD8306MUV Datasheet
1Mb / 29P
   Integrated 2.0A MOSFET 1ch Buck-Boost Converter
BD8312HFN ROHM-BD8312HFN_15 Datasheet
1Mb / 25P
   1ch Synchronous Buck Converter Integrated MOSFET
BD8313HFN ROHM-BD8313HFN_15 Datasheet
1Mb / 31P
   1ch Synchronous Buck Converter Integrated MOSFET
logo
ON Semiconductor
LV56351JA ONSEMI-LV56351JA Datasheet
212Kb / 8P
   1ch DC/DC boost converter
August, 2013
logo
Sanyo Semicon Device
LV56351HA SANYO-LV56351HA Datasheet
206Kb / 9P
   1ch DC/DC boost converter
logo
ON Semiconductor
LV56351HA ONSEMI-LV56351HA Datasheet
193Kb / 9P
   1ch DC/DC boost converter
August, 2013
logo
Eutech Microelectronics...
EUP2459 EUTECH-EUP2459 Datasheet
60Kb / 1P
   2.5A, 500KHz Synchronous Boost Converter
logo
Major-Power Technology ...
MA2013 MPOWER-MA2013 Datasheet
184Kb / 2P
   1.2MHz, 2.5A, 24V Output Boost Converter
Rev 1.0
logo
Rohm
BD9G341AEFJ-LB ROHM-BD9G341AEFJ-LB Datasheet
2Mb / 30P
   1ch Buck Converter Integrated FET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com