Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD8312HFN-TR Datasheet(PDF) 6 Page - Rohm

Part # BD8312HFN-TR
Description  1ch Synchronous Buck Converter Integrated MOSFET
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD8312HFN-TR Datasheet(HTML) 6 Page - Rohm

Back Button BD8312HFN-TR Datasheet HTML 2Page - Rohm BD8312HFN-TR Datasheet HTML 3Page - Rohm BD8312HFN-TR Datasheet HTML 4Page - Rohm BD8312HFN-TR Datasheet HTML 5Page - Rohm BD8312HFN-TR Datasheet HTML 6Page - Rohm BD8312HFN-TR Datasheet HTML 7Page - Rohm BD8312HFN-TR Datasheet HTML 8Page - Rohm BD8312HFN-TR Datasheet HTML 9Page - Rohm BD8312HFN-TR Datasheet HTML 10Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
6/21
TSZ02201-0Q3Q0NZ00360-1-2
© 2014 ROHM Co., Ltd. All rights reserved.
17. Feb.2015 Rev.002
www.rohm.com
TSZ22111・15・001
BD8312HFN
Typical Performance Curves
– continued
(Unless otherwise specified, Ta = 25°C, VCC = 7.4V)
Figure 8. Frequency vs Temperature
Temperature [°C]
1.3
1.4
1.5
1.6
1.7
-40
0
40
80
120
Figure 9. Frequency vs Power Supply Voltage
VCC [V]
1.3
1.4
1.5
1.6
1.7
3
6
9
12
15
Figure 10. UVLO Threshold vs Environmental Temperature
(UVLO Threshold)
Environmental Temperature Ta [°C]
2.50
2.70
2.90
3.10
3.30
3.50
-40
0
40
80
120
0.00
0.05
0.10
0.15
0.20
0.25
UVLO release voltage
Hysteresis width
UVLO detection voltage
100
200
300
400
500
-40
0
40
80
120
ID=500mA
Figure11. Nch FET ON-Resistance vs Temperature
Temperature [°C]


Similar Part No. - BD8312HFN-TR

ManufacturerPart #DatasheetDescription
logo
Rohm
BD8312HFN-TR ROHM-BD8312HFN-TR Datasheet
444Kb / 15P
   Output 1.5A or Less High-efficiency Step-down Switching Regulator with Built-in Power MOSFET
BD8312HFN-TR ROHM-BD8312HFN-TR Datasheet
487Kb / 15P
   Output 1.5A or Less High-efficiency Step-down Switching Regulator with Built-in Power MOSFET
BD8312HFN-TR ROHM-BD8312HFN-TR Datasheet
436Kb / 15P
   Output 1.5A or Less High-efficiency Step-down Switching Regulator with Built-in Power MOSFET
More results

Similar Description - BD8312HFN-TR

ManufacturerPart #DatasheetDescription
logo
Rohm
BD8313HFN ROHM-BD8313HFN_15 Datasheet
1Mb / 31P
   1ch Synchronous Buck Converter Integrated MOSFET
BD8306MUV ROHM-BD8306MUV Datasheet
1Mb / 29P
   Integrated 2.0A MOSFET 1ch Buck-Boost Converter
BD9G341AEFJ-LB ROHM-BD9G341AEFJ-LB Datasheet
2Mb / 30P
   1ch Buck Converter Integrated FET
BD95821MUV ROHM-BD95821MUV Datasheet
992Kb / 26P
   7.5V to 15V, 2A Integrated MOSFET 1ch Synchronous Buck DC/DC Converter
BD95861MUV ROHM-BD95861MUV Datasheet
1Mb / 26P
   7.5V to 18V, 6A Integrated MOSFET 1ch Synchronous Buck DC/DC Converter
BD95831MUV ROHM-BD95831MUV Datasheet
853Kb / 26P
   7.5V to 15V, 3A Integrated MOSFET 1ch Synchronous Buck DC/DC Converter
BD9122GUL-E2 ROHM-BD9122GUL-E2 Datasheet
955Kb / 19P
   2.5V to 5.5V, 0.3A 1ch Synchronous Buck Converter integrated FET
BD9123MUV ROHM-BD9123MUV_12 Datasheet
1,001Kb / 22P
   2.7V to 5.5V, 1.2A 1ch Synchronous Buck Converter integrated FET
BD9141MUV ROHM-BD9141MUV_12 Datasheet
1Mb / 21P
   4.5V to 13.2V, 2A 1ch Synchronous Buck Converter integrated FET
BD9130NV-E2 ROHM-BD9130NV-E2 Datasheet
891Kb / 20P
   2.7V to 5.5V, 2.0A 1ch Synchronous Buck Converter integrated FET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com