Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD8313HFN Datasheet(PDF) 10 Page - Rohm

Part # BD8313HFN
Description  1ch Synchronous Buck Converter Integrated MOSFET
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD8313HFN Datasheet(HTML) 10 Page - Rohm

Back Button BD8313HFN Datasheet HTML 6Page - Rohm BD8313HFN Datasheet HTML 7Page - Rohm BD8313HFN Datasheet HTML 8Page - Rohm BD8313HFN Datasheet HTML 9Page - Rohm BD8313HFN Datasheet HTML 10Page - Rohm BD8313HFN Datasheet HTML 11Page - Rohm BD8313HFN Datasheet HTML 12Page - Rohm BD8313HFN Datasheet HTML 13Page - Rohm BD8313HFN Datasheet HTML 14Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 31 page
background image
BD8313HFN
10/27
TSZ02201-0Q3Q0NZ00370-1-2
© 2014 ROHM Co., Ltd. All rights reserved.
17.Feb.2015 Rev.002
www.rohm.com
TSZ22111・15・001
Application Information
1. Example of Application 1
Input: 4.5V to 10V, Output: 3.3V / 500mA
2. Reference Application Data 1 (Example of Application 1)
Figure 22. Reference Application Diagram 1
VREG
PGND
VCC
GND
PVCC
INV
Lx
STB
VBAT=4.5~10V
1
μ F
GRM188B11A105KA61
(Murata)
4.7
μ H
1127AS4R7M(TOKO)
10
μ F
GRM31CB11A106KA01
(Murata)
51k
22k
200k
68k
10pF
3.3V/500mA
ON/OFF
1
μ F
GRM188B11A105KA61
(Murata)
10
μ F
GRM31CBE106KA75L
(Murata)
VBAT=4.5V to 10V
LX
Figure 23. Efficiency vs Output Current
(VOUT = 3.3V)
0
20
40
60
80
100
1
10
100
1000
OUTPUT CURRENT [mA]
Output Current [mA]
VCC=5.5V
VCC=7.5V
VCC=4.5V
Figure 24. Output Voltage vs Output Current
(Load Regulation, VOUT = 3.3V)
3.00
3.05
3.10
3.15
3.20
3.25
3.30
3.35
3.40
3.45
3.50
1
10
100
1000
OUTPUT CURRENT [mA]
Output Current [mA]
VCC=4.5V
VCC=5.5V
VCC=7.5V
10 µ F
1 µ F
1 µ F
4.7 µ H
10 µ F
22k
Ω
200k
Ω
51k
Ω
68k
Ω


Similar Part No. - BD8313HFN

ManufacturerPart #DatasheetDescription
logo
Rohm
BD8313HFN ROHM-BD8313HFN Datasheet
548Kb / 18P
   Output 1.5A or Less High-efficiency Step-down Switching Regulator with Built-in Power MOSFET
BD8313HFN ROHM-BD8313HFN Datasheet
528Kb / 18P
   Output 1.5A or Less High-efficiency Step-down Switching Regulator with Built-in Power MOSFET
BD8313HFN ROHM-BD8313HFN Datasheet
560Kb / 18P
   Output 1.5A or Less High-efficiency Step-down Switching Regulator with Built-in Power MOSFET
BD8313HFN-TR ROHM-BD8313HFN-TR Datasheet
548Kb / 18P
   Output 1.5A or Less High-efficiency Step-down Switching Regulator with Built-in Power MOSFET
BD8313HFN-TR ROHM-BD8313HFN-TR Datasheet
528Kb / 18P
   Output 1.5A or Less High-efficiency Step-down Switching Regulator with Built-in Power MOSFET
More results

Similar Description - BD8313HFN

ManufacturerPart #DatasheetDescription
logo
Rohm
BD8312HFN ROHM-BD8312HFN_15 Datasheet
1Mb / 25P
   1ch Synchronous Buck Converter Integrated MOSFET
BD8306MUV ROHM-BD8306MUV Datasheet
1Mb / 29P
   Integrated 2.0A MOSFET 1ch Buck-Boost Converter
BD9G341AEFJ-LB ROHM-BD9G341AEFJ-LB Datasheet
2Mb / 30P
   1ch Buck Converter Integrated FET
BD95821MUV ROHM-BD95821MUV Datasheet
992Kb / 26P
   7.5V to 15V, 2A Integrated MOSFET 1ch Synchronous Buck DC/DC Converter
BD95861MUV ROHM-BD95861MUV Datasheet
1Mb / 26P
   7.5V to 18V, 6A Integrated MOSFET 1ch Synchronous Buck DC/DC Converter
BD95831MUV ROHM-BD95831MUV Datasheet
853Kb / 26P
   7.5V to 15V, 3A Integrated MOSFET 1ch Synchronous Buck DC/DC Converter
BD9122GUL-E2 ROHM-BD9122GUL-E2 Datasheet
955Kb / 19P
   2.5V to 5.5V, 0.3A 1ch Synchronous Buck Converter integrated FET
BD9123MUV ROHM-BD9123MUV_12 Datasheet
1,001Kb / 22P
   2.7V to 5.5V, 1.2A 1ch Synchronous Buck Converter integrated FET
BD9141MUV ROHM-BD9141MUV_12 Datasheet
1Mb / 21P
   4.5V to 13.2V, 2A 1ch Synchronous Buck Converter integrated FET
BD9130NV-E2 ROHM-BD9130NV-E2 Datasheet
891Kb / 20P
   2.7V to 5.5V, 2.0A 1ch Synchronous Buck Converter integrated FET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com