Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD8962MUVE2 Datasheet(PDF) 2 Page - Rohm

Part # BD8962MUVE2
Description  Synchronous Buck Converter with Integrated FET
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD8962MUVE2 Datasheet(HTML) 2 Page - Rohm

  BD8962MUVE2 Datasheet HTML 1Page - Rohm BD8962MUVE2 Datasheet HTML 2Page - Rohm BD8962MUVE2 Datasheet HTML 3Page - Rohm BD8962MUVE2 Datasheet HTML 4Page - Rohm BD8962MUVE2 Datasheet HTML 5Page - Rohm BD8962MUVE2 Datasheet HTML 6Page - Rohm BD8962MUVE2 Datasheet HTML 7Page - Rohm BD8962MUVE2 Datasheet HTML 8Page - Rohm BD8962MUVE2 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
2/22
BD8962MUV
Datasheet
TSZ02201-0J3J0AJ00030-1-2
02.Oct.2014 Rev.002
© 2012 ROHM Co., Ltd. All rights reserved.
www.rohm.com
TSZ22111・15・001
Pin Configuration
(TOP VIEW)
Pin Description
Pin
No.
Pin
Name
Function
Pin
No.
Pin
Name
Function
1
SW
Power switch node
11
GND
Ground pin
2
SW
Power switch node
12
ADJ
Output voltage detection pin
3
SW
Power switch node
13
ITH
GmAmp output pin/Connected to phase
compensation capacitor
4
SW
Power switch node
14
N.C.
No connection
5
SW
Power switch node
15
N.C.
No connection
6
PVCC
Power switch supply pin
16
N.C.
No connection
7
PVCC
Power switch supply pin
17
EN
Enable pin(Active High)
8
PVCC
Power switch supply pin
18
PGND
Power switch ground pin
9
BST
Bootstrapped voltage input pin
19
PGND
Power switch ground pin
10
VCC
Power supply input pin
20
PGND
Power switch ground pin
Block Diagram
Figure 2. Pin Configuration
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15 14 13 12 11
PVCC
EN
PGND
GND
N.C.
BST
VCC
ADJ
ITH
N.C.
SW
Figure 3. Block Diagram
VCC
PVCC
VCC
PVCC


Similar Part No. - BD8962MUVE2

ManufacturerPart #DatasheetDescription
logo
Rohm
BD8962MUV ROHM-BD8962MUV Datasheet
516Kb / 17P
   Low Noise Step-down High Efficiency Step-down Switching Regulator with Built-in Power MOSFET
BD8962MUV ROHM-BD8962MUV Datasheet
979Kb / 20P
   2.7V to 5.5V, 3A 1ch Synchronous Buck Converter integrated FET
BD8962MUV ROHM-BD8962MUV_12 Datasheet
979Kb / 20P
   2.7V to 5.5V, 3A 1ch Synchronous Buck Converter integrated FET
More results

Similar Description - BD8962MUVE2

ManufacturerPart #DatasheetDescription
logo
Rohm
BD9329AEFJ ROHM-BD9329AEFJ_15 Datasheet
1Mb / 23P
   Synchronous Buck Converter with Integrated FET
BD8967FVM ROHM-BD8967FVM_15 Datasheet
745Kb / 25P
   Synchronous Buck Converter with Integrated FET
BD9122GUL ROHM-BD9122GUL_14 Datasheet
1Mb / 25P
   Synchronous Buck Converter with Integrated FET
BD9134MUV ROHM-BD9134MUV_14 Datasheet
1Mb / 25P
   Synchronous Buck Converter with Integrated FET
BD8961NV ROHM-BD8961NV_14 Datasheet
1Mb / 25P
   Synchronous Buck Converter with Integrated FET
BD9106FVM ROHM-BD9106FVM_14 Datasheet
3Mb / 50P
   Synchronous Buck Converter with Integrated FET
BD9123MUV ROHM-BD9123MUV_14 Datasheet
1Mb / 28P
   Synchronous Buck Converter with Integrated FET
BD9137MUV ROHM-BD9137MUV_14 Datasheet
2Mb / 26P
   Synchronous Buck Converter with Integrated FET
BD8964FVM ROHM-BD8964FVM_15 Datasheet
795Kb / 25P
   Synchronous Buck Converter with Integrated FET
BD9141MUV ROHM-BD9141MUV_15 Datasheet
958Kb / 26P
   Synchronous Buck Converter with Integrated FET
BD91361MUV ROHM-BD91361MUV_14 Datasheet
2Mb / 27P
   Synchronous Buck Converter with Integrated FET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com