Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD8964FVM Datasheet(PDF) 10 Page - Rohm

Part # BD8964FVM
Description  Synchronous Buck Converter with Integrated FET
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD8964FVM Datasheet(HTML) 10 Page - Rohm

Back Button BD8964FVM_15 Datasheet HTML 6Page - Rohm BD8964FVM_15 Datasheet HTML 7Page - Rohm BD8964FVM_15 Datasheet HTML 8Page - Rohm BD8964FVM_15 Datasheet HTML 9Page - Rohm BD8964FVM_15 Datasheet HTML 10Page - Rohm BD8964FVM_15 Datasheet HTML 11Page - Rohm BD8964FVM_15 Datasheet HTML 12Page - Rohm BD8964FVM_15 Datasheet HTML 13Page - Rohm BD8964FVM_15 Datasheet HTML 14Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
10/21
BD8964FVM
Datasheet
www.rohm.com
©2012 ROHM Co., Ltd. All rights reserved.
TSZ22111・15・001
TSZ02201-0J3J0AJ00050-1-2
22.Jan.2015 Rev.003
3. Information on Advantages
Advantage 1:Offers fast transient response by using current mode control system.
Voltage drop due to sudden change in load was reduced
Figure 22. Comparison of Transient Response
Advantage 2: Offers high efficiency because of synchronous rectifiers
For heavier load:
This IC utilizes the synchronous rectifying mode and uses low
ON-Resistance power MOSFETs.
ON-Resistance of P-Channel MOSFET: 350mΩ(Typ)
ON-Resistance of N-Channel MOSFET: 250mΩ(Typ)
Advantage 3:・ Supplied in smaller package due to small-sized power MOSFETs
Reduces mounting area requirement
Figure 24. Example Application
10mm
15mm
RITH
CITH
CIN
CO
L
Conventional product (Load response IO=0.1A to 0.6A)
BD8964FVM (Load response IO=0.1A to 0.6A)
Output capacitor CO required for current mode control: 10μF ceramic capacitor
Inductance L required for the operating frequency of 1 MHz: 4.7μH inductor
VCC
RITH
L
CO
VOUT
CITH
CIN
DC/DC
Convertor
Controller
110mV
VOUT
IOUT
VOUT
IOUT
58mV
Figure 23. Efficiency
0
10
20
30
40
50
60
70
80
90
100
1
10
100
1000
10000
OUTPUT CURRENT:IOUT[mA]
VOUT=1.5V】
VCC=5V
Ta=25°C
Output Current: IOUT [mA]


Similar Part No. - BD8964FVM_15

ManufacturerPart #DatasheetDescription
logo
Rohm
BD8964FVM ROHM-BD8964FVM_12 Datasheet
972Kb / 18P
   4.0V to 5.5V, 1.2A 1ch Synchronous Buck Converter Integrated FET
More results

Similar Description - BD8964FVM_15

ManufacturerPart #DatasheetDescription
logo
Rohm
BD9329AEFJ ROHM-BD9329AEFJ_15 Datasheet
1Mb / 23P
   Synchronous Buck Converter with Integrated FET
BD8967FVM ROHM-BD8967FVM_15 Datasheet
745Kb / 25P
   Synchronous Buck Converter with Integrated FET
BD9122GUL ROHM-BD9122GUL_14 Datasheet
1Mb / 25P
   Synchronous Buck Converter with Integrated FET
BD9134MUV ROHM-BD9134MUV_14 Datasheet
1Mb / 25P
   Synchronous Buck Converter with Integrated FET
BD8961NV ROHM-BD8961NV_14 Datasheet
1Mb / 25P
   Synchronous Buck Converter with Integrated FET
BD9106FVM ROHM-BD9106FVM_14 Datasheet
3Mb / 50P
   Synchronous Buck Converter with Integrated FET
BD9123MUV ROHM-BD9123MUV_14 Datasheet
1Mb / 28P
   Synchronous Buck Converter with Integrated FET
BD9137MUV ROHM-BD9137MUV_14 Datasheet
2Mb / 26P
   Synchronous Buck Converter with Integrated FET
BD9141MUV ROHM-BD9141MUV_15 Datasheet
958Kb / 26P
   Synchronous Buck Converter with Integrated FET
BD91361MUV ROHM-BD91361MUV_14 Datasheet
2Mb / 27P
   Synchronous Buck Converter with Integrated FET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com