Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD9102FVM-TR Datasheet(PDF) 11 Page - Rohm

Part # BD9102FVM-TR
Description  Synchronous Buck Converter Integrated FET
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD9102FVM-TR Datasheet(HTML) 11 Page - Rohm

Back Button BD9102FVM-TR Datasheet HTML 7Page - Rohm BD9102FVM-TR Datasheet HTML 8Page - Rohm BD9102FVM-TR Datasheet HTML 9Page - Rohm BD9102FVM-TR Datasheet HTML 10Page - Rohm BD9102FVM-TR Datasheet HTML 11Page - Rohm BD9102FVM-TR Datasheet HTML 12Page - Rohm BD9102FVM-TR Datasheet HTML 13Page - Rohm BD9102FVM-TR Datasheet HTML 14Page - Rohm BD9102FVM-TR Datasheet HTML 15Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 29 page
background image
11/25
BD9102FVM BD9104FVM
www.rohm.com
© 2012 ROHM Co., Ltd. All rights reserved.
TSZ22111・14・001
TSZ02201-0J3J0AJ00340-1-2
24.Oct.2013 Rev.003
Typical Performance Curves – continued
BD9102FVM
BD9104FVM
Figure 28. Circuit Current vs Temperature
Temperature: Ta [°C]
BD9102FVM
BD9104FVM
VCC=5V
Figure 29. Frequency vs Input Voltage
Input Voltage: VCC [V]
BD9102FVM
BD9104FVM
Ta=25°C


Similar Part No. - BD9102FVM-TR

ManufacturerPart #DatasheetDescription
logo
Rohm
BD9102FVM-TR ROHM-BD9102FVM-TR Datasheet
1Mb / 29P
   4.0V(or 4.5V) to 5.5V, 0.8A 1ch Synchronous Buck Converter Integrated FET
More results

Similar Description - BD9102FVM-TR

ManufacturerPart #DatasheetDescription
logo
Rohm
BD91361MUV-E2 ROHM-BD91361MUV-E2 Datasheet
1Mb / 23P
   Synchronous Buck Converter Integrated FET
BU90002GWXEVK-101 ROHM-BU90002GWXEVK-101 Datasheet
797Kb / 7P
   Synchronous Buck Converter Integrated FET
BD9328EFJ-LB ROHM-BD9328EFJ-LB Datasheet
1Mb / 22P
   Synchronous Buck Converter Integrated FET
BD9106FVM ROHM-BD9106FVM_12 Datasheet
2Mb / 42P
   Synchronous Buck Converter Integrated FET
BD9329AEFJ-LB ROHM-BD9329AEFJ-LB_15 Datasheet
1Mb / 22P
   Synchronous Buck Converter integrated FET
BD89630EFJ ROHM-BD89630EFJ_12 Datasheet
630Kb / 25P
   Synchronous Buck Converter integrated FET
BD91501MUV ROHM-BD91501MUV Datasheet
570Kb / 26P
   Synchronous Buck Converter Integrated FET
BD9106FVM-LB ROHM-BD9106FVM-LB Datasheet
2Mb / 23P
   Synchronous Buck Converter Integrated FET
BD9109FVM-LB ROHM-BD9109FVM-LB Datasheet
2Mb / 23P
   Synchronous Buck Converter Integrated FET
BD9329AEFJ ROHM-BD9329AEFJ_15 Datasheet
1Mb / 23P
   Synchronous Buck Converter with Integrated FET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com