Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD9141MUV Datasheet(PDF) 2 Page - Rohm

Part # BD9141MUV
Description  Synchronous Buck Converter with Integrated FET
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD9141MUV Datasheet(HTML) 2 Page - Rohm

  BD9141MUV_15 Datasheet HTML 1Page - Rohm BD9141MUV_15 Datasheet HTML 2Page - Rohm BD9141MUV_15 Datasheet HTML 3Page - Rohm BD9141MUV_15 Datasheet HTML 4Page - Rohm BD9141MUV_15 Datasheet HTML 5Page - Rohm BD9141MUV_15 Datasheet HTML 6Page - Rohm BD9141MUV_15 Datasheet HTML 7Page - Rohm BD9141MUV_15 Datasheet HTML 8Page - Rohm BD9141MUV_15 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
2/22
TSZ02201-0J3J0AJ00180-1-2
© 2012 ROHM Co., Ltd. All rights reserved.
04.Jun.2015 Rev.003
www.rohm.com
TSZ22111・15・001
Datasheet
Datasheet
BD9141MUV
Pin Configuration
Figure 2. Pin Configuration
Pin Description
Pin No.
Pin Name
Pin Function
1,2,3,4,5
SW
Power switch node
6,7,8
PVCC
Power switch supply pin
9
N.C.
No connection
10
VCC
Power supply input pin
11
GND
Ground pin
12
ADJ
Output voltage detection pin
13
ITH
GmAmp output pin/connected to phase compensation capacitor
14
VREG
Reference voltage
15,16
N.C.
No connection
17
EN
Enable pin(Active High)
18,19,20
PGND
Power switch ground pin
Block Diagram
Figure 3. Block Diagram
SW
12
345
6
7
8
9
10
20
19
18
17
16
15 14 13 12 11
N.C.
N.C.
PGND
EN
PVCC
VCC
(TOP VIEW)
VCC
PVCC
VCC
VCC
R1 R2
RITH
CITH


Similar Part No. - BD9141MUV_15

ManufacturerPart #DatasheetDescription
logo
Rohm
BD9141MUV ROHM-BD9141MUV_12 Datasheet
1Mb / 21P
   4.5V to 13.2V, 2A 1ch Synchronous Buck Converter integrated FET
More results

Similar Description - BD9141MUV_15

ManufacturerPart #DatasheetDescription
logo
Rohm
BD9329AEFJ ROHM-BD9329AEFJ_15 Datasheet
1Mb / 23P
   Synchronous Buck Converter with Integrated FET
BD8967FVM ROHM-BD8967FVM_15 Datasheet
745Kb / 25P
   Synchronous Buck Converter with Integrated FET
BD9122GUL ROHM-BD9122GUL_14 Datasheet
1Mb / 25P
   Synchronous Buck Converter with Integrated FET
BD9134MUV ROHM-BD9134MUV_14 Datasheet
1Mb / 25P
   Synchronous Buck Converter with Integrated FET
BD8961NV ROHM-BD8961NV_14 Datasheet
1Mb / 25P
   Synchronous Buck Converter with Integrated FET
BD9106FVM ROHM-BD9106FVM_14 Datasheet
3Mb / 50P
   Synchronous Buck Converter with Integrated FET
BD9123MUV ROHM-BD9123MUV_14 Datasheet
1Mb / 28P
   Synchronous Buck Converter with Integrated FET
BD9137MUV ROHM-BD9137MUV_14 Datasheet
2Mb / 26P
   Synchronous Buck Converter with Integrated FET
BD8964FVM ROHM-BD8964FVM_15 Datasheet
795Kb / 25P
   Synchronous Buck Converter with Integrated FET
BD91361MUV ROHM-BD91361MUV_14 Datasheet
2Mb / 27P
   Synchronous Buck Converter with Integrated FET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com