Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD9120FVM-E2 Datasheet(PDF) 4 Page - Rohm

Part # BD9120FVM-E2
Description  Synchronous Buck Converter with Integrated FET
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD9120FVM-E2 Datasheet(HTML) 4 Page - Rohm

  BD9120FVM-E2 Datasheet HTML 1Page - Rohm BD9120FVM-E2 Datasheet HTML 2Page - Rohm BD9120FVM-E2 Datasheet HTML 3Page - Rohm BD9120FVM-E2 Datasheet HTML 4Page - Rohm BD9120FVM-E2 Datasheet HTML 5Page - Rohm BD9120FVM-E2 Datasheet HTML 6Page - Rohm BD9120FVM-E2 Datasheet HTML 7Page - Rohm BD9120FVM-E2 Datasheet HTML 8Page - Rohm BD9120FVM-E2 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 50 page
background image
Datasheet
4/46
BD9106FVM BD9107FVM BD9109FVM BD9110NV BD9120HFN
www.rohm.com
© 2012 ROHM Co., Ltd. All rights reserved.
TSZ22111・15・001
TSZ02201-0J3J0AJ00090-1-2
02.Oct.2014 Rev.003
Electrical Characteristics
◎BD9106FVM (Ta=25°C, VCC=5V, VEN=VCC, R1
=20kΩ, R2=10kΩ unless otherwise specified.)
Parameter
Symbol
Min
Typ
Max
Unit
Conditions
Standby Current
ISTB
-
0
10
μA
EN=GND
Bias Current
ICC
-
250
400
μA
EN Low Voltage
VENL
-
GND
0.8
V
Standby mode
EN High Voltage
VENH
2.0
VCC
-
V
Active mode
EN Input Current
IEN
-
1
10
μA
VEN=5V
Oscillation Frequency
fOSC
0.8
1
1.2
MHz
Pch FET ON-Resistance (Note 9)
RONP
-
0.35
0.60
Ω
PVCC=5V
Nch FET ON-Resistance (Note 9)
RONN
-
0.25
0.50
Ω
PVCC=5V
ADJ Voltage
VADJ
0.780
0.800
0.820
V
Output Voltage (Note 9)
VOUT
-
1.200
-
V
ITH Sink Current
ITHSI
10
20
-
μA
ADJ=H
ITH Source Current
ITHSO
10
20
-
μA
ADJ=L
UVLO Threshold Voltage
VUVLOTh
3.2
3.4
3.6
V
VCC=H to L
UVLO Hysteresis Voltage
VUVLOHys
50
100
200
mV
Soft Start Time
tSS
1.5
3
6
ms
Timer Latch Time
tLATCH
0.5
1
2
ms
(Note 9) Design Guarantee(Outgoing inspection is not done on all products)
◎BD9107FVM (Ta=25°C, VCC=5V, VEN=VCC, R1
=20kΩ, R2=10kΩ unless otherwise specified.)
Parameter
Symbol
Min
Typ
Max
Unit
Conditions
Standby Current
ISTB
-
0
10
μA
EN=GND
Bias Current
ICC
-
250
400
μA
EN Low Voltage
VENL
-
GND
0.8
V
Standby mode
EN High Voltage
VENH
2.0
VCC
-
V
Active mode
EN Input Current
IEN
-
1
10
μA
VEN=5V
Oscillation Frequency
fOSC
0.8
1
1.2
MHz
Pch FET ON-Resistance (Note 9)
RONP
-
0.35
0.60
Ω
PVCC=5V
Nch FET ON-Resistance (Note 9)
RONN
-
0.25
0.50
Ω
PVCC=5V
ADJ Voltage
VADJ
0.780
0.800
0.820
V
Output Voltage (Note 9)
VOUT
-
1.200
-
V
ITH Sink Current
ITHSI
10
20
-
μA
VOUT=H
ITH Source Current
ITHSO
10
20
-
μA
VOUT=L
UVLO Threshold Voltage
VUVLOTh
2.6
2.7
2.8
V
VCC=H to L
UVLO Hysteresis Voltage
VUVLOHys
150
300
600
mV
Soft Start Time
tSS
0.5
1
2
ms
Timer Latch Time
tLATCH
0.5
1
2
ms
(Note 9) Design Guarantee(Outgoing inspection is not done on all products)
◎BD9109FVM (Ta=25°C, VCC=PVCC=5V, VEN= VCC unless otherwise specified.)
Parameter
Symbol
Min
Typ
Max
Unit
Conditions
Standby Current
ISTB
-
0
10
μA
EN=GND
Bias Current
ICC
-
250
400
μA
EN Low Voltage
VENL
-
GND
0.8
V
Standby mode
EN High Voltage
VENH
2.0
VCC
-
V
Active mode
EN Input Current
IEN
-
1
10
μA
VEN=5V
Oscillation Frequency
fOSC
0.8
1
1.2
MHz
Pch FET ON-Resistance (Note 9)
RONP
-
0.35
0.60
Ω
PVCC=5V
Nch FET ON-Resistance (Note 9)
RONN
-
0.25
0.50
Ω
PVCC=5V
Output Voltage (Note 9)
VOUT
3.234
3.300
3.366
V
ITH Sink Current
ITHSI
10
20
-
μA
VOUT=H
ITH Source Current
ITHSO
10
20
-
μA
VOUT=L
UVLO Threshold Voltage
VUVLO1
3.6
3.8
4.0
V
VCC=H to L
UVLO Hysteresis Voltage
VUVLO2
3.65
3.9
4.2
V
VCC=L to H
Soft Start Time
tSS
0.5
1
2
ms
Timer Latch Time
tLATCH
1
2
3
ms
SCP/TSD operated
Output Short Circuit
Threshold Voltage
VSCP
-
2
2.7
V
VOUT=H to L
(Note 9) Design Guarantee(Outgoing inspection is not done on all products)


Similar Part No. - BD9120FVM-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BD9120HFN ROHM-BD9120HFN Datasheet
353Kb / 6P
   1ch DC/DC Converter Controller IC with Built-in Synchronous rectifier
BD9120HFN ROHM-BD9120HFN Datasheet
672Kb / 29P
   High-efficiency Step-down Switching Regulators with Built-in Power MOSFET
BD9120HFN ROHM-BD9120HFN Datasheet
2Mb / 42P
   Synchronous Buck Converter Integrated FET
More results

Similar Description - BD9120FVM-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BD9329AEFJ ROHM-BD9329AEFJ_15 Datasheet
1Mb / 23P
   Synchronous Buck Converter with Integrated FET
BD8967FVM ROHM-BD8967FVM_15 Datasheet
745Kb / 25P
   Synchronous Buck Converter with Integrated FET
BD9122GUL ROHM-BD9122GUL_14 Datasheet
1Mb / 25P
   Synchronous Buck Converter with Integrated FET
BD9134MUV ROHM-BD9134MUV_14 Datasheet
1Mb / 25P
   Synchronous Buck Converter with Integrated FET
BD8961NV ROHM-BD8961NV_14 Datasheet
1Mb / 25P
   Synchronous Buck Converter with Integrated FET
BD9123MUV ROHM-BD9123MUV_14 Datasheet
1Mb / 28P
   Synchronous Buck Converter with Integrated FET
BD9137MUV ROHM-BD9137MUV_14 Datasheet
2Mb / 26P
   Synchronous Buck Converter with Integrated FET
BD8964FVM ROHM-BD8964FVM_15 Datasheet
795Kb / 25P
   Synchronous Buck Converter with Integrated FET
BD9141MUV ROHM-BD9141MUV_15 Datasheet
958Kb / 26P
   Synchronous Buck Converter with Integrated FET
BD91361MUV ROHM-BD91361MUV_14 Datasheet
2Mb / 27P
   Synchronous Buck Converter with Integrated FET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com