Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD9326EFJ-LBE2 Datasheet(PDF) 6 Page - Rohm

Part # BD9326EFJ-LBE2
Description  Buck Converter with Integrated FET
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD9326EFJ-LBE2 Datasheet(HTML) 6 Page - Rohm

Back Button BD9326EFJ-LBE2 Datasheet HTML 2Page - Rohm BD9326EFJ-LBE2 Datasheet HTML 3Page - Rohm BD9326EFJ-LBE2 Datasheet HTML 4Page - Rohm BD9326EFJ-LBE2 Datasheet HTML 5Page - Rohm BD9326EFJ-LBE2 Datasheet HTML 6Page - Rohm BD9326EFJ-LBE2 Datasheet HTML 7Page - Rohm BD9326EFJ-LBE2 Datasheet HTML 8Page - Rohm BD9326EFJ-LBE2 Datasheet HTML 9Page - Rohm BD9326EFJ-LBE2 Datasheet HTML 10Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
BD9325FJ-LB
BD9326EFJ-LB
BD9327EFJ-LB
Typical Waveforms
Figure 12. Over-Current Protection
(VOUT is shorted to GND)
Figure 13. Transient Response
(VIN= 12V VOUT= 3.3V L= 10µH COUT =22µF IOUT= 0.2-1.0A )
Figure 14. Output Ripple Voltage
(VIN= 12V VOUT= 3.3V L= 10µH COUT =22µF IOUT= 1.0A )
Figure 15. Transient Response
(VIN= 12V VOUT= 3.3V L= 10µH COUT =22µF IOUT= 0.2-3.0A)
6/19
09.Sep.2014 Rev.003
www.rohm.com
© 2012 ROHM Co., Ltd. All rights reserved.
TSZ22111・15・001
TSZ02201-0323AAJ00440-1-2


Similar Part No. - BD9326EFJ-LBE2

ManufacturerPart #DatasheetDescription
logo
Rohm
BD9326EFJ-2E ROHM-BD9326EFJ-2E Datasheet
464Kb / 15P
   Simple Step-down Switching Regulators with Built-in Power MOSFET
BD9326EFJ-E2 ROHM-BD9326EFJ-E2 Datasheet
379Kb / 4P
   silicon monolithic integrated circuit
BD9326EFJ-E2 ROHM-BD9326EFJ-E2 Datasheet
1Mb / 23P
   Buck Converter with Integrated FET
More results

Similar Description - BD9326EFJ-LBE2

ManufacturerPart #DatasheetDescription
logo
Rohm
BD9325FJ ROHM-BD9325FJ_14 Datasheet
1Mb / 23P
   Buck Converter with Integrated FET
BD9329AEFJ ROHM-BD9329AEFJ_15 Datasheet
1Mb / 23P
   Synchronous Buck Converter with Integrated FET
BD8967FVM ROHM-BD8967FVM_15 Datasheet
745Kb / 25P
   Synchronous Buck Converter with Integrated FET
BD9122GUL ROHM-BD9122GUL_14 Datasheet
1Mb / 25P
   Synchronous Buck Converter with Integrated FET
BD9134MUV ROHM-BD9134MUV_14 Datasheet
1Mb / 25P
   Synchronous Buck Converter with Integrated FET
BD8961NV ROHM-BD8961NV_14 Datasheet
1Mb / 25P
   Synchronous Buck Converter with Integrated FET
BD9106FVM ROHM-BD9106FVM_14 Datasheet
3Mb / 50P
   Synchronous Buck Converter with Integrated FET
BD9123MUV ROHM-BD9123MUV_14 Datasheet
1Mb / 28P
   Synchronous Buck Converter with Integrated FET
BD9137MUV ROHM-BD9137MUV_14 Datasheet
2Mb / 26P
   Synchronous Buck Converter with Integrated FET
BD8964FVM ROHM-BD8964FVM_15 Datasheet
795Kb / 25P
   Synchronous Buck Converter with Integrated FET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com