Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD9329AEFJ-LB Datasheet(PDF) 4 Page - Rohm

Part # BD9329AEFJ-LB
Description  Synchronous Buck Converter integrated FET
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD9329AEFJ-LB Datasheet(HTML) 4 Page - Rohm

  BD9329AEFJ-LB_15 Datasheet HTML 1Page - Rohm BD9329AEFJ-LB_15 Datasheet HTML 2Page - Rohm BD9329AEFJ-LB_15 Datasheet HTML 3Page - Rohm BD9329AEFJ-LB_15 Datasheet HTML 4Page - Rohm BD9329AEFJ-LB_15 Datasheet HTML 5Page - Rohm BD9329AEFJ-LB_15 Datasheet HTML 6Page - Rohm BD9329AEFJ-LB_15 Datasheet HTML 7Page - Rohm BD9329AEFJ-LB_15 Datasheet HTML 8Page - Rohm BD9329AEFJ-LB_15 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
BD9329AEFJ-LB
Typical Performance Curves
(Unless otherwise specified, VIN= 12V Ta = 25°C)
Figure 7. Feedback Voltage vs
Temperature
Figure 4. Circuit Current vs Input Voltage
(No Switching)
Figure 5. Standby Current vs Input Voltage
(Shutdown Mode)
Figure 6. Input Bias Current vs
Feedback Voltage
VIN [V]
VIN [V]
VFB [V]
Temp [°C]
4/18
© 2012 ROHM Co., Ltd. All rights reserved.
www.rohm.com
TSZ22111・15・001
TSZ02201-0323AAJ00320-1-2
16.Feb.2015 Rev.004


Similar Part No. - BD9329AEFJ-LB_15

ManufacturerPart #DatasheetDescription
logo
Rohm
BD9329AEFJ-LBE2 ROHM-BD9329AEFJ-LBE2 Datasheet
769Kb / 21P
   4.2V to 18V, 3A 1ch Synchronous Buck Converter integrated FET
More results

Similar Description - BD9329AEFJ-LB_15

ManufacturerPart #DatasheetDescription
logo
Rohm
BD91361MUV-E2 ROHM-BD91361MUV-E2 Datasheet
1Mb / 23P
   Synchronous Buck Converter Integrated FET
BU90002GWXEVK-101 ROHM-BU90002GWXEVK-101 Datasheet
797Kb / 7P
   Synchronous Buck Converter Integrated FET
BD9328EFJ-LB ROHM-BD9328EFJ-LB Datasheet
1Mb / 22P
   Synchronous Buck Converter Integrated FET
BD9106FVM ROHM-BD9106FVM_12 Datasheet
2Mb / 42P
   Synchronous Buck Converter Integrated FET
BD89630EFJ ROHM-BD89630EFJ_12 Datasheet
630Kb / 25P
   Synchronous Buck Converter integrated FET
BD9102FVM ROHM-BD9102FVM_13 Datasheet
2Mb / 29P
   Synchronous Buck Converter Integrated FET
BD91501MUV ROHM-BD91501MUV Datasheet
570Kb / 26P
   Synchronous Buck Converter Integrated FET
BD9106FVM-LB ROHM-BD9106FVM-LB Datasheet
2Mb / 23P
   Synchronous Buck Converter Integrated FET
BD9109FVM-LB ROHM-BD9109FVM-LB Datasheet
2Mb / 23P
   Synchronous Buck Converter Integrated FET
BD9329AEFJ ROHM-BD9329AEFJ_15 Datasheet
1Mb / 23P
   Synchronous Buck Converter with Integrated FET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com