Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BAT18-04 Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # BAT18-04
Description  Silicon RF Switching Diode
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BAT18-04 Datasheet(HTML) 1 Page - Infineon Technologies AG

  BAT18-04 Datasheet HTML 1Page - Infineon Technologies AG BAT18-04 Datasheet HTML 2Page - Infineon Technologies AG BAT18-04 Datasheet HTML 3Page - Infineon Technologies AG BAT18-04 Datasheet HTML 4Page - Infineon Technologies AG BAT18-04 Datasheet HTML 5Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
2011-06-14
1
BAT18...
Silicon RF Switching Diode
• Low-loss VHF / UHF switch above 10 MHz
• PIN diode with low forward resistance
• Pb-free (RoHS compliant) package
BAT18-04
BAT18-05
!

,
, 
!

,
, 
Type
Package
Configuration
LS(nH) Marking
BAT18-04
BAT18-05
SOT23
SOT23
series
common cathode
1.8
1.8
AUs
ASs
Maximum Ratings at TA = 25°C, unless otherwise specified
Parameter
Symbol
Value
Unit
Diode reverse voltage
VR
35
V
Forward current
IF
100
mA
Junction temperature
Tj
150
°C
Operating temperature range
Top
-55 ... 125
Storage temperature
Tstg
-55 ... 150
Thermal Resistance
Parameter
Symbol
Value
Unit
Junction - soldering point1)
BAT18-04, BAT18-05
RthJS
≤ 290
K/W
1For calculation of RthJA please refer to Application Note Thermal Resistance


Similar Part No. - BAT18-04

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BAT18-04 SIEMENS-BAT18-04 Datasheet
39Kb / 2P
   Silicon RF Switching Diode (Low-loss VHF/UHF switch above 10 MHz Pin diode with low forward resistance)
logo
Infineon Technologies A...
BAT18-04 INFINEON-BAT18-04 Datasheet
432Kb / 3P
   Silicon RF Switching Diode
Jan-07-2003
logo
Guangdong Kexin Industr...
BAT18-04 KEXIN-BAT18-04 Datasheet
35Kb / 1P
   Silicon RF Switching Diode
logo
Infineon Technologies A...
BAT18-04 INFINEON-BAT18-04 Datasheet
60Kb / 5P
   Silicon RF Switching Diode
2007-03-29
More results

Similar Description - BAT18-04

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
BAR81W KEXIN-BAR81W Datasheet
36Kb / 1P
   Silicon RF Switching Diode
logo
Siemens Semiconductor G...
BA582 SIEMENS-BA582 Datasheet
28Kb / 2P
   Silicon RF Switching Diode
logo
Infineon Technologies A...
BAR80 INFINEON-BAR80 Datasheet
42Kb / 4P
   Silicon RF Switching Diode
Aug-17-2001
BAR81WH6327 INFINEON-BAR81WH6327 Datasheet
824Kb / 6P
   Silicon RF Switching Diode
2011-06-14
logo
Guangdong Kexin Industr...
BAR65-02W KEXIN-BAR65-02W Datasheet
31Kb / 1P
   Silicon RF Switching Diode
logo
Infineon Technologies A...
BAR81 INFINEON-BAR81_07 Datasheet
75Kb / 6P
   Silicon RF Switching Diode
2007-04-19
BAT18 INFINEON-BAT18_07 Datasheet
60Kb / 5P
   Silicon RF Switching Diode
2007-03-29
BAR81W INFINEON-BAR81W Datasheet
407Kb / 4P
   Silicon RF Switching Diode
Dec-20-2002
logo
SEMTECH ELECTRONICS LTD...
BA592WS SEMTECH_ELEC-BA592WS Datasheet
245Kb / 3P
   SILICON RF SWITCHING DIODE
logo
Infineon Technologies A...
BA-892-02V-H6127 INFINEON-BA-892-02V-H6127 Datasheet
976Kb / 11P
   Silicon RF Switching Diode
2011-07-21
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com