Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD90521MUV-C Datasheet(PDF) 5 Page - Rohm

Part # BD90521MUV-C
Description  Synchronous Step-Down Converter
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD90521MUV-C Datasheet(HTML) 5 Page - Rohm

  BD90521MUV-C Datasheet HTML 1Page - Rohm BD90521MUV-C Datasheet HTML 2Page - Rohm BD90521MUV-C Datasheet HTML 3Page - Rohm BD90521MUV-C Datasheet HTML 4Page - Rohm BD90521MUV-C Datasheet HTML 5Page - Rohm BD90521MUV-C Datasheet HTML 6Page - Rohm BD90521MUV-C Datasheet HTML 7Page - Rohm BD90521MUV-C Datasheet HTML 8Page - Rohm BD90521MUV-C Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 42 page
background image
Datasheet
Datasheet
5/38
TSZ02201-0J3J0AL01130-1-2
21.Apr.2016 Rev.001
BD90521MUV-C / BD90521EFV-C
© 2016 ROHM Co., Ltd. All rights reserved.
www.rohm.com
TSZ22111 • 15 • 001
TSD (Thermal Shut Down)
This is an overheat protection circuit. In order to prevent IC thermal destruction/runaway, output is turned off when chip
temperature rises to about 150°C or higher. It is recovered when temperature returns to constant temperature. However,
since overheat protection circuit is essentially built-in for the purpose of protection of IC itself, carry out thermal design to
keep chip temperature below about 150°C as TSD detection temperature.
OCP VTH(Over Current Protection)
This is an overcurrent protection circuit. When output Pch POWER MOS FET is turned on and voltage between drain and
source exceeds internal reference voltage value, overcurrent protection activates. This overcurrent protection is self-reset
type. When overcurrent protection activates, duty becomes small and output voltage is reduced. However, since these
protection circuits are effective in protection from destruction due to sudden accidents, avoid using them when continuous
protection circuit is in action.
SCP (Short Current Protection)
This is a load short-circuit protection circuit. When the state of output of 60% or lower is detected in oscillation cycle × 256
(s), POWER MOS FET is turned off. If output voltage is recovered to 60% or higher before completion of 256 cycles,
POWER MOS FET is not turned off. This load short-circuit protection is cancelled after retention of oscillation cycle × 2048
(s), and it is restarted with soft start. Elongation of off time results in decrease of mean output current. During startup of
power source, this function is masked until output reaches set voltage to prevent startup failure.
UVLO (Under Voltage Lock-Out)
This is a low voltage wrong operation prevention circuit. It prevents wrong operation of internal circuits during power
source voltage startup and when power source voltage is reduced. Power source voltage is monitored and when it is
reduced to 2.25 V (Typ) or lower, output POWER MOS FET is turned off. When UVLO is cancelled, it is restarted with soft
start. This threshold has hysteresis of 100 mV (Typ).
VOLTAGE REFERENCE
It supplies reference voltage to internal circuits.
OVP
When output voltage is detected to have exceeded set value + 10%, Pch FET and Nch FET of output is turned off. After
detection, when output is reduced and the overvoltage state is cancelled, switching action is restarted. There is hysteresis
of 2% in overvoltage detection voltage and cancel voltage.
PGOOD
When output voltage is below 90% or above 110% of set value, output error state is assumed, and PGOOD terminal is
turned “Low”. There is hysteresis of 2% in detection voltage and cancel voltage. At the time of EN OFF and when UVLO
and TSD are in action, PGOOD terminal output is also turned “Low”. If VIN input voltage exceeds 2 V, PGOOD output
becomes effective. Since output is open drain type, connect pull up to VIN or an external power source with resistance of
10kΩ - 100 kΩ.


Similar Part No. - BD90521MUV-C

ManufacturerPart #DatasheetDescription
logo
Rohm
BD90522EFJ-C ROHM-BD90522EFJ-C Datasheet
901Kb / 23P
   2.69 to 5.5V, Fixed Output, 2.25MHz Synchronous Step-Down Converter
BD90525EFJ-C ROHM-BD90525EFJ-C Datasheet
901Kb / 23P
   2.69 to 5.5V, Fixed Output, 2.25MHz Synchronous Step-Down Converter
BD90528EFJ-C ROHM-BD90528EFJ-C Datasheet
901Kb / 23P
   2.69 to 5.5V, Fixed Output, 2.25MHz Synchronous Step-Down Converter
More results

Similar Description - BD90521MUV-C

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT6204 RICHTEK-RT6204 Datasheet
1Mb / 18P
   Synchronous Step-Down Converter
logo
Texas Instruments
TPS54227 TI1-TPS54227_15 Datasheet
999Kb / 24P
[Old version datasheet]   Synchronous Step-Down Converter
logo
Union Semiconductor, In...
UM3506QA UNIONSEMI-UM3506QA Datasheet
369Kb / 9P
   Synchronous Step-Down Converter
logo
Richtek Technology Corp...
RT2660 RICHTEK-RT2660 Datasheet
332Kb / 18P
   Synchronous Step-Down Converter
RT2875A RICHTEK-RT2875A Datasheet
295Kb / 16P
   Synchronous Step-Down Converter
RT7249 RICHTEK-RT7249 Datasheet
275Kb / 17P
   Synchronous Step-Down Converter
logo
Rohm
BD90541MUV-C ROHM-BD90541MUV-C Datasheet
2Mb / 40P
   Synchronous Step-Down Converter
logo
Richtek Technology Corp...
RT2856 RICHTEK-RT2856 Datasheet
308Kb / 19P
   Synchronous Step-Down Converter
logo
Texas Instruments
TPS548D22 TI1-TPS548D22 Datasheet
304Kb / 10P
[Old version datasheet]   Synchronous Step-Down Converter
logo
Shenzhen Huazhimei Semi...
HM3413D HMSEMI-HM3413D Datasheet
1Mb / 14P
   Synchronous Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com