Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD93291EFJ-E2 Datasheet(PDF) 5 Page - Rohm

Part # BD93291EFJ-E2
Description  Dual Synchronous Buck Converter
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD93291EFJ-E2 Datasheet(HTML) 5 Page - Rohm

  BD93291EFJ-E2 Datasheet HTML 1Page - Rohm BD93291EFJ-E2 Datasheet HTML 2Page - Rohm BD93291EFJ-E2 Datasheet HTML 3Page - Rohm BD93291EFJ-E2 Datasheet HTML 4Page - Rohm BD93291EFJ-E2 Datasheet HTML 5Page - Rohm BD93291EFJ-E2 Datasheet HTML 6Page - Rohm BD93291EFJ-E2 Datasheet HTML 7Page - Rohm BD93291EFJ-E2 Datasheet HTML 8Page - Rohm BD93291EFJ-E2 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
Datasheet
Datasheet
5/21
TSZ02201-0323AAJ00300-1-2
© 2012 ROHM Co., Ltd. All rights reserved.
12. Nov. 2012 Rev.001
www.rohm.com
TSZ22111・15・001
BD93291EFJ
●Typical Performance Curves (Unless otherwise noted Ta=25℃, VIN=14V, VOUT1=5V, VOUT2=3.3V)
Figure 4. VOUT1 Efficiency
(VIN=14V, L=22
H)
Figure 5. VOUT2 Efficiency
(VOUT1=5V, VOUT2=3.3V, L=2.2
H)
1
sec/div
1
sec/div
50
55
60
65
70
75
80
85
90
95
100
10
100
1000
10000
Iout1 [mA]
50
55
60
65
70
75
80
85
90
95
100
10
100
1000
10000
Iout2 [mA]
Figure 6. VOUT1 Ripple voltage
(VIN=14V, L1=22
H, COUT1=22F, Iout=1A)
Figure 7. VOUT2 Ripple voltage
(VOUT1=5V, VOUT2=3.3V, L2=2.2
H, COUT2=22F,
Iout=0.3A)
VOUT1(AC)
50mV/div
SW
5V/div
ISW
1A/div
VOUT2(AC)
10mV/div
SWL
2V/div
ISWL
1A/div


Similar Part No. - BD93291EFJ-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BD9329AEFJ ROHM-BD9329AEFJ Datasheet
407Kb / 16P
   Simple Step-down Switching Regulator with Built-in Power MOSFET
BD9329AEFJ-E2 ROHM-BD9329AEFJ-E2 Datasheet
407Kb / 16P
   Simple Step-down Switching Regulator with Built-in Power MOSFET
BD9329AEFJ-E2 ROHM-BD9329AEFJ-E2 Datasheet
1Mb / 23P
   Synchronous Buck Converter with Integrated FET
BD9329AEFJ-LB ROHM-BD9329AEFJ-LB Datasheet
769Kb / 21P
   4.2V to 18V, 3A 1ch Synchronous Buck Converter integrated FET
BD9329AEFJ-LBE2 ROHM-BD9329AEFJ-LBE2 Datasheet
769Kb / 21P
   4.2V to 18V, 3A 1ch Synchronous Buck Converter integrated FET
More results

Similar Description - BD93291EFJ-E2

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3855EFE LINER-LTC3855EFE Datasheet
312Kb / 12P
   Dual Output Synchronous Buck Converter
LTC3850EUF LINER-LTC3850EUF Datasheet
432Kb / 10P
   Dual Phase/Dual Output Synchronous Buck Converter
logo
Major-Power Technology ...
MA6002 MPOWER-MA6002 Datasheet
286Kb / 9P
   Dual 1.2A 1.5MHz Synchronous Buck Converter
MA6001 MPOWER-MA6001 Datasheet
357Kb / 10P
   Dual 1.5A 1.5MHz Synchronous Buck Converter
MA5604 MPOWER-MA5604 Datasheet
429Kb / 7P
   Synchronous Buck Converter
logo
Rohm
BD9B300MUV-EVK-101 ROHM-BD9B300MUV-EVK-101 Datasheet
1Mb / 11P
   Synchronous Buck Converter
logo
QX Micro Devices Co.,Lt...
QX3406 QXMD-QX3406 Datasheet
1Mb / 2P
   Synchronous Buck Converter
logo
Rohm
BD9109FVMEVK-101 ROHM-BD9109FVMEVK-101 Datasheet
787Kb / 8P
   Synchronous Buck Converter
logo
First Silicon Co., Ltd
FC3470 FS-FC3470 Datasheet
931Kb / 8P
   Synchronous Buck Converter
logo
SHANGHAI BELLING CO., L...
BL9328 BELLING-BL9328 Datasheet
338Kb / 10P
   1.5 MHz, Dual 800mA Synchronous Buck Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com