Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD90610HFP-TR Datasheet(PDF) 4 Page - Rohm

Part # BD90610HFP-TR
Description  1ch Step-Down Switching Regulator
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD90610HFP-TR Datasheet(HTML) 4 Page - Rohm

  BD90610HFP-TR Datasheet HTML 1Page - Rohm BD90610HFP-TR Datasheet HTML 2Page - Rohm BD90610HFP-TR Datasheet HTML 3Page - Rohm BD90610HFP-TR Datasheet HTML 4Page - Rohm BD90610HFP-TR Datasheet HTML 5Page - Rohm BD90610HFP-TR Datasheet HTML 6Page - Rohm BD90610HFP-TR Datasheet HTML 7Page - Rohm BD90610HFP-TR Datasheet HTML 8Page - Rohm BD90610HFP-TR Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 44 page
background image
4/40
BD906xx-C series
TSZ02201-0T1T0AL00130-1-2
© 2014 ROHM Co., Ltd. All rights reserved.
www.rohm.com
TSZ22111・15・001
15.Sep.2015 Rev.005
Description of Blocks
1.
ERROR_AMP
The ERROR_AMP block is an error amplifier and its inputs are the reference voltage 0.8 V (Typ) and the
“FB” pin
voltage. (Refer to recommended examples on p.16 to 17). The output
“VC” pin controls the switching duty, the output
voltage is set by
“FB” pin with external resistors. Moreover, the external resistor and capacitor are required to COMP pin
as phase compensation circuit (Refer to phase compensation selection method on p.17 to 18).
2.
SOFT_START
The function of the SOFT_START block is to prevent the overshoot of the output voltage VO through gradually
increasing the input of the error amplifier when the power supply turns ON, which also results to the gradual increase of
the witching duty. The soft start time is set to 1.38 ms (Typ , fSW = 500 kHz).
The soft start time is changed by setting of the switching frequency. (Refer to p.18)
3.
EN / SYNC
The IC is in normal operation when the voltage on the “EN / SYNC” pin is more than 2.6 V. The IC is shut down when the
voltage on the “EN / SYNC” pin is less than 0.8 V. Furthermore, external synchronization is possible when external clock
are
applied to the “EN / SYNC” pin. The switching frequency range of the external synchronization is within ±20 % of the
switching frequency and is limited by the external resistance connected to the RT pin.
ex) When RRT is 27 kΩ (f = 500 kHz), the switching frequency range of the external synchronization is 400 kHz to 600
kHz.
4.
OSC (Oscillator)
This circuit generates the clock pulses that are input to SLOPE block. The switching frequency is determined by the
current going through the external resistor RT at constant voltage of ca. 0.8V. The switching frequency can be set in the
range between 50 kHz to 600 kHz (Refer to p.16 Figure 13). The output of the OSC block send clock signals to
PWM_LATCH. Moreover the generated pulses of the OSC block are also used as clock of the counter of SS and
SCP_LATCH blocks.
5.
SLOPE
This block generates saw tooth waves using the clock generated by the OSC block. The generated saw tooth waves are
combined with the current sense and sent to the CUR_COMP.
6.
CUR_COMP (Current Comparator)
The CUR_COMP block compares the signals between the ERROR_AMP and the combined signals from the SLOPE
block and current sense. The output signals are sent to the PWM_LATCH block.
7.
PWM_LATCH
The PWM_LATCH block is a LATCH circuit. The OSC block output (set) and CUR_COMP block output (reset) are the
inputs of this block. The PWM_LATCH block outputs PWM signals.
8.
TSD (Thermal Shut down)
The TSD block prevents thermal destruction / thermal runaway of the IC by turning OFF the Pch POWER MOSFET
output when the temperature of the chip reaches more than about 175 °C (Typ). When the chip temperature falls to a
specified level, the switching will resume. However, since the TSD is designed to protect the IC, the chip temperature
should be provided with the thermal shutdown detection temperature of less than approximately Tjmax = 150 °C.
9.
OCP (Over Current Protection)
OCP is activated when the voltage between the drain and source (on-resistance × load current) of the Pch POWER
MOSFET when it is ON, exceeds the reference voltage which is internally set within the IC. This OCP is a self-return
type. When OCP is activated, the ON duty will be small, and the output voltage will decrease. However, this protection
circuit is only effective in preventing destruction from sudden accident. It does not support the continuous operation of
the protection circuit (e.g. if a load, which significantly exceeds the output current capacitance, is connected).
10. SCP (Short Circuit Protection) and SCP-LATCH
While OCP is activated, and if the output voltage falls below 70 %, SCP will be activated. When SCP is active, the output
will be turned OFF after a period of 1024 pulse. It extends the time that the output is OFF to reduce the average output
current. In addition, during startup of the IC, this feature is masked until it reaches a certain output voltage to prevent the
startup failure.
11. UVLO (Under Voltage Lock-Out)
UVLO is a protection circuit that prevents low voltage malfunction. It prevents malfunction of the internal circuit from
sudden rise and fall of power supply voltage. It monitors the VIN power supply voltage and the internal regulator voltage.
If VIN is less than the threshold voltage 3.24 V (Typ), the Pch POWER MOSFET output is OFF and the soft-start circuit
will be restarted. This threshold voltage and release voltage have a hysteresis of 280 mV (Typ).
12. DRV (Driver)
This circuit drives the gate electrode of the Pch POWER MOSFET output. It reduces the increase of the Pch POWER
MOSFET’s on-resistance by switching the driving voltage when the power supply voltage drop.


Similar Part No. - BD90610HFP-TR

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
BD906 MOSPEC-BD906 Datasheet
143Kb / 3P
   POWER TRANSISTORS(15A,90W)
logo
Boca Semiconductor Corp...
BD906 BOCA-BD906 Datasheet
149Kb / 3P
   COMPLEMENTARY SILICON PLASTIC POWER TRANSISTORS
logo
Inchange Semiconductor ...
BD906 ISC-BD906 Datasheet
249Kb / 2P
   isc Silicon PNP Power Transistor
logo
Continental Device Indi...
BD906 CDIL-BD906 Datasheet
127Kb / 4P
   PLASTIC POWER TRANSISTORS
logo
New Jersey Semi-Conduct...
BD906 NJSEMI-BD906 Datasheet
133Kb / 2P
   Silicon PNP Power Transistor
More results

Similar Description - BD90610HFP-TR

ManufacturerPart #DatasheetDescription
logo
Rohm
BD9E151NUX ROHM-BD9E151NUX Datasheet
872Kb / 22P
   1ch Step-Down Switching Regulator
logo
Linear Technology
LT1176 LINER-LT1176 Datasheet
178Kb / 4P
   Step-Down Switching Regulator
logo
Sanyo Semicon Device
LV58761MX SANYO-LV58761MX Datasheet
641Kb / 7P
   Step-down Switching Regulator
LV5807MX SANYO-LV5807MX Datasheet
206Kb / 5P
   Step-down Switching Regulator
logo
Linear Technology
LT1074 LINER-LT1074_15 Datasheet
190Kb / 16P
   Step-Down Switching Regulator
logo
ON Semiconductor
LV5980MD ONSEMI-LV5980MD Datasheet
718Kb / 20P
   Step-down Switching Regulator
October, 2013
LV5762QA ONSEMI-LV5762QA Datasheet
290Kb / 6P
   Step-down Switching Regulator
May, 2014
NCV8925 ONSEMI-NCV8925 Datasheet
172Kb / 14P
   Step-down Switching Regulator
April, 2008 - Rev. 0
logo
Sanyo Semicon Device
LV5809MX SANYO-LV5809MX Datasheet
120Kb / 5P
   Step-down Switching Regulator
LV5725JA SANYO-LV5725JA Datasheet
269Kb / 8P
   Step-down Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com