Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QL4016-4PLC Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # QL4016-4PLC
Description  16,000 Usable PLD Gate QuickRAM ESP Combining Performance, Density and Embedded RAM
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

QL4016-4PLC Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  QL4016-4PLC Datasheet HTML 1Page - List of Unclassifed Manufacturers QL4016-4PLC Datasheet HTML 2Page - List of Unclassifed Manufacturers QL4016-4PLC Datasheet HTML 3Page - List of Unclassifed Manufacturers QL4016-4PLC Datasheet HTML 4Page - List of Unclassifed Manufacturers QL4016-4PLC Datasheet HTML 5Page - List of Unclassifed Manufacturers QL4016-4PLC Datasheet HTML 6Page - List of Unclassifed Manufacturers QL4016-4PLC Datasheet HTML 7Page - List of Unclassifed Manufacturers QL4016-4PLC Datasheet HTML 8Page - List of Unclassifed Manufacturers QL4016-4PLC Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
© 2002 QuickLogic Corporation
www.quicklogic.com
1
• • • • • •
Device Highlights
High Performance & High Density
16,000 Usable PLD Gates with 118 I/Os
300 MHz 16-bit Counters, 400 MHz
Datapaths, 160+ MHz FIFOs
0.35
µm four-layer metal non-volatile
CMOS process for smallest die sizes
High Speed Embedded SRAM
10 dual-port RAM modules, organized in
user-configurable 1,152 bit blocks
5 ns access times, each port independently
accessible
Fast and efficient for FIFO, RAM, and ROM
functions
Easy to Use / Fast Development
Cycles
100% routable with 100% utilization and
complete pin-out stability
Variable-grain logic cells provide high
performance and 100% utilization
Comprehensive design tools include high
quality Verilog/VHDL synthesis
Advanced I/O Capabilities
Interfaces with both 3.3 V and 5.0 V devices
PCI compliant with 3.3 V and 5.0 V busses
for -1/-2/-3/-4 speed grades
Full JTAG boundary scan
I/O Cells with individually controlled
Registered Input Path and Output Enables
Figure 1: QuickRAM Block Diagram
10
RAM
Blocks
320
High Speed
Logic Cells
Interface
QL4016 QuickRAM Data Sheet
16,000 Usable PLD Gate QuickRAM ESP Combining Performance,
Density and Embedded RAM


Similar Part No. - QL4016-4PLC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
QL4016-0CF100M ETC1-QL4016-0CF100M Datasheet
576Kb / 22P
   90,000 Usable PLD Gate QuickRAM Combining Performance, Density and Embedded RAM
QL4016-0CF100M/883 ETC1-QL4016-0CF100M/883 Datasheet
576Kb / 22P
   90,000 Usable PLD Gate QuickRAM Combining Performance, Density and Embedded RAM
QL4016-0CF208M ETC1-QL4016-0CF208M Datasheet
576Kb / 22P
   90,000 Usable PLD Gate QuickRAM Combining Performance, Density and Embedded RAM
QL4016-0CF208M/883 ETC1-QL4016-0CF208M/883 Datasheet
576Kb / 22P
   90,000 Usable PLD Gate QuickRAM Combining Performance, Density and Embedded RAM
QL4016-0CG144M ETC1-QL4016-0CG144M Datasheet
576Kb / 22P
   90,000 Usable PLD Gate QuickRAM Combining Performance, Density and Embedded RAM
More results

Similar Description - QL4016-4PLC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
QL4009 ETC1-QL4009 Datasheet
373Kb / 18P
   9,000 Usable PLD Gate QuickRAM ESP Combining Performance, Density and Embedded RAM
QL4058 ETC1-QL4058 Datasheet
536Kb / 23P
   58,000 Usable PLD Gate QuickRAM ESP Combining Performance, Density and Embedded RAM
QL4016-1PB456M ETC1-QL4016-1PB456M Datasheet
576Kb / 22P
   90,000 Usable PLD Gate QuickRAM Combining Performance, Density and Embedded RAM
QL3012 ETC1-QL3012 Datasheet
239Kb / 14P
   60,000 Usable PLD Gate pASIC3 FPGA Combining High Performance and High Density
QL3025 ETC1-QL3025 Datasheet
528Kb / 17P
   25,000 Usable PLD Gate pASIC 3 FPGA Combining High Performance and High Density
QL8025 ETC-QL8025 Datasheet
739Kb / 49P
   LOW POWER FPGA COMBINING PERFORMANCE DENSITY AND EMBEDED RAM
logo
Lumileds Lighting Compa...
L1HX-2770200000000 LUMILEDS-L1HX-2770200000000 Datasheet
2Mb / 17P
   Best performance. Most usable light.
20210523
logo
List of Unclassifed Man...
QL2007 ETC1-QL2007 Datasheet
299Kb / 10P
   3.3V and 5.0V pASIC 2 FPGA Combining Speed, Density, Low Cost and Flexibility
QL2009 ETC-QL2009 Datasheet
272Kb / 12P
   3.3V and 5.0V pASIC 2 FPGA Combining Speed, Density, Low Cost and Flexibility
logo
ATMEL Corporation
ATF22V10B ATMEL-ATF22V10B Datasheet
886Kb / 14P
   High- Performance EE PLD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com