Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ296203DSGR Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # BQ296203DSGR
Description  Overvoltage Protection for 2-Series, 3-Series, and 4-Series Cell Li-Ion Batteries with Regulated Output Supply
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ296203DSGR Datasheet(HTML) 7 Page - Texas Instruments

Back Button BQ296203DSGR Datasheet HTML 3Page - Texas Instruments BQ296203DSGR Datasheet HTML 4Page - Texas Instruments BQ296203DSGR Datasheet HTML 5Page - Texas Instruments BQ296203DSGR Datasheet HTML 6Page - Texas Instruments BQ296203DSGR Datasheet HTML 7Page - Texas Instruments BQ296203DSGR Datasheet HTML 8Page - Texas Instruments BQ296203DSGR Datasheet HTML 9Page - Texas Instruments BQ296203DSGR Datasheet HTML 10Page - Texas Instruments BQ296203DSGR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 31 page
background image
7
bq2961, bq2962
www.ti.com
SLUSBU5C – NOVEMBER 2013 – REVISED OCTOBER 2016
Product Folder Links: bq2961 bq2962
Submit Documentation Feedback
Copyright © 2013–2016, Texas Instruments Incorporated
Electrical Characteristics (continued)
Typical values stated where TA = 25°C and VDD = 14.4 V, MIN/MAX values stated where TA = –40°C to 110°C, and VDD =
3 V to 15 V (unless otherwise noted).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Regulated Supply Output, REG
VREG
REG Supply
VDD
≥ 4 V, I REG = 0 µA
to 1 mA, CREG = 0.47 µF
VREG = 3.3 V , bq2960, bq2961,
bq2962
3.2
3.3
3.4
V
VREG = 3.15 V , bq2962
3.05
3.15
3.25
V
VREG = 3.0 V , bq2962
2.9
3
3.1
V
VREG = 2.5 V , bq2960, bq2961
2.425
2.5
2.575
V
VREG = 1.8 V , bq2960, bq2961
1.746
1.8
1.854
V
IREG
REG Current Output
VDD
≥ 4 V, CREG = 0.47 µF
0
1
mA
IREG_
SC_Limit
REG Output Short
Circuit Current Limit
REG = VSS, CREG = 0.47 µF
4
mA
RREG_ PD
REG pull-down
resistor
REG is disabled
20
30
45
k
Regulated Supply Output Enable, REG_EN
VIH
High-level Input
1.6
V
VIL
Low-level Input
0.4
V
ILKG
Input Leakage
Current
VIH < 6 V
0.1
µA
Regulated Supply Undervoltage Self-disable
VUVREG
Undervoltage
detection
Factory Configuration: 2.0 V to 2.8 V in 50 mV steps, TA = 25 °C
–50
50
mV
VUVHYS
Undervoltage
Detection Hysteresis
250
300
400
mV
tUVDELAY
Undervoltage
Detection Delay
4.5
6
7.5
s
VUVQUAL
Cell voltage to
qualify for UV
detection
0.5
V


Similar Part No. - BQ296203DSGR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ296203DSGR TI1-BQ296203DSGR Datasheet
1Mb / 33P
[Old version datasheet]   Overvoltage Protection for 2-Series, 3-Series, and 4-Series Cell Li-Ion Batteries with Regulated Output Supply
BQ296203DSGR TI1-BQ296203DSGR Datasheet
2Mb / 34P
[Old version datasheet]   BQ296xxx Overvoltage Protection for 2-Series, 3-Series, and 4-Series Cell Li-Ion Batteries with Regulated Output Supply
BQ296203DSGR TI1-BQ296203DSGR Datasheet
2Mb / 34P
[Old version datasheet]   BQ296xxx Overvoltage Protection for 2-Series, 3-Series, and 4-Series Cell Li-Ion Batteries with Regulated Output Supply
BQ296203DSGR TI1-BQ296203DSGR Datasheet
2Mb / 35P
[Old version datasheet]   BQ296xxx Overvoltage Protection for 2-Series, 3-Series, and 4-Series Cell Li-Ion Batteries with Regulated Output Supply
BQ296203DSGR TI1-BQ296203DSGR Datasheet
2Mb / 36P
[Old version datasheet]   BQ296xxx Overvoltage Protection for 2-Series, 3-Series, and 4-Series Cell Li-Ion Batteries with Regulated Output Supply
More results

Similar Description - BQ296203DSGR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ2961 TI1-BQ2961_17 Datasheet
1Mb / 33P
[Old version datasheet]   Overvoltage Protection for 2-Series, 3-Series, and 4-Series Cell Li-Ion Batteries with Regulated Output Supply
BQ2961 TI-BQ2961_V07 Datasheet
2Mb / 31P
[Old version datasheet]   BQ296xxx Overvoltage Protection for 2-Series, 3-Series, and 4-Series Cell Li-Ion Batteries with Regulated Output Supply
REVISED AUGUST 2021
BQ2961 TI1-BQ2961_V01 Datasheet
2Mb / 34P
[Old version datasheet]   BQ296xxx Overvoltage Protection for 2-Series, 3-Series, and 4-Series Cell Li-Ion Batteries with Regulated Output Supply
BQ2961 TI1-BQ2961_V02 Datasheet
2Mb / 34P
[Old version datasheet]   BQ296xxx Overvoltage Protection for 2-Series, 3-Series, and 4-Series Cell Li-Ion Batteries with Regulated Output Supply
BQ2961 TI1-BQ2961_V03 Datasheet
2Mb / 35P
[Old version datasheet]   BQ296xxx Overvoltage Protection for 2-Series, 3-Series, and 4-Series Cell Li-Ion Batteries with Regulated Output Supply
BQ2961 TI1-BQ2961_V05 Datasheet
2Mb / 36P
[Old version datasheet]   BQ296xxx Overvoltage Protection for 2-Series, 3-Series, and 4-Series Cell Li-Ion Batteries with Regulated Output Supply
BQ2961 TI1-BQ2961_V04 Datasheet
2Mb / 36P
[Old version datasheet]   BQ296xxx Overvoltage Protection for 2-Series, 3-Series, and 4-Series Cell Li-Ion Batteries with Regulated Output Supply
BQ2961 TI-BQ2961_V08 Datasheet
2Mb / 32P
[Old version datasheet]   BQ296xxx Overvoltage Protection for 2-Series, 3-Series, and 4-Series Cell Li-Ion Batteries with Regulated Output Supply
APRIL 2022
BQ2961 TI-BQ2961_V06 Datasheet
2Mb / 30P
[Old version datasheet]   BQ296xxx Overvoltage Protection for 2-Series, 3-Series, and 4-Series Cell Li-Ion Batteries with Regulated Output Supply
BQ294502 TI1-BQ294502_17 Datasheet
1Mb / 26P
[Old version datasheet]   Overvoltage Protection For 2-Series and 3-Series Cell Li-Ion Batteries
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com