Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC45212-1YMP Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # MIC45212-1YMP
Description  26V/14A DC-to-DC Power Module
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC45212-1YMP Datasheet(HTML) 2 Page - Micrel Semiconductor

  MIC45212-1YMP Datasheet HTML 1Page - Micrel Semiconductor MIC45212-1YMP Datasheet HTML 2Page - Micrel Semiconductor MIC45212-1YMP Datasheet HTML 3Page - Micrel Semiconductor MIC45212-1YMP Datasheet HTML 4Page - Micrel Semiconductor MIC45212-1YMP Datasheet HTML 5Page - Micrel Semiconductor MIC45212-1YMP Datasheet HTML 6Page - Micrel Semiconductor MIC45212-1YMP Datasheet HTML 7Page - Micrel Semiconductor MIC45212-1YMP Datasheet HTML 8Page - Micrel Semiconductor MIC45212-1YMP Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 35 page
background image
Micrel, Inc.
MIC45212
Ordering Information
(1)
Part Number
Switching
Frequency
Features
Junction
Temperature Range
Package
Lead
Finish
MIC45212-1YMP
200kHz to 600kHz
Hyper Light Load
–40°C to +125°C
64-pin
12mm × 12mm × 4mm
QFN
Pb-Free
MIC45212-2YMP
200kHz to 600kHz
Hyper Speed Control
–40°C to +125°C
64-pin
12mm × 12mm × 4mm
QFN
Pb-Free
Note:
1.
Devices are ESD sensitive. Handling precautions are recommended. Human body model, 1.5k
Ω in series with 100pF.
Pin Configuration
64-Pin 12mm × 12mm × 4mm QFN
(Top View)
March 5, 2015
2
Revision 1.1


Similar Part No. - MIC45212-1YMP

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC45212-1YMP MICREL-MIC45212-1YMP Datasheet
2Mb / 31P
   26V/14A DC-to-DC Power Module
More results

Similar Description - MIC45212-1YMP

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC45212 MICREL-MIC45212 Datasheet
2Mb / 31P
   26V/14A DC-to-DC Power Module
logo
Microchip Technology
MIC45212-1 MICROCHIP-MIC45212-1 Datasheet
1Mb / 37P
   26V, 14A DC-to-DC Power Module
10/25/17
logo
Micrel Semiconductor
MIC45208 MICREL-MIC45208 Datasheet
2Mb / 31P
   26V 10A DC-to-DC Power Module
MIC45208-1 MICREL-MIC45208-1 Datasheet
2Mb / 35P
   26V 10A DC-to-DC Power Module
MIC45205 MICREL-MIC45205 Datasheet
3Mb / 31P
   26V/6A DC-to-DC Power Module
logo
Microchip Technology
MIC45208-1 MICROCHIP-MIC45208-1 Datasheet
5Mb / 36P
   26V, 10A DC-to-DC Power Module
09/14/21
logo
Micrel Semiconductor
MIC45205 MICREL-MIC45205_15 Datasheet
2Mb / 35P
   26V/6A DC-to-DC Power Module
logo
Microchip Technology
MIC45205 MICROCHIP-MIC45205 Datasheet
3Mb / 40P
   26V/6A DC/DC Power Module
Revision B (May 2022)
logo
Micrel Semiconductor
MIC45116 MICREL-MIC45116 Datasheet
726Kb / 8P
   20V/6A/DC-to-DC Power Module
logo
List of Unclassifed Man...
EFRD-S257 ETC2-EFRD-S257 Datasheet
294Kb / 2P
   DC To DC 250W ERP1U Redundant Power Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com