Electronic Components Datasheet Search |
|
BQ296213DSGT Datasheet(PDF) 5 Page - Texas Instruments |
|
|
BQ296213DSGT Datasheet(HTML) 5 Page - Texas Instruments |
5 / 31 page 5 bq2961, bq2962 www.ti.com SLUSBU5C – NOVEMBER 2013 – REVISED OCTOBER 2016 Product Folder Links: bq2961 bq2962 Submit Documentation Feedback Copyright © 2013–2016, Texas Instruments Incorporated (1) Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended Operating Procedures. Exposure to absolute-maximum–rated conditions for extended periods may affect device reliability. 7 Specifications 7.1 Absolute Maximum Ratings Over operating free-air temperature range (unless otherwise noted) (1) MIN MAX UNIT Supply voltage range VDD – VSS –0.3 30 V Input voltage range V4 – V3, V3 – V2, V2 – V1, V1 – VSS –0.3 30 REG – VSS –0.3 3.6 REG_EN – VSS –0.3 28 Output voltage range OUT – VSS –0.3 30 Continuous total power dissipation, PTOT See Thermal Information. Lead temperature (soldering, 10 s), TSOLDER 300 300 °C Storage temperature,Tstg –65 150 °C (1) JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process. (2) JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process. 7.2 ESD Ratings VALUE UNIT V(ESD) Electrostatic discharge Human body model (HBM), per ANSI/ESDA/JEDEC JS-001, all pins(1) 2000 V Charged device model (CDM), per JEDEC specification JESD22-C101, all pins(2) 500 (1) See Typical Application. 7.3 Recommended Operating Conditions Over operating free-air temperature range (unless otherwise noted). MIN NOM MAX UNIT Supply voltage, VDD (1) Supply voltage, VDD (1), bq2960xy 3 15 V Supply voltage, VDD (1), bq2961xy, bq2962xy 3 20 Supply voltage, VDD with REG output on 4 Input voltage range Vn - Vn-1 , V1 – VSS 0 5 V REG_EN 0 15 V Operating ambient temperature range, TA –40 110 °C (1) For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application report (SPRA953). 7.4 Thermal Information THERMAL METRIC(1) bq2960xy UNIT DSG (WSON) 8 PINS RθJA Junction-to-ambient thermal resistance 62 °C/W RθJC(top) Junction-to-case(top) thermal resistance 72 °C/W RθJB Junction-to-board thermal resistance 32.5 °C/W ψJT Junction-to-top characterization parameter 1.6 °C/W ψJB Junction-to-board characterization parameter 33 °C/W RθJC(bot) Junction-to-case(bottom) thermal resistance 10 °C/W |
Similar Part No. - BQ296213DSGT |
|
Similar Description - BQ296213DSGT |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |